Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLV-3.3 Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # DLV-3.3
Description  Dual Output Mixed Voltage, DLV Models
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DLV-3.3 Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  DLV-3.3 Datasheet HTML 1Page - Murata Power Solutions Inc. DLV-3.3 Datasheet HTML 2Page - Murata Power Solutions Inc. DLV-3.3 Datasheet HTML 3Page - Murata Power Solutions Inc. DLV-3.3 Datasheet HTML 4Page - Murata Power Solutions Inc. DLV-3.3 Datasheet HTML 5Page - Murata Power Solutions Inc. DLV-3.3 Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
13A/37W , DU AL OUTPUT , MIXED-V OL T A GE DC/DC CONVER TERS
DLV Series
2
I/O Connections
Pin
Function P40
Function P47
Function P48
Function P54
1
+Input
+Input
+Input
+Input
2
–Input
–Input
–Input
–Input
3
No Pin
No Pin
No Pin
No Pin
4
On/Off Control
On/Off Control
On/Off Control
On/Off Control
5
+3.3V Trim*
+3.3V Trim*
+2.5V Trim*
+3.3V Trim*
6
+3.3V Output
+3.3V Output
+2.5V Output
+3.3V Output
7
Output Return
Output Return
Output Return
Output Return
8
+2.5V Output
+1.8V Output
+1.8V Output
+1.5V Output
9
+2.5V Trim
+1.8V Trim
+1.8V Trim
+1.5V Trim
Performance Specifications and Ordering Guide
DLV-3.3/6-1.5/7-D12
3.3
6
75
TBD
±1%
±1%
12
10-18
TBD
TBD
85%
C26, P54
1.5
7
75
TBD
±1%
±1%
DLV-3.3/6-1.5/7-D24
3.3
6
75
TBD
±1%
±1%
24
18-36
TBD
TBD
85%
C26, P54
1.5
7
75
TBD
±1%
±1%
DLV-3.3/6-1.5/7-D48
3.3
6
75
TBD
±1%
±1%
48
36-75
TBD
TBD
85%
C26, P54
1.5
7
75
TBD
±1%
±1%
DLV-3.3/6-1.8/7-D12
3.3
6
75
TBD
±1%
±1%
12
10-18
TBD
TBD
83%
C26, P47
1.8
7
75
TBD
±1%
±1%
DLV-3.3/6-1.8/7-D24
3.3
6
75
TBD
±1%
±1%
24
18-36
TBD
TBD
83%
C26, P47
1.8
7
75
TBD
±1%
±1%
DLV-3.3/6-1.8/7-D48
3.3
6
75
TBD
±1%
±1%
48
36-75
TBD
TBD
83%
C26, P47
1.8
7
75
TBD
±1%
±1%
DLV-3.3/6-2.5/7-D12
3.3
6
75
TBD
±1%
±1%
12
10-18
TBD
TBD
85%
C26, P40
2.5
7
75
TBD
±1%
±1%
DLV-3.3/6-2.5/7-D24
3.3
6
75
TBD
±1%
±1%
24
18-36
TBD
TBD
85%
C26, P40
2.5
7
75
TBD
±1%
±1%
DLV-3.3/6-2.5/7-D48
3.3
6
75
TBD
±1%
±1%
48
36-75
TBD
TBD
85%
C26, P40
2.5
7
75
TBD
±1%
±1%
➀ Typical at TA = +25°C under nominal line voltage and "balanced," full-power conditions:
3.3V @ 4.5A/2.5V @ 6A; 3.3V @ 5.2A/1.8V @ 7A; 3.3V @ 5.2A/1.8V @ 7A.
➁ Any combination of rated IOUT current are not to exceed 37 Watts of total output power.
(See derating graphs.)
Output
Input
R/N (mVp-p)
Regulation (Max.)
Efficiency
Package
VOUT
IOUT
VIN Nom.
Range
IIN
(Case,
Model
(Volts)
(Amps)
Typ.
Max.
Line
Load
(Volts)
(Volts)
(mA)
Min.
Typ.
Pinout)
BOTTOM VIEW
9
8
5
6
7
1
2
4
2.00
(50.08)
1.400
(35.56)
1.200
(30.48)
3 EQ. SP. @
0.400 (10.16)
1.800
(45.72)
0.10
(2.54)
0.10
(2.54)
0.40
(10.16)
PLASTIC CASE
0.040 ±0.001 DIA.
(1.016 ±0.025)
0.20 MIN
(5.08)
2.00
(50.08)
0.48
(12.19)
STANDOFF
0.020 (0.51)
DIMENSIONS ARE IN INCHES (MM)
0.200
(5.08)
0.400
(10.16)
Case C26
* Optional pins
➂ Ripple/Noise (R/N) measured over a 20MHz bandwidth. All models are specicfied with
TBD ceramic capacitors.
➃ Tested from no load to 100% load (other output at no load).
➄ Nominal line voltage, no load/balanced full-power condition.
MECHANICAL SPECIFICA TIONS
P A R T NUMBER STR UCTURE
V1 Nominal Output Voltage
3.3
DLV
6
-/
D48
-
Input Voltage Range:
D12 = 10-18 Volts (12V nominal)
D24 = 18-36 Volts (24V nominal)
D48 = 36-75 Volts (48V nominal)
I1 Maximum Output Current
Dual Low Voltage/
Mixed-Voltage Series
2.5
7
/-
T
V2 Nominal Output Voltage
I2 Maximum Output Current
Add T and N suffixes
as desired
N
Part Number Suffixes
Standard DLV DC/DC’s provide a Trim function (Pin 9) for the lower
of the two output voltages. A Trim pin (Pin 5) for the higher voltage can
be added by indicating a "T" suffix. An "N" suffix indicates that the On/Off
Control function incorporates negative polarity logic.
No Suffix Pins 5 not installed, positive polarity On/Off Control
T Suffix
Pin 5 added for higher voltage Trim option
N Suffix
Negative polarity On/Off Control
-Y
RoHS-5 hazardous substance compliance
Note: Not all model number combinations are available.
Contact C&D Technologies (DATEL).
Y
-
OBSOLETE PRODUCT
Contact Factory for Replacement Model


Similar Part No. - DLV-3.3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DLV60 ETC2-DLV60 Datasheet
89Kb / 2P
   MINI THROUGH BEAM SENSOR with separate amplifier
logo
Advantech Co., Ltd.
DLV6210-7PE11CWF0 ADVANTECH-DLV6210-7PE11CWF0 Datasheet
350Kb / 2P
   Rugged Vehicle-Mounted Terminal with Sunlight-Readable Display
4-Jan-2021
DLV6210-7PL100WF0 ADVANTECH-DLV6210-7PL100WF0 Datasheet
350Kb / 2P
   Rugged Vehicle-Mounted Terminal with Sunlight-Readable Display
4-Jan-2021
DLV6210-8PE110WF0 ADVANTECH-DLV6210-8PE110WF0 Datasheet
350Kb / 2P
   Rugged Vehicle-Mounted Terminal with Sunlight-Readable Display
4-Jan-2021
DLV6210-8PE11LWF0 ADVANTECH-DLV6210-8PE11LWF0 Datasheet
350Kb / 2P
   Rugged Vehicle-Mounted Terminal with Sunlight-Readable Display
4-Jan-2021
More results

Similar Description - DLV-3.3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DSM-5-3.3-D12 ETC1-DSM-5-3.3-D12 Datasheet
175Kb / 7P
   Dual Output Mixed Voltage, DSM Models
BCP-5-3.3-D24 ETC1-BCP-5-3.3-D24 Datasheet
240Kb / 12P
   Dual Output Mixed Voltage, BCP Models
logo
C&D Technologies
BWR-15 CANDD-BWR-15 Datasheet
433Kb / 6P
   Dual Output A-Series, BWR Models
logo
Murata Manufacturing Co...
UEP-3.3-4500-D12 MURATA-UEP-3.3-4500-D12 Datasheet
863Kb / 11P
   Single Output UEP Models
logo
List of Unclassifed Man...
UHP-3-3-30-D48 ETC-UHP-3-3-30-D48 Datasheet
69Kb / 4P
   Single Output UHP Models
9171 ETC2-9171 Datasheet
2Mb / 6P
   Single and dual output models with up to 210W output power
logo
All Sensors Corporation
DS-0336 ASC-DS-0336 Datasheet
1Mb / 15P
   DLV Series Low Voltage Digital Pressure Sensors
logo
Murata Manufacturing Co...
USQ30 MURATA-USQ30 Datasheet
408Kb / 15P
   Single Output USQ 30A Models
BWR-15-330-D48A-C MURATA-BWR-15-330-D48A-C Datasheet
151Kb / 5P
   BWR Models 7-10W, Dual Output DC/DC converters
logo
List of Unclassifed Man...
SP50U-T ETC1-SP50U-T Datasheet
287Kb / 2P
   50 AND 80 WATT TRIIPLE OUTPUT MODELS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com