Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LSM-1 Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # LSM-1
Description  Single Output, Non-Isolated, 3.3VIN, 0.8-2.5VOUT 10 Amp DC/DC?셲 in SMT Packages
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LSM-1 Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  LSM-1 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LSM-1 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LSM-1 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. LSM-1 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. LSM-1 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. LSM-1 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. LSM-1 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. LSM-1 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. LSM-1 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Output Overcurrent Detection
Overloading the power converter's output for an extended time will invariably
cause internal component temperatures to exceed their maximum ratings and
eventually lead to component failure. High-current-carrying components such
as inductors, FET's and diodes are at the highest risk. LSM D3 SMT Series
DC/DC converters incorporate an output overcurrent detection and shutdown
function that serves to protect both the power converter and its load.
If the output current exceeds it maximum rating by typically 70% (17 Amps) or
if the output voltage drops to less than 98% of it original value, the LSM D3's
internal overcurrent-detection circuitry immediately turns off the converter,
which then goes into a "hiccup" mode. While hiccupping, the converter will
continuously attempt to restart itself, go into overcurrent, and then shut down.
Under these conditions, the average output current will be approximately
600mA, and the average input current will be approximately 110mA. Once the
output short is removed, the converter will automatically restart itself.
Output Voltage Trimming
Allowable trim ranges for each model in the LSM D3 SMT Series are ±10%.
Trimming is accomplished with either a trimpot or a single fixed resistor. The
trimpot should be connected between +Output and Common with its wiper
connected to the Trim pin as shown in Figure 6 below.
A trimpot can be used to determine the value of a single fixed resistor
which can then be connected, as shown in Figure 7, between the Trim pin
and +Output to trim down the output voltage, or between the Trim pin and
Common to trim up the output voltage. Fixed resistors should have absolute
TCR’s less than 100ppm/ C to ensure stability.
The equations below can be starting points for selecting specific trim-resistor
values. Recall, untrimmed devices are guaranteed to be 1% accurate.
Adjustment beyond the specified ±10% adjustment range is not recommended.
When using trim in combination with Remote Sense, the maximum rated power
must not be exceeded (see Remote Sense).
On/Off Control
The On/Off Control pin may be used for remote on/off operation. LSM D3
Series DC/DC converters are designed so that they are enabled when the
control pin is left open (open collector) and disabled when the control pin is
pulled low (to less than +0.8V relative to Common). As shown in Figure 4, all
models have an internal 5k
pull-up resistor to VIN (+Input).
Dynamic control of the on/off function is best accomplished with a mechanical
relay or open-collector/open-drain drive circuit (optically isolated if appropri-
ate). The drive circuit should be able to sink appropriate current when
activated and withstand appropriate voltage when deactivated.
Applying an external voltage to the On/Off Control pin when no input power is
applied to the converter can cause permanent damage to the converter. The
on/off control function, however, is designed such that the converter can be
disabled (control pin pulled low) while input voltage is ramping up and then
"released" once the input has stabilized (see also power-up sequencing).
+INPUT
COMMON
EXTERNAL
OPEN
COLLECTOR
INPUT
5k
10k
Figure 5. Driving the External Power-Up Open Collector
ON/OFF pin open:
Logic High = DC/DC converter On
ON/OFF pin <0.4V:
Logic Low = DC/DC converter Off
External Input Open:
On/Off pin Low = DC/DC converter Off
External Input Low:
On/Off pin High = DC/DC converter On
Power-up sequencing
If a controlled start-up of one or more LSM D3 Series DC/DC converters
is required, or if several output voltages need to be powered-up in a given
sequence, the On/Off control pin can be driven with an external open collector
device as per Figure 5.
Leaving the input of the external circuit open during power-up will have the
output of the DC/DC converter disabled. When the input to the external open
collector is pulled low, the DC/DC converters output will be enabled.
Output Overvoltage Protection
LSM D3 SMT Series DC/DC converters do not incorporate output overvolt-
age protection. In the extremely rare situation in which the device’s feedback
loop is broken, the output voltage may run to excessively high levels (VOUT =
VIN). If it is absolutely imperative that you protect your load against any and
all possible overvoltage situations, voltage limiting circuitry must be provided
external to the power converter.
Figure 4. Driving the On/Off Control Pin with an Open-Collector Drive Circuit
LSM-10A D3 Models
Single Output, Non-Isolated, 3.3VIN, 0.8-2.5VOUT
10 Amp DC/DC’s in SMT Packages
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
MDC_LSM-10A D3.B01 Page 5 of 13


Similar Part No. - LSM-1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LSM-1.2/10-D12EB MURATA-LSM-1.2/10-D12EB Datasheet
217Kb / 5P
   10 Amp DC/DC Power Converter Evaluation Boards
LSM-1.2/10-D3EB MURATA-LSM-1.2/10-D3EB Datasheet
217Kb / 5P
   10 Amp DC/DC Power Converter Evaluation Boards
LSM-1.2/10-D5-C MURATA-LSM-1.2/10-D5-C Datasheet
400Kb / 13P
   Single Output, Non-Isolated, 5VIN, 0.8-3.3VOUT, 10A, DC/DCs in SMT Packages
LSM-1.2/10-D5EB MURATA-LSM-1.2/10-D5EB Datasheet
217Kb / 5P
   10 Amp DC/DC Power Converter Evaluation Boards
LSM-1.2/16-D12 MURATA-LSM-1.2/16-D12 Datasheet
372Kb / 12P
   Non-Isolated, 13-80W SMT DC/DC Converters
More results

Similar Description - LSM-1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LSM10A-D5 MURATA-LSM10A-D5 Datasheet
400Kb / 13P
   Single Output, Non-Isolated, 5VIN, 0.8-3.3VOUT, 10A, DC/DCs in SMT Packages
LSN16A-D12 MURATA-LSN16A-D12 Datasheet
309Kb / 13P
   Single Output, Non-Isolated, 12VIN, 0.75-5VOUT 16 Amp in DC/DCs SIP Packages
LSN10A-D12 MURATA-LSN10A-D12 Datasheet
377Kb / 12P
   Single Output, Non-Isolated, 12VIN, 1-5VOUT, 10A, DC/DCs in SIP Packages
logo
Artesyn Technologies
LDO10C ARTESYN-LDO10C Datasheet
651Kb / 20P
   Single Output 10 A DC-DC C Class Non-Isolated DC-DC Converter
logo
International Rectifier
IRUH330125AK IRF-IRUH330125AK Datasheet
206Kb / 9P
   3.3VIN to 2.5VOUT @3.0A
logo
Murata Manufacturing Co...
MPDTH03060WAH MURATA-MPDTH03060WAH Datasheet
177Kb / 6P
   Adjustable Non-isolated 10-Amp POLA DC/DC Converters
logo
Artesyn Technologies
SIL10E-05W3V3-VJ ARTESYN-SIL10E-05W3V3-VJ Datasheet
721Kb / 3P
   49.9 Watt (10 Amp) Non-Isolated DC-DC Converters
SIL10E-05W3V3-VJ ARTESYN-SIL10E-05W3V3-VJ_15 Datasheet
721Kb / 3P
   49.9 Watt (10 Amp) Non-Isolated DC-DC Converters
logo
Wall Industries,Inc.
DCDA1 WALL-DCDA1 Datasheet
282Kb / 3P
   2A Non-Isolated DC/DC Converter Single Output
logo
Murata Manufacturing Co...
LSN10A-D5 MURATA-LSN10A-D5 Datasheet
346Kb / 15P
   Non-Isolated, 5VIN, 1-3.8VOUT 10 Amp DC/DC In SIP Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com