Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

82683C Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # 82683C
Description  Miniature Surface Mount Power Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

82683C Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  82683C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. 82683C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. 82683C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. 82683C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
KMP_8200C_B02 Page 4 of 4
8200 Series
Miniature Surface Mount Power Inductors
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2008 Murata Power Solutions, Inc.
USA:
Mansfield (MA), Tel: (800) 233 2765, email: sales@murata-ps.com
Canada: Toronto, Tel: (866) 740 1232, email: toronto@murata-ps.com
UK:
Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com
France:
Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com
Germany: München, Tel: +49 (0)89-544334-0, email: ped.munich@murata-ps.com
Japan:
Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com
Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com
Website: www.murata-ps.jp
China:
Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com
Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 REGISTERED
PACKAGE SPECIFICATIONS (continued)
REEL OUTLINE DIMENSIONS
17±0.6
(0.67±0.024)
12.4±0.2
(0.488±0.008)
13.50
12.80
0.531
0.504
ØØ
2.3 (0.091)
50 ±0.1 (1.97 ±0.078)
Ø21.5 (0.846)
100 (3.937)
Min.
Leader Section
400 (15.748) Min.
Goods
Enclosure
Section
Trailer Section
160 (6.299) Min.
Ø330 ±0.05 (12.992±0.020)
All dimension in mm [inches]
Tape and reel specifications conform with international standards EIA-481-C


Similar Part No. - 82683C

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8268 BELDEN-8268 Datasheet
144Kb / 3P
   Mil-Spec Coax, 50 Ohm, RG-214, 13 AWG Str SC, Double 95% SC Braid,PVC Jkt, CMX, Commercial Non-QPL
04-13-2023
8268-0101000 BELDEN-8268-0101000 Datasheet
144Kb / 3P
   Mil-Spec Coax, 50 Ohm, RG-214, 13 AWG Str SC, Double 95% SC Braid,PVC Jkt, CMX, Commercial Non-QPL
04-13-2023
8268-010500 BELDEN-8268-010500 Datasheet
144Kb / 3P
   Mil-Spec Coax, 50 Ohm, RG-214, 13 AWG Str SC, Double 95% SC Braid,PVC Jkt, CMX, Commercial Non-QPL
04-13-2023
logo
RAF ELECTRONIC HARDWARE
8268-832-A RAF-8268-832-A Datasheet
133Kb / 1P
   OFFSET ROUND INTERNAL THREAD HANDLE
8268-832-SS RAF-8268-832-SS Datasheet
133Kb / 1P
   OFFSET ROUND INTERNAL THREAD HANDLE
More results

Similar Description - 82683C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
KMP_8400 MURATA-KMP_8400 Datasheet
123Kb / 3P
   Miniature Surface Mount Power Inductors
logo
Murata Power Solutions ...
8400 MURATA-PS-8400 Datasheet
143Kb / 3P
   Miniature Surface Mount Power Inductors
logo
Bi technologies
HM61 BITECH-HM61 Datasheet
252Kb / 2P
   Low Cost Miniature Surface Mount Inductors
logo
List of Unclassifed Man...
HM61 ETC1-HM61 Datasheet
252Kb / 2P
   Low Cost Miniature Surface Mount Inductors
HM66 ETC-HM66 Datasheet
81Kb / 8P
   Miniature Low Profile, Shielded Surface Mount Inductors
logo
TT Electronics.
HA66 TTELEC-HA66 Datasheet
373Kb / 3P
   Miniature Low Profile, Shielded Surface Mount Inductors
HM66 TTELEC-HM66 Datasheet
720Kb / 3P
   Miniature Low Profile, Shielded Surface Mount Inductors
logo
Bi technologies
HM66 BITECH-HM66_15 Datasheet
362Kb / 3P
   Miniature Low Profile, Shielded Surface Mount Inductors
logo
ice Components, Ins.
LO3316 ICE-LO3316 Datasheet
408Kb / 1P
   Surface Mount Power Inductors
GS43-1R0 ICE-GS43-1R0 Datasheet
783Kb / 3P
   Surface Mount Power Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com