Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

84132C Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # 84132C
Description  Miniature Surface Mount Power Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

84132C Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  84132C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. 84132C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. 84132C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KMP_8400C_A02 Page 1 of 3
8400 Series
Miniature Surface Mount Power Inductors
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
For full details go to
www.murata-ps.com/rohs
SELECTION GUIDE
Order Code
Inductance, L
DC Current2
DC Resistance
±10%
Max.
Max.
μH
A
Ω
84102C
1.0±20%
2.80
0.08
84132C
1.3±20%
2.50
0.08
84222C
2.2±20%
2.00
0.09
84332C
3.3±20%
1.50
0.12
84472C
4.7±20%
1.30
0.15
84682C
6.8±20%
1.05
0.20
84103C
10
0.95
0.24
84153C
15
0.75
0.45
84223C
22
0.60
0.60
84333C
33
0.55
0.86
84473C
47
0.42
1.1
84683C
68
0.38
1.6
84104C
100
0.30
2.0
84154C
150
0.25
3.2
84224C
220
0.20
4.6
84334C
330
0.17
6.5
84474C
470
0.14
8.5
84684C
680
0.12
11.5
84105C
1000
0.09
18.0
84155C
1500
0.08
27.0
84225C
2200
0.05
45
ABSOLUTE MAXIMUM RATINGS
Operating free air temperature range
-40°C to 125°C
Storage temperature range
-40°C to 150°C
SOLDERING INFORMATION1
Peak reflow solder temperature
250°C
Pin finish
SAC 305
Moisture sensitivity level
1
PACKAGE SPECIFICATIONS
Mechanical Dimensions
Package weight: 0.15g Typ.
Recommended Footprint Details
All dimensions in mm (inches)
Specifications typical at T
A
= 25°C
1 For further information, please visit www.murata-ps.com/rohs
2 The maximum DC current is the value at which the inductance falls to 75% of its nominal value or when its temperature rise reaches
40°C, whichever is sooner.
FEATURES
RoHS compliant
Up to 2.8A IDC
1.0μH to 2.2mH
Low RDC
Small footprint
Ultra-low profile
UL 94V-0 packaging materials
J-STD-020C reflow
Custom inductance values available
The 8400 series is a range of miniature, surface-
mount,
I-core power inductors. They are designed
for use in power applications with restricted
PCB space and height, such as ExpressCard™
technology, handheld devices, DC-DC converters
and notebook computers. The products are
supplied in tape and reel for high-volume,
automated surface-mount assembly.
PRODUCT OVERVIEW
3.3±0.3 (0.130±0.012)
4.5±0.3
(0.177±0.012)
2.6±0.3 (0.102±0.012)
1.0 (0.039) Min.
2.0 (0.079)
3.5 (0.138)
2.0 (0.079)
1.2 (0.047)


Similar Part No. - 84132C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
84132C MURATA-PS-84132C Datasheet
143Kb / 3P
   Miniature Surface Mount Power Inductors
More results

Similar Description - 84132C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
KMP_8200C MURATA-KMP_8200C Datasheet
125Kb / 4P
   Miniature Surface Mount Power Inductors
logo
Murata Power Solutions ...
8400 MURATA-PS-8400 Datasheet
143Kb / 3P
   Miniature Surface Mount Power Inductors
logo
Bi technologies
HM61 BITECH-HM61 Datasheet
252Kb / 2P
   Low Cost Miniature Surface Mount Inductors
logo
List of Unclassifed Man...
HM61 ETC1-HM61 Datasheet
252Kb / 2P
   Low Cost Miniature Surface Mount Inductors
HM66 ETC-HM66 Datasheet
81Kb / 8P
   Miniature Low Profile, Shielded Surface Mount Inductors
logo
TT Electronics.
HA66 TTELEC-HA66 Datasheet
373Kb / 3P
   Miniature Low Profile, Shielded Surface Mount Inductors
HM66 TTELEC-HM66 Datasheet
720Kb / 3P
   Miniature Low Profile, Shielded Surface Mount Inductors
logo
Bi technologies
HM66 BITECH-HM66_15 Datasheet
362Kb / 3P
   Miniature Low Profile, Shielded Surface Mount Inductors
logo
ice Components, Ins.
LO3316 ICE-LO3316 Datasheet
408Kb / 1P
   Surface Mount Power Inductors
GS43-1R0 ICE-GS43-1R0 Datasheet
783Kb / 3P
   Surface Mount Power Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com