Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

40151C Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # 40151C
Description  Toroidal Surface Mount Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

40151C Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  40151C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. 40151C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
KMP_4000C_B02 Page 2 of 2
4000 Series
Toroidal Surface Mount Inductors
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2008 Murata Power Solutions, Inc.
USA:
Mansfield (MA), Tel: (800) 233 2765, email: sales@murata-ps.com
Canada: Toronto, Tel: (866) 740 1232, email: toronto@murata-ps.com
UK:
Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com
France:
Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com
Germany: München, Tel: +49 (0)89-544334-0, email: ped.munich@murata-ps.com
Japan:
Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com
Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com
Website: www.murata-ps.jp
China:
Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com
Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 REGISTERED
PACKAGE SPECIFICATIONS
MECHANICAL DIMENSIONS
RECOMMENDED FOOTPRINT DETAILS
TUBE OUTLINE DIMENSIONS
All dimensions in mm (inches)..
Package weight 3.2g.
All dimensions in mm (inches).
Tube quantity: 30
Tube material: Antistatic coated clear PVC
Tube length: 475±2 [18.701±0.079]
All dimensions in mm (inches).
14.10 (0.555) Max.
14.22 (0.560) Max.
12.32 (0.485)
10.60 (0.417)
8.76 (0.345) Max.
0.127 (0.005)
S
x4 PLACES
XYYWW
40331C
13.21 (0.520)
11.68 (0.460)
1.52 (0.060)
15.00 (0.591)
9.2 (0.362)
0.60±0.15 (0.024±0.006)


Similar Part No. - 40151C

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
40151 CANDD-40151 Datasheet
192Kb / 1P
   Toroidal Surface Mount Inductors
logo
Turck, Inc.
40151 TURCK-40151 Datasheet
317Kb / 4P
   Inductive Sensor
11/07/2023
4015100 TURCK-4015100 Datasheet
313Kb / 3P
   Inductive Sensor
11/07/2023
More results

Similar Description - 40151C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
KMP_4200 MURATA-KMP_4200 Datasheet
138Kb / 3P
   Toroidal Surface Mount Inductors
logo
C&D Technologies
4000 CANDD-4000 Datasheet
192Kb / 1P
   Toroidal Surface Mount Inductors
logo
Rhombus Industries Inc.
L-15000 RHOMBUS-IND-L-15000 Datasheet
41Kb / 1P
   Surface Mount Toroidal Inductors
logo
ECM Electronics Limited...
SMTC30 ECM-SMTC30 Datasheet
148Kb / 1P
   Surface Mount Toroidal Inductors
logo
Murata Power Solutions ...
4100 MURATA-PS-4100 Datasheet
186Kb / 2P
   Toroidal Surface Mount Inductors
logo
C&D Technologies
4100 CANDD-4100 Datasheet
172Kb / 1P
   Toroidal Surface Mount Inductors
logo
Murata Manufacturing Co...
KMP_4100 MURATA-KMP_4100 Datasheet
114Kb / 2P
   Toroidal Surface Mount Inductors
logo
ECM Electronics Limited...
SMTC ECM-SMTC Datasheet
152Kb / 1P
   ECM Surface Mount Toroidal Inductors
logo
Murata Manufacturing Co...
83683C MURATA-83683C Datasheet
167Kb / 2P
   Toroidal Surface Mount Power Inductors
KMP_4300 MURATA-KMP_4300 Datasheet
136Kb / 3P
   Dual Winding Toroidal Surface Mount Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com