Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KMP_4500 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # KMP_4500
Description  Shielded Surface Mount Power Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

KMP_4500 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  KMP_4500 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. KMP_4500 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. KMP_4500 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KMP_4500C_B02 Page 2 of 3
4500 Series
Shielded Surface Mount Power Inductors
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
INDUCTANCE Vs CURRENT
TEMPERATURE Vs CURRENT
INDUCTANCE Vs FREQUENCY
0.1
1
10
100
1000
10000
0.0
0.0
0.1
1.0
10.0
Current, IDC (A)
1mH
100μH
10μH
1μH
0
10
20
30
40
50
60
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
Current, IDC (A)
1mH
100μH
10μH
1μH
0.1
1
10
100
1000
10000
10
100
1000
10000
Frequency, (kHz)
1mH
100μH
10μH
1μH


Similar Part No. - KMP_4500

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
KMP-4-B MSYSTEM-KMP-4-B Datasheet
134Kb / 4P
   Final Control Elements
KMP-4-B/Q MSYSTEM-KMP-4-B/Q Datasheet
134Kb / 4P
   Final Control Elements
KMP-4-C MSYSTEM-KMP-4-C Datasheet
134Kb / 4P
   Final Control Elements
KMP-4-C/Q MSYSTEM-KMP-4-C/Q Datasheet
134Kb / 4P
   Final Control Elements
KMP-4-D MSYSTEM-KMP-4-D Datasheet
134Kb / 4P
   Final Control Elements
More results

Similar Description - KMP_4500

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
KMP_4600 MURATA-KMP_4600 Datasheet
128Kb / 3P
   Shielded Surface Mount Power Inductors
logo
Murata Power Solutions ...
4500 MURATA-PS-4500 Datasheet
165Kb / 3P
   Shielded Surface Mount Power Inductors
46281C MURATA-PS-46281C Datasheet
148Kb / 3P
   Shielded Surface Mount Power Inductors
logo
Murata Manufacturing Co...
KMP_4900S MURATA-KMP_4900S Datasheet
145Kb / 3P
   Shielded Surface Mount Power Inductors
logo
Abracon Corporation
ASPI-0403S ABRACON-ASPI-0403S Datasheet
225Kb / 1P
   SURFACE MOUNT SHIELDED POWER INDUCTORS
06.27.07
logo
TT Electronics.
HM71S TTELEC-HM71S Datasheet
636Kb / 2P
   Shielded Surface Mount Power Inductors
logo
API Delevan
SP1812 API-SP1812 Datasheet
182Kb / 1P
   Shielded Surface Mount Power Inductors
SP1008R API-SP1008R Datasheet
1Mb / 1P
   Shielded Surface Mount Power Inductors
logo
Murata Manufacturing Co...
KMP_4800S MURATA-KMP_4800S Datasheet
140Kb / 3P
   Shielded Surface Mount Power Inductors
logo
Bi technologies
HM66A BITECH-HM66A Datasheet
971Kb / 5P
   Shielded Surface Mount Power Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com