Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

35152C Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # 35152C
Description  Flat Coil SM Power Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

35152C Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  35152C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. 35152C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. 35152C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KMP_3500C_A01 Page 2 of 3
3500 Series
Flat Coil SM Power Inductors
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
INDUCTANCE Vs CURRENT
TEMPERATURE Vs CURRENT
INDUCTANCE Vs FREQUENCY
0.1
1
10
0.01
0.10
1.00
10.00
100.00
Current, IDC (A)
0
20
40
60
80
100
120
02468
10
12
14
Current, IDC (A)
0.1
1
10
10
100
1000
10000
Frequency, (kHz)
35152C
Typical performance characteristics
35152C
Typical performance characteristics
35152C
Typical performance characteristics


Similar Part No. - 35152C

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
3515202 FESTO-3515202 Datasheet
100Kb / 2P
   Hand lever valve
3515258 FESTO-3515258 Datasheet
100Kb / 2P
   Hand lever valve
3515286 FESTO-3515286 Datasheet
100Kb / 2P
   Hand lever valve
logo
Vishay Siliconix
35152E3 VISHAY-35152E3 Datasheet
136Kb / 7P
   Aluminum Electrolytic Capacitors Power Long Life 4-Terminal Snap-In
Revision: 14-Oct-16
More results

Similar Description - 35152C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
KMP_3600 MURATA-KMP_3600 Datasheet
123Kb / 3P
   Flat Coil SM Power Inductors
logo
RENCO ELECTRONICS, INC.
RL-1170 RENCO-RL-1170 Datasheet
1Mb / 2P
   MINI-INDUCTORS VERTICAL FLAT COIL
logo
ECM Electronics Limited...
RC0910 ECM-RC0910 Datasheet
66Kb / 3P
   Flat Radial Coil
logo
NIC-Components Corp.
NPIF-C NIC-NPIF-C Datasheet
170Kb / 4P
   NPIF Flat Wire Power Inductors
NPIF_C NIC-NPIF_C Datasheet
164Kb / 4P
   NPIF Flat Wire Power Inductors
logo
Pulse A Technitrol Comp...
PG0426NL PULSE-PG0426NL Datasheet
88Kb / 2P
   SMT POWER INDUCTORS Flat Coils
logo
List of Unclassifed Man...
RC0910 ETC1-RC0910 Datasheet
66Kb / 3P
   ECM Flat Radial Coil
logo
Pulse A Technitrol Comp...
PG0083332NLT PULSE-PG0083332NLT Datasheet
85Kb / 2P
   SMT POWER INDUCTORS Flat Coils - PG0083 Series
SPM2007 PULSE-SPM2007_33 Datasheet
238Kb / 2P
   SMT POWER INDUCTORS Flat coils - PG0426NL Series
logo
Bel Fuse Inc.
DRC-V BEL-DRC-V Datasheet
1Mb / 4P
   Radial Coil Inductors
Jul-11-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com