Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

23S4R7C Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # 23S4R7C
Description  Bobbin Wound Surface Mount Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

23S4R7C Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  23S4R7C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. 23S4R7C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. 23S4R7C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. 23S4R7C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2300 Series
Bobbin Wound Surface Mount Inductors
KMP_2300C_B02 Page 1 of 4
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
For full details go to
www.murata-ps.com/rohs
FEATURES
RoHS compliant
Up to 2.1A IDC
2.2μH to 220μH
Optional integral EMI shield
Low RDC
Surface mount
Compact size
Tape and reel packaging
J-STD-020C reflow
Backward compatible with
Sn/Pb soldering systems
DESCRIPTION
The 2300 series is a range of bobbin-wound,
surface-mount inductors designed for use in
switching power supply, and power line filter
circuits. The parts are suitable for any application
requiring a high saturation current in a miniature
surface-mount footprint. Where EMI is a critical
factor, the devices are available with an integral
ferrite EMI shield.
SELECTION GUIDE (UNSHIELDED TYPES)
Order Code
Inductance
(1kHz, 100mVAC)
Inductance Range
(1kHz, 100mVAC)
DC
Current1
DC
Resistance
Nom.
Min. - Max.
Max.
Max.
μH
μH
A
Ω
232R2C
2.2
1.7 - 2.8
2.10
0.040
233R3C
3.3
2.3 - 3.9
1.80
0.058
234R7C
4.7
3.6 - 6.0
1.48
0.068
236R8C
6.8
5.1 - 8.6
1.22
0.102
23100C
10
7.6 - 12.7
1.02
0.138
23150C
15
11.3 - 18.9
0.86
0.210
23220C
22
16.8 - 28.1
0.74
0.361
23330C
33
24.6 - 41.0
0.64
0.497
23470C
47
34.6 - 57.6
0.55
0.683
23680C
68
51.0 - 85.0
0.49
1.051
23101C
100
74.2 - 124
0.43
1.281
SELECTION GUIDE (SHIELDED TYPES)
Order Code
Inductance
(1kHz, 100mVAC)
Inductance Range
(1kHz, 100mVAC)
DC
Current1
DC
Resistance
Nom.
Min. - Max.
Max.
Max.
μH
μH
A
Ω
23S2R2C
2.2
1.8 - 3.0
2.10
0.025
23S3R3C
3.3
2.7 - 4.5
1.80
0.031
23S4R7C
4.7
3.8 - 6.4
1.60
0.044
23S6R8C
6.8
5.2 - 8.6
1.40
0.064
23S100C
10
7.5 - 12.6
1.18
0.087
23S120C
12
9.4 - 15.6
1.08
0.107
23S150C
15
11.4 - 19.0
0.96
0.131
23S180C
18
13.6 - 22.6
0.88
0.143
23S220C
22
16.0 - 26.7
0.80
0.175
23S270C
27
20.0 - 33.3
0.72
0.218
23S330C
33
24.4 - 40.7
0.65
0.241
23S390C
39
29.3 - 48.8
0.60
0.370
23S470C
47
34.6 - 57.7
0.54
0.460
23S560C
56
42.4 - 70.6
0.50
0.509
23S680C
68
50.9 - 84.9
0.45
0.641
23S101C
100
75.8 - 126
0.37
0.782
23S151C
150
112 - 187
0.30
1.190
23S221C
220
167 - 279
0.25
2.280
ABSOLUTE MAXIMUM RATINGS
Operating free air temperature range
-40°C to 85°C
Storage temperature range
-40°C to 125°C
SOLDERING INFORMATION2
Peak reflow temperature
250˚C
Pin finish
Hot dipped tin
Specifications typical at T
A
= 25°C
1 The maximum DC current is the value at which the inductance falls to 75% of its nominal value or when its temperature rise reaches
40°C, whichever is sooner.
2 For further information, please visit www.murata-ps.com/rohs


Similar Part No. - 23S4R7C

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
23S4R7 CANDD-23S4R7 Datasheet
51Kb / 2P
   Bobbin Wound Surface Mount Inductors
More results

Similar Description - 23S4R7C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
2200RM MURATA-PS-2200RM Datasheet
185Kb / 3P
   Bobbin Wound Surface Mount Inductors
logo
C&D Technologies
2400 CANDD-2400 Datasheet
100Kb / 2P
   Bobbin Wound Surface Mount Inductors
2600 CANDD-2600 Datasheet
101Kb / 2P
   Bobbin Wound Surface Mount Inductors
logo
Murata Manufacturing Co...
22R105MC MURATA-22R105MC Datasheet
178Kb / 3P
   Bobbin Wound Surface Mount Inductors
KMP_2800 MURATA-KMP_2800 Datasheet
133Kb / 3P
   Bobbin Wound Surface Mount Inductors
logo
C&D Technologies
2300 CANDD-2300 Datasheet
51Kb / 2P
   Bobbin Wound Surface Mount Inductors
logo
Murata Power Solutions ...
2600 MURATA-PS-2600 Datasheet
153Kb / 4P
   Bobbin Wound Surface Mount Inductors
2800 MURATA-PS-2800 Datasheet
280Kb / 3P
   Bobbin Wound Surface Mount Inductors
logo
Murata Manufacturing Co...
KMP_2400 MURATA-KMP_2400 Datasheet
170Kb / 4P
   Bobbin Wound Surface Mount Inductors
KMP_2600 MURATA-KMP_2600 Datasheet
156Kb / 4P
   Bobbin Wound Surface Mount Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com