Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1U-3X-16-A-12-RC Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # S1U-3X-16-A-12-RC
Description  1U 19 inch Power Shelf for the D1U Family of Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

S1U-3X-16-A-12-RC Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  S1U-3X-16-A-12-RC Datasheet HTML 1Page - Murata Power Solutions Inc. S1U-3X-16-A-12-RC Datasheet HTML 2Page - Murata Power Solutions Inc. S1U-3X-16-A-12-RC Datasheet HTML 3Page - Murata Power Solutions Inc. S1U-3X-16-A-12-RC Datasheet HTML 4Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
S1U-3X.B01 Page 2 of 4
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
S1U-3X
1U 19 inch Power Shelf for the D1U Family of Power Supplies
GENERAL CHARACTERISTICS
Parameter
Conditions
MIN.
TYP.
MAX.
Units
Storage Temperature Range
Non-condensing
-40
125
°C
Operating Temperature Range
050
Operating Humidity
Non-condensing
10
90
%
Storage Humidity
590
Shock
30G non operating
Sinusoidal Vibration
0.5G, 5 – 500 Hz
MTBF
Calculated per Bellcore at Ta=30°C
200
x105 hrs
Demonstrated
200
x105 hrs
CONNECTOR TO CUSTOMER SYSTEM
Signal Connector: MOLEX # 39-28-5204 OR TYCO # 281282-1
Pin Assignment
Signal Name
Description
High Level
Low Level
I Max
1
AC_OK11
Input AC Voltage ‘OK’ signal output for the shelf
open drain
< 0.7V
- 2 mA
+ 4 mA
2
P_Good12
Power good signal output for the shelf
open drain
< 0.7V
- 2 mA
+ 4 mA
3
PS_On13
Power enable for the shelf
> 2.1V (open, or Vsb)
< 0.7V (active, PS:On)
- 1 mA
- 4 mA
4
NOT USED
5
AC_OK01
Input AC Voltage “OK” signal output for the shelf
open drain
< 0.7V
- 2 mA
+ 4 mA
6
P_Good02
Power good signal output for the shelf
open drain
< 0.7V
- 2 mA
+ 4 mA
7
PS_OnO3
Power enable for the shelf
> 2.1V (open, or Vsb)
< 0.7V (active, PS:On)
- 1 mA
- 4 mA
8
NOT USED
9I2C Adr2
Address input 2
> 2.1V, < Vsb
< 0.8V
± 1 mA
10
I2C Clock4
I2C serial clock bus
Vsb
11
I2C Data4
I2C serial data bus
Vsb
12
I_SHARE
13
SENSE +5
14
SENSE -5
15
Vsb
Standby voltage output
16
Vsb
Standby voltage output
17
Vsb
Standby voltage output
18
GND
GROUND
19
GND
GROUND
20
GND
GROUND
All control signals are with respect to Ground. Negative currents exit the power supply.
1 Signal goes low when any one of the three power supplies loses AC
2 Signal goes low when any one of the three power supplies fail
3 Pull this pin to GND to turn on three power supplies at the same time. Use I2C to turn on one power supply at a time.
4 Recomended 10KOhm pull up resistor to host 3.3 or 5V rail
5 Short Sense+ to +Vout and Sens- to GND at the point of load


Similar Part No. - S1U-3X-16-A-12-RC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
S1U-3X-16-A-12-RC MURATA-PS-S1U-3X-16-A-12-RC Datasheet
355Kb / 7P
   AC/DC Front End Power Supply S1U Power Shelf
S1U-3X-16-A-12-RC MURATA-PS-S1U-3X-16-A-12-RC Datasheet
348Kb / 7P
   AC/DC Front End Power Supply S1U Power Shelf
More results

Similar Description - S1U-3X-16-A-12-RC

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
PS200-1U AXIOMTEK-PS200-1U_17 Datasheet
96Kb / 1P
   Power Supplies - 1U Type
logo
Vicor Corporation
19-130040 VICOR-19-130040 Datasheet
151Kb / 1P
   ConverterPACs are the family of slide-in output assemblies used in MegaPAC power supplies
19-130042 VICOR-19-130042 Datasheet
176Kb / 1P
   ConverterPACs are the family of slide-in output assemblies used in MegaPAC power supplies
logo
TDK Electronics
HFE2500 TDK-HFE2500 Datasheet
1Mb / 2P
   2500W 1U Front End Power Supplies
RFE1600 TDK-RFE1600 Datasheet
705Kb / 2P
   1600W 1U Front End Power Supplies
HFE1600 TDK-HFE1600 Datasheet
1,001Kb / 2P
   1600W 1U Front End Power Supplies
logo
Bel Fuse Inc.
ABC600-1012G BEL-ABC600-1012G Datasheet
1Mb / 11P
   The high efficiency and high power density of the ABC family ensures
logo
Technology Dynamics Inc...
TDRCP-HS-12-60 TECHNOLOGY-TDRCP-HS-12-60 Datasheet
203Kb / 2P
   HOT SWAP 1U, RACK MOUNT SWITCHING POWER SUPPLIES
logo
Kendall Howard
1906-1-011-01 KENDALLHOWARD-1906-1-011-01 Datasheet
211Kb / 1P
   1U 5” COMPONENT SHELF
1903-1-200-01 KENDALLHOWARD-1903-1-200-01 Datasheet
74Kb / 1P
   Shelf - 1U Cable Lacing
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com