Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

11R683C Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # 11R683C
Description  Radial Lead Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

11R683C Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  11R683C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. 11R683C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. 11R683C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KMP_1100RC_A01 Page 2 of 3
1100R Series
Radial Lead Inductors
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
INDUCTANCE Vs CURRENT
INDUCTANCE Vs FREQUENCY
TEMPERATURE Vs CURRENT
0.1
1
10
100
1000
10
100
1000
10000
Frequency, (kHz)
470μH
100μH
10μH
1μH
0.1
1
10
100
1000
0.001
0.01
0.1
1
10
Current, IDC (A)
470μH
100μH
10μH
1μH
0
10
20
30
40
50
01
234
5
6
Current, IDC (A)
470μH
100μH
10μH
1μH


Similar Part No. - 11R683C

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
11R0J OHMITE-11R0J Datasheet
239Kb / 2P
   Power Chip짰 Thick Film on Alumina Substrate
logo
Satco Products, Inc.
11R20/27 SATCO-11R20/27 Datasheet
125Kb / 1P
   11 watt; R20 Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
11R20/41 SATCO-11R20/41 Datasheet
125Kb / 1P
   11 watt; R20 Compact Fluorescent; 4100K; 82 CRI; Medium base; 120 volts
11R20/50 SATCO-11R20/50 Datasheet
125Kb / 1P
   11 watt; R20 Compact Fluorescent; 5000K; 82 CRI; Medium base; 120 volts
logo
TOKO, Inc
11RHBP TOKO-11RHBP Datasheet
142Kb / 1P
   Fixed Inductors for Digital Audio Amplifier
More results

Similar Description - 11R683C

ManufacturerPart #DatasheetDescription
logo
API Delevan
4554R API-4554R Datasheet
1Mb / 1P
   Radial Lead Inductors
logo
Datatronic Distribution...
PT21701 DATATRONICS-PT21701 Datasheet
57Kb / 2P
   RADIAL LEAD INDUCTORS
logo
Murata Manufacturing Co...
KMP_2200R MURATA-KMP_2200R Datasheet
92Kb / 2P
   Radial Lead Inductors
KMP_1300R MURATA-KMP_1300R Datasheet
116Kb / 4P
   Radial Lead Inductors
logo
Murata Power Solutions ...
1900R MURATA-PS-1900R Datasheet
114Kb / 3P
   Radial Lead Inductors
logo
TT Electronics.
HM17 TTELEC-HM17 Datasheet
457Kb / 3P
   Radial Lead Inductors
logo
Murata Manufacturing Co...
KMP_1700 MURATA-KMP_1700 Datasheet
90Kb / 2P
   Radial Lead Inductors
KMP_1800R MURATA-KMP_1800R Datasheet
112Kb / 2P
   Radial Lead Inductors
logo
RCD COMPONENTS INC.
R0908-100-MBW RCD-R0908-100-MBW Datasheet
58Kb / 1P
   RADIAL LEAD INDUCTORS
logo
Murata Power Solutions ...
13R152C MURATA-PS-13R152C Datasheet
127Kb / 4P
   Radial Lead Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com