Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D1U-W-1200-48-HA2C Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # D1U-W-1200-48-HA2C
Description  AC/DC Front End Power Supply S1U Power Shelf
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

D1U-W-1200-48-HA2C Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  D1U-W-1200-48-HA2C Datasheet HTML 1Page - Murata Power Solutions Inc. D1U-W-1200-48-HA2C Datasheet HTML 2Page - Murata Power Solutions Inc. D1U-W-1200-48-HA2C Datasheet HTML 3Page - Murata Power Solutions Inc. D1U-W-1200-48-HA2C Datasheet HTML 4Page - Murata Power Solutions Inc. D1U-W-1200-48-HA2C Datasheet HTML 5Page - Murata Power Solutions Inc. D1U-W-1200-48-HA2C Datasheet HTML 6Page - Murata Power Solutions Inc. D1U-W-1200-48-HA2C Datasheet HTML 7Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
D1U-W-1200-48-Hx Series
AC/DC Front End Power Supply + S1U Power Shelf
CPS_D1U-W-1200-48-Hx.C06 Page 2 of 7
www.murata-ps.com
Technical enquiries email: toronto@murata-ps.com, tel: +1 (866) 740 1232
OUTPUT VOLTAGE CHARACTERISTICS
Output
Voltage
Parameter
Conditions
Min.
Typ.
Max.
Units
48V
Voltage Set Point Accuracy
48
Vdc
Line and Load Regulation
46.54
49.44
Ripple Voltage & Noise1
20MHz Bandwidth
480
mV p-p
Output Current
2
24.6
A
Load Capacitance
10000
μF
3.3Vsb
Voltage Set Point Accuracy
3.3
Vdc
Line and Load Regulation
3.2
3.4
Ripple Voltage & Noise1
20MHz Bandwidth
50
mV p-p
Operating Range
0
4.5
A
Load Capacitance
1530
μF
5Vsb
Voltage Set Point Accuracy
5
Vdc
Line and Load Regulation
4.85
5.15
Ripple Voltage & Noise1
20MHz Bandwidth
50
mV p-p
Operating Range
04
A
Load Capacitance
1530
μF
12Vsb
Voltage Set Point Accuracy
12
Vdc
Line and Load Regulation
11.2
12.4
Ripple Voltage & Noise1
20MHz Bandwidth
120
mV p-p
Operating Range
0
1.7
A
Load Capacitance
1530
μF
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Remote Sense
240
mV
Efficiency
220Vac
90.6
%
Output Rise Monotonicity
Overshoot less than 10% for all outputs, no voltage negative between 10% to 95% during ramp up
Start-up Time
AC ramp up
1.5
s
PS_On activated
150
ms
Transient Response
48V Ramp 1A/μs, 50% load step
±2700
mV
3.3Vsb Ramp 1A/μs, 50% load step
±165
5Vsb Ramp 1A/μs, 50% load step
±250
12Vsb Ramp 1A/μs, 50% load step
±600
Current sharing accuracy (up to 6 in parallel)
At 100% load
±10
%
Hot Swap Transients
All outputs within regulation
Hold-up Time
Max. load, nominal Vin
20
ms
GENERAL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Storage Temperature Range
Non-condensing
-40
70
°C
Operating Temperature Range
050
Operating Humidity
Non-condensing
10
90
%
Storage Humidity
590
Shock
30G non operating
Sinusoidal Vibration
0.5G, 5 – 500 Hz operating
MTBF
Calculated per Bellcore at Ta=30°C
200
Khrs
Demonstrated
200
Khrs
Acoustic
ISO 7779-1999
60
dB LpAm
Safety Approvals
c-CSA-us (CSA 60950-1-03/UL 60950-1, First Edition)
TUV approval (Bauart) EN 60950-1:2001
Input Fuse
Power Supply has internal 20A/250V fast blow fuse on the AC line input
Material Flammability
UL 94V-0
Switching Frequency
90KHz for Boost PFC Converter
165KHz for Main Output Converter
200KHz for Standby Output Converter
Weight
2.1kg
1 Ripple and noise are measured with 0.1 uF of ceramic capacitance and 10 uF of tantalum capacitance on each of the power supply outputs. The output noise requirements apply
over a 0 Hz to 20 MHz bandwidth. A short coaxial cable with 50ohm scope termination is used.


Similar Part No. - D1U-W-1200-48-HA2C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
D1U-W-1200-12-HA1C MURATA-PS-D1U-W-1200-12-HA1C Datasheet
355Kb / 7P
   AC/DC Front End Power Supply S1U Power Shelf
D1U-W-1200-12-HA2C MURATA-PS-D1U-W-1200-12-HA2C Datasheet
355Kb / 7P
   AC/DC Front End Power Supply S1U Power Shelf
D1U-W-1200-12-HC1C MURATA-PS-D1U-W-1200-12-HC1C Datasheet
355Kb / 7P
   AC/DC Front End Power Supply S1U Power Shelf
D1U-W-1200-12-HC2C MURATA-PS-D1U-W-1200-12-HC2C Datasheet
355Kb / 7P
   AC/DC Front End Power Supply S1U Power Shelf
More results

Similar Description - D1U-W-1200-48-HA2C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
D1U-W-2000-48-HC2C MURATA-PS-D1U-W-2000-48-HC2C Datasheet
334Kb / 7P
   AC/DC Front End Power Supply S1U Power Shelf
D1U-W-1200-12-HC2C MURATA-PS-D1U-W-1200-12-HC2C Datasheet
355Kb / 7P
   AC/DC Front End Power Supply S1U Power Shelf
D1U-W-1600-48-HC2C MURATA-PS-D1U-W-1600-48-HC2C Datasheet
331Kb / 7P
   AC/DC Front End Power Supply S1U Power Shelf
D1U-W-1600-12-HC2C MURATA-PS-D1U-W-1600-12-HC2C Datasheet
348Kb / 7P
   AC/DC Front End Power Supply S1U Power Shelf
logo
Bel Fuse Inc.
FNP3000 BEL-FNP3000 Datasheet
1Mb / 17P
   AC-DC FRONT-END POWER SUPPLY
logo
Murata Power Solutions ...
CPS_D1U-2000-48-HX MURATA-PS-CPS_D1U-2000-48-HX Datasheet
172Kb / 5P
   AC/DC Front End Power Supply
logo
Murata Manufacturing Co...
D1U4CS-W-2200-12-HC4C MURATA-D1U4CS-W-2200-12-HC4C_11 Datasheet
160Kb / 5P
   AC/DC Front End Power Supply
logo
Murata Power Solutions ...
D1U4-W-1200-12-HC2C MURATA-PS-D1U4-W-1200-12-HC2C Datasheet
186Kb / 5P
   AC/DC Front End Power Supply
logo
Bel Fuse Inc.
PET800-12-074 BEL-PET800-12-074 Datasheet
1Mb / 20P
   AC-DC FRONT-END POWER SUPPLY
PET2000-12-074XA BEL-PET2000-12-074XA Datasheet
2Mb / 33P
   AC-DC FRONT-END POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com