Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPCI325D-10XC Datasheet(PDF) 3 Page - Murata Power Solutions Inc.

Part # CPCI325D-10XC
Description  325 Watt, 3U x 8HP CompactPCI?
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

CPCI325D-10XC Datasheet(HTML) 3 Page - Murata Power Solutions Inc.

  CPCI325D-10XC Datasheet HTML 1Page - Murata Power Solutions Inc. CPCI325D-10XC Datasheet HTML 2Page - Murata Power Solutions Inc. CPCI325D-10XC Datasheet HTML 3Page - Murata Power Solutions Inc. CPCI325D-10XC Datasheet HTML 4Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MPS_cPCI325D-10xC.A01 Page 3 of 4
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
cPCI325D-10xC Series
325 Watt, 3U x 8HP CompactPCI™
PACKAGE SPECIFICATIONS
MECHANICAL DIMENSIONS
All dimensions in inches ±0.01 (mm ±0.25mm).
Weight: 0.7kg
Shock: MIL-STD-810d, Method 516.3, Procedure 1.
Vibration: MIL-STD-810d, Method 514.3, Procedure 1.
Dimensions: 3U x 8HP x 160mm.
IPMI/IPMB POWER SUPPLY SATELLITE CONTROLLER FEATURES
Complies with IPMI V1.5 Rev 1.1 and IPMB V1.0
Complies with PICMG 2.9 (CompactPCI Systems Management Specification)
8 analog inputs configured for monitoring voltages and currents on power supply outputs V1 - V4
Monitors the thermal sensor (DEG#) and fault signal (FAL#)
Output inhibit can be controlled by IPMI commands
Self Test with LED indicator (can be read and overridden by IPMI commands)
6 programmable thresholds on each analog sensor; each threshold on each sensor can be enabled to generate event messages if that threshold is crossed
Thermal sensor can be enabled to generate event messages
Responds to all mandatory IPMI commands and numerous optional commands as indicated in the functional specification
Firmware can be upgraded via the IPMB bus
Includes Device SDR’s (Sensor Data Records) – These specify the type of sensor for each input (voltage, current, temperature, etc.) as well as the conversion formulas for raw
ADC data to voltages, currents, etc.
Includes FRU data such as model number, serial number and firmware creation date


Similar Part No. - CPCI325D-10XC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CPCI325D-1 MURATA-CPCI325D-1 Datasheet
144Kb / 4P
   325 Watt, 3U x 8HP CompactPCI
CPCI325D-1C MURATA-CPCI325D-1C Datasheet
144Kb / 4P
   325 Watt, 3U x 8HP CompactPCI
More results

Similar Description - CPCI325D-10XC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
TPS_CPCI325D MURATA-TPS_CPCI325D Datasheet
144Kb / 4P
   325 Watt, 3U x 8HP CompactPCI
logo
HITRON ELECTRONICS CORP...
HAC300S-D120E HITRON-HAC300S-D120E Datasheet
341Kb / 4P
   3U x 8HP CompactPCI Serial
logo
C&D Technologies
CPCI420DC CANDD-CPCI420DC Datasheet
360Kb / 4P
   420 Watt, 6U x 8HP, CompactPCI
CPCI200DC CANDD-CPCI200DC Datasheet
232Kb / 4P
   180/225 wATT, 3U x 4HP CompactPCI
logo
Adlink Technology Inc.
CPS-H325 ADLINK-CPS-H325 Datasheet
276Kb / 1P
   3U CompactPCI 8HP 16.6-160VDC Input Railway Power Module
logo
Total Power Internation...
TPAC250P TOTAL-POWER-TPAC250P_11 Datasheet
496Kb / 2P
   250W 3U X 8HP EUROCARD PACKAGE
logo
HITRON ELECTRONICS CORP...
HAC250P HITRON-HAC250P_13 Datasheet
236Kb / 2P
   250W 3U X 8HP EUROCARD PACKAGE
logo
Total Power Internation...
TPAC200 TOTAL-POWER-TPAC200 Datasheet
513Kb / 2P
   200W 3U X 8HP EUROCARD PACKAGE
logo
HITRON ELECTRONICS CORP...
HDRC255P-110J-490 HITRON-HDRC255P-110J-490 Datasheet
249Kb / 2P
   310W 3U X 8HP CPCI Package
HARC255P-490 HITRON-HARC255P-490 Datasheet
250Kb / 2P
   300W 3U X 8HP CPCI Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com