Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NMK0512SC Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # NMK0512SC
Description  3kVDC Isolated 2W Single & Dual Output DC/DC Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NMK0512SC Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  NMK0512SC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NMK0512SC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NMK0512SC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NMK0512SC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NMK0512SC Datasheet HTML 5Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NMK Series
3kVDC Isolated 2W Single & Dual Output DC/DC Converters
KDC_NMKC.C01 Page 3 of 5
Technical enquiries email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
RIPPLE & NOISE CHARACTERISATION METHOD
All measurement to be taken with the following components connected to the UUT as detailed below.
50 Ohm coax cable, solder connections one end, BNC plug at the other end.
C1
– 1μF X7R multilayer ceramic capacitor rated at minimum 3 x the output voltage of the UUT
C2
– 10μF tantalum capacitor rated at minimum 1.5 x the output voltage of the UUT with ESR of less
than 100 milliohms at 100 kHz e.g. AVX TPS series.
C3
– 100nF multilayer ceramic capacitor, general purpose
R1
– 450 Ohm resistor, carbon film, ±1%
R2
– 50 Ohm BNC termination
T1
– 3T of the coax cable through a ferrite toroid eg Ferroxcube TN32/19/13-3E25
RLOAD – Resistive load at the UUT maximum rating. Connections via twisted wires.
Differential Mode Noise Test Schematic
OSCILLOSCOPE
Y INPUT
SUPPLY
C1 C2 C3
R1
T1
R2
Input
Output
DC/DC Converter
R LOAD
+
+
-
-


Similar Part No. - NMK0512SC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NMK0512SC MURATA-NMK0512SC Datasheet
232Kb / 6P
   3kVDC Isolated 2W Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
NMK0512SC MURATA-PS-NMK0512SC Datasheet
265Kb / 6P
   3kVDC Isolated 2W Single & Dual Output DC/DC Converters
NMK0512SC MURATA-PS-NMK0512SC Datasheet
352Kb / 10P
   3kVDC Isolated 2W Single & Dual Output DC-DC Converters
2022
NMK0512SC MURATA-PS-NMK0512SC Datasheet
348Kb / 10P
   3kVDC Isolated 2W Single & Dual Output DC-DC Converters
2023
More results

Similar Description - NMK0512SC

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPH TOPPOWER-TPH Datasheet
651Kb / 4P
   2W 3KVDC Isolated Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
NMK MURATA-PS-NMK_V01 Datasheet
352Kb / 10P
   3kVDC Isolated 2W Single & Dual Output DC-DC Converters
2022
NMK MURATA-PS-NMK Datasheet
265Kb / 6P
   3kVDC Isolated 2W Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NMK2405SC MURATA-NMK2405SC Datasheet
232Kb / 6P
   3kVDC Isolated 2W Single & Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TPH TOPPOWER-TPH_V01 Datasheet
732Kb / 4P
   2W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPG TOPPOWER-TPG Datasheet
647Kb / 3P
   2W 3KVDC Isolated Single Output DC/DC Converters
TPG-2W TOPPOWER-TPG-2W Datasheet
220Kb / 3P
   2W 3KVDC Isolated Single Output DC/DC Converters
TPG TOPPOWER-TPG_V01 Datasheet
770Kb / 3P
   2W 3KVDC Isolated Single Output DC/DC Converters
TPK TOPPOWER-TPK_19 Datasheet
738Kb / 3P
   2W 3KVDC Isolated Single And Dual Output DC/DC Converters
TPAT-2W TOPPOWER-TPAT-2W_19 Datasheet
772Kb / 4P
   2W 3KVDC Isolated Single and Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com