Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NMT1272SC Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # NMT1272SC
Description  Triple Output 3W DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NMT1272SC Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  NMT1272SC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NMT1272SC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NMT1272SC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NMT1272SC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
KDC_NMTC.E02 Page 4 of 4
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
NMT Series
Triple Output 3W DC/DC Converters
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2008 Murata Power Solutions, Inc.
USA:
Mansfield (MA), Tel: (508) 339-3000, email: sales@murata-ps.com
Canada: Toronto, Tel: (866) 740 1232, email: toronto@murata-ps.com
UK:
Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com
France:
Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com
Germany: München, Tel: +49 (0)89-544334-0, email: munich@murata-ps.com
Japan:
Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com
Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com
Website: www.murata-ps.jp
China:
Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com
Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 REGISTERED
PACKAGE SPECIFICATIONS
MECHANICAL DIMENSIONS
PIN CONNECTIONS - 8 PIN SIP
Pin
Function
1+VIN
2-VIN
5+VOUT
6-VOUT1
7-VOUT2
8-VOUT3
TUBE OUTLINE DIMENSIONS
RECOMMENDED FOOTPRINT DETAILS`
RoHS COMPLIANT INFORMATION
This series is compatible with RoHS soldering
systems with a peak wave solder temperature
of 300ºC for 10 seconds. The pin termination
finish on this product series is Tin Plate, Hot
Dipped over Matte Tin with Nickel Preplate.
The series is backward compatible with Sn/Pb
soldering systems.
For further information, please visit www.murata-ps.com/rohs
0.858
(21.80)
0.295
(7.50)
0.437
(11.10)
0.181 (4.60)
0.142 (3.60)
0.022 (0.55)
0.018 (0.45)
1
0.0118 (0.30)
0.0078 (0.20)
0.046
(1.17)
0.083 (2.10)
25
6
7
8
0.022 (0.55)
0.018 (0.45)
NMT0572SC
XYYWW
All dimensions in inches ±0.01 (mm ±0.25mm). All pins on a 0.1 (2.54) pitch and within
±0.01 (0.25) of true position.
Weight: 3.85g
Unless otherwise stated all dimensions in inches ±0.02 (mm ±0.5mm).
Tube length : 20.47±0.079 (520mm±2mm).
Tube Quantity : 23
Unless otherwise stated all dimensions in inches ±0.02 (mm ±0.5mm).


Similar Part No. - NMT1272SC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMT1272S CANDD-NMT1272S Datasheet
143Kb / 2P
   Triple Output 3W DC-DC Converters
More results

Similar Description - NMT1272SC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMT CANDD-NMT Datasheet
143Kb / 2P
   Triple Output 3W DC-DC Converters
logo
Toppower Electronic Tec...
TPT TOPPOWER-TPT Datasheet
596Kb / 3P
   3W 1.5KVDC Isolated Triple Output DC/DC Converters
TPT TOPPOWER-TPT_17 Datasheet
409Kb / 3P
   3W 1.5KVDC Isolated Triple Output DC/DC Converters
TPT TOPPOWER-TPT_V01 Datasheet
729Kb / 3P
   3W 1.5KVDC Isolated Triple Output DC/DC Converters
logo
Murata Manufacturing Co...
KDC_NDTS MURATA-KDC_NDTS Datasheet
158Kb / 6P
   Isolated 3W Single Output DC/DC Converters
logo
Microdc power Technolog...
3B-XES MICRODC-3B-XES Datasheet
331Kb / 2P
   Isolated 3W Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NDH2415SC MURATA-NDH2415SC Datasheet
113Kb / 4P
   Isolated 3W Dual Output DC/DC Converters
TWR30W MURATA-TWR30W Datasheet
175Kb / 5P
   30W, Triple Output DC/DC Converters
MEE3S0509SC MURATA-MEE3S0509SC Datasheet
209Kb / 5P
   1kVDC Isolated 3W Single Output DC/DC Converters
logo
MicroPower Direct, LLC
MD300S MPD-MD300S Datasheet
199Kb / 2P
   Miniature 3W Single Output SIP DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com