Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NMJ0503SAC Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # NMJ0503SAC
Description  5.2kVDC Isolated 1W DC/DC Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NMJ0503SAC Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  NMJ0503SAC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NMJ0503SAC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NMJ0503SAC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NMJ0503SAC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NMJ0503SAC Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NMJ0503SAC Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
KDC_NMJC.G02 Page 3 of 6
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
NMJ Series
5.2kVDC Isolated 1W DC/DC Converters
OUTPUT RIPPLE REDUCTION
By using the values of inductance and capacitance stated, the output ripple at the rated load is lowered to 5mV p-p max.
Component selection
Capacitor: It is required that the ESR (Equivalent Series Resistance) should be as low as possible, ceramic types are recommended.
The voltage rating should be at least twice (except for 15V output), the rated output voltage of the DC/DC converter.
Inductor: The rated current of the inductor should not be less than that of the output of the DC/DC converter. At the rated current, the DC resistance of the inductor should be
such that the voltage drop across the inductor is <2% of the rated voltage of the DC/DC converter. The SRF (Self Resonant Frequency) should be >20MHz.
Inductor
Capacitor
L, μH
Through Hole
SMD
C, μF
Size
V rating, V
3.3V single output types
Consult Factory
5V single output types
Consult Factory
9V single output types
Consult Factory
12V single output types
Consult Factory
15V single output types
Consult Factory
Inductor
Capacitor
L, μH
Through Hole
SMD
C, μF
Size
V rating, V
5V dual output types
22
22R223C
82223C
4.70
1206
10
9V dual output types
Consult Factory
12V dual output types
68
22R224C
82224C
0.47
0805
25
15V dual output types
Consult Factory
DC
DC
L
L
C
C
Load
Load
Power
Source
+VOUT
OV
-VOUT
DC
DC
L
C
Load
Power
Source


Similar Part No. - NMJ0503SAC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NMJ0503SAC MURATA-PS-NMJ0503SAC Datasheet
307Kb / 10P
   5.2kVDC Isolated 1W DC-DC Converters
2022
More results

Similar Description - NMJ0503SAC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
MEJ1 MURATA-PS-MEJ1 Datasheet
254Kb / 9P
   5.2kVDC Isolated 1W DC/DC Converters
logo
Murata Manufacturing Co...
MEJ2 MURATA-MEJ2 Datasheet
304Kb / 7P
   5.2kVDC Isolated 2W DC/DC Converters
logo
Toppower Electronic Tec...
TPJXXX-3W TOPPOWER-TPJXXX-3W Datasheet
359Kb / 4P
   5.2KVDC Isolated DC/DC Converters for IGBT drivers
TPJXXX-3W TOPPOWER-TPJXXX-3W_V01 Datasheet
434Kb / 4P
   5.2KVDC Isolated DC/DC Converters for IGBT drivers
TPJXXX TOPPOWER-TPJXXX Datasheet
379Kb / 4P
   5.2KVDC Isolated DC/DC Converters for IGBT drivers
logo
Murata Power Solutions ...
MGJ2 MURATA-PS-MGJ2 Datasheet
214Kb / 8P
   5.2kVDC Isolated 2W Gate Drive DC/DC Converters
logo
Toppower Electronic Tec...
TPJXXX TOPPOWER-TPJXXX_V01 Datasheet
365Kb / 5P
   5.2KVDC Isolated DC/DC Converters for IGBT drivers
logo
Murata Power Solutions ...
MGJ6 MURATA-PS-MGJ6 Datasheet
210Kb / 10P
   5.2kVDC Isolated 6W Gate Drive SM DC/DC Converters
logo
Toppower Electronic Tec...
TPJ-1W TOPPOWER-TPJ-1W Datasheet
169Kb / 3P
   1W 6KVDC Isolated DC/DC Converters
TPJ-3KVDC TOPPOWER-TPJ-3KVDC Datasheet
170Kb / 3P
   1W 6KVDC Isolated DC/DC Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com