Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDTS4812C Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # NDTS4812C
Description  Isolated 3W Single Output DC/DC Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NDTS4812C Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  NDTS4812C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NDTS4812C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NDTS4812C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NDTS4812C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NDTS4812C Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NDTS4812C Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
KDC_NDTS_D02 Page 2 of 6
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
NDTS Series
Isolated 3W Single Output DC/DC Converters
ABSOLUTE MAXIMUM RATINGS
Short-circuit protection
8 Hours
Lead temperature 1.5mm from case for 10 seconds
300°C
Minimum output load for specification3
25% of rated output
Input voltage 05 types
10V
Input voltage 12 types
20V
Input voltage 24 types
40V
Input voltage 48 types
80V
Free air space
10mm Min. around component
GENERAL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Switching frequency
100% to 25% load, VIN Min. to Max.
70
650
kHz
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation voltage
Flash tested for 1 second
1000
VDC
Resistance
Resistance
1
TEMPERATURE CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Operation
-40
85
ºC
Storage
-50
130
Case temperature rise above ambient
in still air
NDTS0515C, NDTS1205C, NDTS1212C, NDTS1215C, NDTS2405C,
NDTS2412C, NDTS2415C, NDTS4812C & NDTS4815C
30
NDTS0505C, NDTS0512C, NDTS1203C, NDTS2403C, NDTS4803C &
NDTS4805C
40
NDTS0503C
50
TECHNICAL NOTES
ISOLATION VOLTAGE
‘Hi Pot Test’, ‘Flash Tested’, ‘Withstand Voltage’, ‘Proof Voltage’, ‘Dielectric Withstand Voltage’ & ‘Isolation Test Voltage’ are all terms that relate to the same thing, a test voltage,
applied for a specified time, across a component designed to provide electrical isolation, to verify the integrity of that isolation.
Murata Power Solutions NDTS series of DC/DC converters are all 100% production tested at their stated isolation voltage. This is 1kVDC for 1 second.
A question commonly asked is, “What is the continuous voltage that can be applied across the part in normal operation?”
For a part holding no specific agency approvals, such as the NDTS series, both input and output should normally be maintained within SELV limits i.e. less than 42.4V peak, or
60VDC. The isolation test voltage represents a measure of immunity to transient voltages and the part should never be used as an element of a safety isolation system. The part
could be expected to function correctly with several hundred volts offset applied continuously across the isolation barrier; but then the circuitry on both sides of the barrier must
be regarded as operating at an unsafe voltage and further isolation/insulation systems must form a barrier between these circuits and any user-accessible circuitry according to
safety standard requirements.
REPEATED HIGH-VOLTAGE ISOLATION TESTING
It is well known that repeated high-voltage isolation testing of a barrier component can actually degrade isolation capability, to a lesser or greater degree depending on materials,
construction and environment. The NDTS series has an EI ferrite core, with no additional insulation between primary and secondary windings of enameled wire. While parts can be
expected to withstand several times the stated test voltage, the isolation capability does depend on the wire insulation. Any material, including this enamel (typically polyurethane)
is susceptible to eventual chemical degradation when subject to very high applied voltages thus implying that the number of tests should be strictly limited. We therefore strongly
advise against repeated high voltage isolation testing, but if it is absolutely required, that the voltage be reduced by 20% from specified test voltage.
This consideration equally applies to agency recognized parts rated for better than functional isolation where the wire enamel insulation is always supplemented by a further
insulation system of physical spacing or barriers.
RoHS COMPLIANCE INFORMATION
This series is compatible with RoHS soldering systems with a peak wave solder
temperature of 300ºC for 10 seconds. The pin termination finish on this product series
is Tin. The series is backward compatible with Sn/Pb soldering systems.
For further information, please visit www.murata-ps.com/rohs


Similar Part No. - NDTS4812C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NDTS MURATA-PS-NDTS Datasheet
164Kb / 7P
   Isolated 3W Single Output DC-DC Converters
2023
NDTS0505C MURATA-PS-NDTS0505C Datasheet
164Kb / 7P
   Isolated 3W Single Output DC-DC Converters
2023
NDTS0512C MURATA-PS-NDTS0512C Datasheet
164Kb / 7P
   Isolated 3W Single Output DC-DC Converters
2023
NDTS1212C MURATA-PS-NDTS1212C Datasheet
164Kb / 7P
   Isolated 3W Single Output DC-DC Converters
2023
NDTS2405C MURATA-PS-NDTS2405C Datasheet
164Kb / 7P
   Isolated 3W Single Output DC-DC Converters
2023
More results

Similar Description - NDTS4812C

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
3B-XES MICRODC-3B-XES Datasheet
331Kb / 2P
   Isolated 3W Single Output DC/DC Converters
logo
Murata Manufacturing Co...
MEE3S0509SC MURATA-MEE3S0509SC Datasheet
209Kb / 5P
   1kVDC Isolated 3W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPL-3W TOPPOWER-TPL-3W Datasheet
613Kb / 3P
   3W 1.5KVDC Isolated Single Output DC/DC Converters
TPL-3W TOPPOWER-TPL-3W_V01 Datasheet
765Kb / 3P
   3W 1.5KVDC Isolated Single Output DC/DC Converters
logo
Murata Power Solutions ...
MEV3 MURATA-PS-MEV3 Datasheet
129Kb / 5P
   3kVDC Isolated 3W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TP2S TOPPOWER-TP2S Datasheet
631Kb / 3P
   3W 1KVDC Isolated Single Output DC/DC Converters
TPG-3W TOPPOWER-TPG-3W Datasheet
645Kb / 3P
   3W 3KVDC Isolated Single Output DC/DC Converters
TPH-3W TOPPOWER-TPH-3W Datasheet
834Kb / 4P
   3W 3KVDC Isolated Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NDH2415SC MURATA-NDH2415SC Datasheet
113Kb / 4P
   Isolated 3W Dual Output DC/DC Converters
logo
Murata Power Solutions ...
NCS3 MURATA-PS-NCS3 Datasheet
252Kb / 10P
   Isolated 3W 4:1 Input Single Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com