Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDTS2415C Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd.

Part # NDTS2415C
Description  Isolated 3W Single Output DC/DC Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NDTS2415C Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd.

  NDTS2415C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NDTS2415C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NDTS2415C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NDTS2415C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NDTS2415C Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NDTS2415C Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
KDC_NDTS_D02 Page 6 of 6
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
NDTS Series
Isolated 3W Single Output DC/DC Converters
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2008 Murata Power Solutions, Inc.
USA:
Tucson (Az), Tel: (800) 547 2537, email: sales@murata-ps.com
Canada: Toronto, Tel: (866) 740 1232, email: toronto@murata-ps.com
UK:
Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com
France:
Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com
Germany: München, Tel: +49 (0)89-544334-0, email: munich@murata-ps.com
Japan:
Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com
Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com
Website: www.murata-ps.jp
China:
Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com
Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 REGISTERED
PACKAGE SPECIFICATIONS
MECHANICAL DIMENSIONS
PIN CONNECTIONS
Pin
Function
2-VIN
3-VIN
9NA
11
NC
14
+VOUT
16
-VOUT
22
+VIN
23
+VIN
NA - Not available for
electrical connection.
NC - No internal connection.
RECOMMENDED FOOTPRINT DETAILS
TUBE OUTLINE DIMENSIONS
All dimensions in inches ±0.01 (mm ±0.25mm). All pins on a 0.1 (2.54) pitch and within ±0.01 (0.25) of true position.
Weight: 6.2g
All dimensions in inches ±0.01 (mm) ±0.5mm.
Tube length : 20.47±0.079 (520mm ±2mm).
Tube Quantity : 15
1.270 (32.26)
0.577 (14.66)
0.900 (22.86)
0.200 (5.08)
0.029 (0.73)
0.275 (7.00)
NDTS2412C
XYYWW
0.185 (4.70)
0.100 (2.54)
0.600 (15.25)
0.012 (0.30)
0.008 (0.20)
0.185 (4.70)
0.145 (3.70)
0.025 (0.63)
All dimensions in inches ±0.01 (mm ±0.25mm). All pins on a 0.1 (2.54) pitch and within ±0.01
(0.25) of true position.


Similar Part No. - NDTS2415C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NDTS2412C MURATA-PS-NDTS2412C Datasheet
164Kb / 7P
   Isolated 3W Single Output DC-DC Converters
2023
More results

Similar Description - NDTS2415C

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
3B-XES MICRODC-3B-XES Datasheet
331Kb / 2P
   Isolated 3W Single Output DC/DC Converters
logo
Murata Manufacturing Co...
MEE3S0509SC MURATA-MEE3S0509SC Datasheet
209Kb / 5P
   1kVDC Isolated 3W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPL-3W TOPPOWER-TPL-3W Datasheet
613Kb / 3P
   3W 1.5KVDC Isolated Single Output DC/DC Converters
TPL-3W TOPPOWER-TPL-3W_V01 Datasheet
765Kb / 3P
   3W 1.5KVDC Isolated Single Output DC/DC Converters
logo
Murata Power Solutions ...
MEV3 MURATA-PS-MEV3 Datasheet
129Kb / 5P
   3kVDC Isolated 3W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TP2S TOPPOWER-TP2S Datasheet
631Kb / 3P
   3W 1KVDC Isolated Single Output DC/DC Converters
TPG-3W TOPPOWER-TPG-3W Datasheet
645Kb / 3P
   3W 3KVDC Isolated Single Output DC/DC Converters
TPH-3W TOPPOWER-TPH-3W Datasheet
834Kb / 4P
   3W 3KVDC Isolated Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NDH2415SC MURATA-NDH2415SC Datasheet
113Kb / 4P
   Isolated 3W Dual Output DC/DC Converters
logo
Murata Power Solutions ...
NCS3 MURATA-PS-NCS3 Datasheet
252Kb / 10P
   Isolated 3W 4:1 Input Single Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com