Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDTD1205C Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # NDTD1205C
Description  Isolated 3W Wide Input Dual Output DC/DC Converters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NDTD1205C Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  NDTD1205C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NDTD1205C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NDTD1205C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NDTD1205C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NDTD1205C Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NDTD1205C Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NDTD1205C Datasheet HTML 7Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
KDC_NDTD_E03 Page 3 of 7
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
NDTD Series
Isolated 3W Wide Input Dual Output DC/DC Converters
TERMINOLOGY
LINE REGULATION
The percentage change in output voltage between low intput voltage and high intput voltage, measured with fixed output load i.e. a 5V part with an output voltage of 5.05V @ high
input voltage and 5.03V @ low input voltage would have a line regulation of 0.4%.
Where VOUT (Nominal Input V) is 5V.
APPLICATION NOTES
Recommended Input & Output Capacitors
Although these converters will work without external capacitors, they are necessary in order to guarantee the full parametric performance over the full line and load range. All
parts have been tested and characterized using the following values and test circuit.
Input Voltage
CIN
Output Voltage
COUT
5V, 12V
100μF, 25V (0.25Ω at 100kHz)
3.3V, 5V
100μF, 25V (0.25Ω at 100kHz)
24V, 48V
10μF, 100V (1.5Ω at 100kHz)
12V, 15V
47μF, 25V (0.4Ω at 100kHz)
Test circuit
Reflected Ripple Current Measurement
C1 = 220μF, ESR < 0.1Ω at 100kHz
Cross Regulation
Load regulation is at its best when the positive and negative loads are balanced. When the loads are asymmetric, the negative output is not as tightly regulated as the positive out-
put. To meet ripple specification a total minimum load of 25% full load is required, however, the NDTD can be used with much lighter loading at the expense of increased ripple. A
small load is required on the negative output of 150mW to ensure the maximum negative output voltage is not exceeded.
Line regulation =
x100%
VOUT (Low Input V) - VOUT (High Input V)
VOUT (Nominal Input V)
NDTD
Supply +VIN
Supply -VIN
12μH
Current
Probe
C1
CIN
+VIN
-VIN
Load
+VOUT
-VOUT
Load
COUT
COUT
OV
NDTD
COUT
CIN
- VIN
+ VIN
+ VOUT
Supply + VIN
Supply - VIN
- VOUT
OV
COUT


Similar Part No. - NDTD1205C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NDTD1212C MURATA-PS-NDTD1212C Datasheet
179Kb / 9P
   Isolated 3W Wide Input Dual Output DC-DC Converters
2023
NDTD1215C MURATA-PS-NDTD1215C Datasheet
179Kb / 9P
   Isolated 3W Wide Input Dual Output DC-DC Converters
2023
More results

Similar Description - NDTD1205C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NDTD2412 ETC-NDTD2412 Datasheet
157Kb / 2P
   ISOLATED 3W WIDE INPUT DUAL OUTPUT DC-DC CONVERTERS
logo
C&D Technologies
NDT CANDD-NDT Datasheet
157Kb / 2P
   Isolated 3W Wide Input Dual Output DC-DC Converters
logo
Toppower Electronic Tec...
TP2D TOPPOWER-TP2D Datasheet
568Kb / 3P
   3W 1KVDC Isolated Wide Input Dual Output DC/DC Converters
TP2L-3W TOPPOWER-TP2L-3W Datasheet
201Kb / 3P
   3W Isolated Wide Input Single And Dual Output DC/DC Converters
TP2L-3W-3KVDC TOPPOWER-TP2L-3W-3KVDC Datasheet
201Kb / 3P
   3W Isolated Wide Input Single And Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NDY2405C MURATA-NDY2405C Datasheet
192Kb / 4P
   Isolated 3W Wide Input DC/DC Converters
logo
C&D Technologies
NDY CANDD-NDY Datasheet
419Kb / 3P
   Isolated 3W Wide Input DC-DC Converters
logo
Toppower Electronic Tec...
TP2Y TOPPOWER-TP2Y Datasheet
638Kb / 4P
   3W 1KVDC Isolated Wide Input DC/DC Converters
logo
Murata Manufacturing Co...
NDH2415SC MURATA-NDH2415SC Datasheet
113Kb / 4P
   Isolated 3W Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TP2L-3W TOPPOWER-TP2L-3W_V02 Datasheet
763Kb / 3P
   3W 1.6KVDC??KVDC Isolated Wide Input Single And Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com