Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PV10B-100 Datasheet(PDF) 1 Page - RCD COMPONENTS INC.

Part # PV10B-100
Description  2W TO 25 WATT VERTICAL MOUNT RESISTORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RCD [RCD COMPONENTS INC.]
Direct Link  http://www.rcdcomponents.com
Logo RCD - RCD COMPONENTS INC.

PV10B-100 Datasheet(HTML) 1 Page - RCD COMPONENTS INC.

  PV10B-100 Datasheet HTML 1Page - RCD COMPONENTS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Industry’s widest range! 1m
Ω-1M, to ±.05% 10ppm!
Built-in standoffs minimize heat transfer to P.C.B.
Available on exclusive SWIFTTM delivery program!
Significant space savings compared to axial-lead types!
PV, PVH, and PWV resistors are designed for power applications where
space is at a premium. The PV series offers lowest cost for medium
power applications. PVH series are similar except in 4-terminal Kelvin
design (to cancel lead wire effect). PWV bracketed resistors enable
higher power levels and superior performance in applications involving
shock and vibration. The ceramic construction is fireproof and resistant to
moisture & solvents. The internal element is wirewound on lower values,
power film on higher values (depending on options, e.g. opt. P parts are
always WW). If a specific construction is preferred, specify opt.’WW’ for
wirewound, opt.’M’ for power film (not available in all values).
PV SERIES - 2 Terminal
PVH SERIES - 4 Terminal
PWV SERIES - Bracket Mount
RESISTORS CAPACITORS COILS DELAY LINES
OPTIONS
Option X - Non-Inductive
Option WW or M (wirewound or film element)
Option P - Increased pulse capability
Option FF- Fuse within 10S @50x rated W (custom avail)
Option E - Low thermal EMF design
Option B - Increased power (refer to chart below)
Numerous modifications avail: custom marking,
TC’s to +6000ppm, various lead wire sizes, burn-in, etc.
2W TO 25 WATT VERTICAL MOUNT RESISTORS
RCD
PV7
RCD
PVH10
RCD
PV5
S
E
I
R
E
S
V
P
e
g
a
t
t
a
W
)
B
.
t
p
O
(
d
t
S
.
x
a
M
*
e
g
a
t
l
o
V
.
x
a
M
*
t
n
e
r
r
u
C
s
i
s
e
R
d
t
S
e
g
n
a
R
A
]
0
.
1
[
4
0
.
±
B
]
0
.
1
[
4
0
.
±
C
]
6
.
1
[
2
6
0
.
±
D
]
1
[
4
0
.
±
E
]
2
1
.
[
5
0
0
.
±
F
)
m
o
N
(
2
V
P)
W
3
(
W
2V
0
8A
4
15
0
0
.
M
1
o
t]
4
.
1
1
[
0
5
4
.]
6
.
7
[
0
0
3
.]
3
.
0
2
[
0
0
8
.]
5
[
7
9
1
.]
7
.
[
8
2
0
.]
9
.
[
6
3
0
.
3
V
P)
W
4
(
W
3V
0
5
1A
7
15
0
0
.
M
1
o
t]
1
.
2
1
[
5
7
4
.]
9
.
8
[
0
5
3
.]
9
.
4
2
[
0
8
9
.]
5
[
7
9
1
.]
8
.
[
1
3
0
.]
1
[
0
4
0
.
5
V
P)
W
6
(
W
5V
0
5
2A
2
25
0
0
.
M
1
o
t]
7
.
2
1
[
0
0
5
.]
2
.
9
[
0
6
3
.]
4
.
5
2
[
0
0
.
1]
5
[
7
9
1
.]
8
.
[
1
3
0
.]
1
[
0
4
0
.
7
V
P)
W
0
1
(
W
7V
0
5
3A
6
25
0
0
.
M
1
o
t]
7
.
2
1
[
0
0
5
.]
0
1
[
0
0
4
.]
6
.
8
3
[
2
5
.
1]
5
[
7
9
1
.]
8
.
[
1
3
0
.]
1
[
0
4
0
.
0
1
V
P)
W
2
1
(
W
0
1V
0
0
5A
2
35
0
0
.
M
1
o
t]
7
.
2
1
[
0
0
5
.]
0
1
[
0
0
4
.]
3
.
1
5
[
2
0
.
2]
5
[
7
9
1
.]
8
.
[
1
3
0
.]
1
[
0
4
0
.
S
0
1
V
P)
W
2
1
(
W
0
1V
0
0
4A
2
35
0
0
.
M
1
o
t]
9
.
5
1
[
5
2
6
.]
7
.
2
1
[
0
0
5
.]
0
.
5
3
[
8
3
.
1]
4
.
7
[
0
9
2
.]
9
.
[
6
3
0
.]
2
.
1
[
8
4
0
.
A
0
1
V
P)
W
2
1
(
W
0
1V
0
0
4A
2
35
0
0
.
M
1
o
t]
9
.
5
1
[
5
2
6
.]
7
.
2
1
[
0
0
5
.]
0
.
5
3
[
8
3
.
1]
5
[
7
9
1
.]
9
.
[
6
3
0
.]
2
.
1
[
8
4
0
.
S
E
I
R
E
S
H
V
P
e
g
a
t
t
a
W
)
B
.
t
p
O
(
d
t
S
.
x
a
M
*
e
g
a
t
l
o
V
*
t
n
e
r
r
u
C
x
a
M
)
B
.
t
p
O
(
d
t
S
s
i
s
e
R
d
t
S
e
g
n
a
R
A
]
0
.
1
[
4
0
.
±
B
]
0
.
1
[
4
0
.
±
C
]
6
.
1
[
2
6
0
.
±
D
]
1
[
4
0
.
±
E
]
6
.
[
4
2
0
.
±
"
3
0
0
.
±
F
)
B
.
t
p
O
(
d
t
S
2
H
V
P)
W
3
(
W
2V
0
8)
A
7
1
(
A
4
11
0
0
.
K
0
1
o
t]
4
.
1
1
[
0
5
4
.]
6
.
7
[
0
0
3
.]
3
.
0
2
[
0
0
8
.]
5
[
7
9
1
.]
1
9
.
1
[
5
7
0
.)
0
4
0
.
(
2
3
0
.
3
H
V
P)
W
5
(
W
3V
0
5
1)
A
2
2
(
A
7
11
0
0
.
K
5
2
o
t]
1
.
2
1
[
5
7
4
.]
9
.
8
[
0
5
3
.]
9
.
4
2
[
0
8
9
.]
5
[
7
9
1
.]
4
5
.
2
[
0
0
1
.)
0
4
0
.
(
2
3
0
.
5
H
V
P)
W
7
(
W
5V
0
5
2)
A
6
2
(
A
2
21
0
0
.
K
0
3
o
t]
7
.
2
1
[
0
0
5
.]
0
1
[
0
0
4
.]
4
.
5
2
[
0
0
.
1]
5
[
7
9
1
.]
4
5
.
2
[
0
0
1
.)
0
4
0
.
(
2
3
0
.
7
H
V
P)
W
0
1
(
W
7V
0
5
3)
A
2
3
(
A
6
21
0
0
.
K
0
5
o
t]
7
.
2
1
[
0
0
5
.]
0
1
[
0
0
4
.]
6
.
8
3
[
2
5
.
1]
5
[
7
9
1
.]
4
5
.
2
[
0
0
1
.)
0
4
0
.
(
2
3
0
.
0
1
H
V
P)
W
2
1
(
W
0
1V
0
0
5)
A
0
4
(
A
2
31
0
0
.
K
0
5
2
o
t]
7
.
2
1
[
0
0
5
.]
0
1
[
0
0
4
.]
3
.
1
5
[
2
0
.
2]
5
[
7
9
1
.]
4
5
.
2
[
0
0
1
.)
0
4
0
.
(
2
3
0
.
S
0
1
H
V
P)
W
2
1
(
W
0
1V
0
0
4)
A
0
4
(
A
2
31
0
0
.
K
0
5
2
o
t]
9
.
5
1
[
5
2
6
.]
7
.
2
1
[
0
0
5
.]
0
.
5
3
[
8
3
.
1]
4
.
7
[
0
9
2
.]
8
1
.
3
[
5
2
1
.)
0
4
0
.
(
2
3
0
.
A
0
1
H
V
P)
W
2
1
(
W
0
1V
0
0
4)
A
0
4
(
A
2
31
0
0
.
K
0
5
2
o
t]
9
.
5
1
[
5
2
6
.]
7
.
2
1
[
0
0
5
.]
0
.
5
3
[
8
3
.
1]
5
[
7
9
1
.]
8
1
.
3
[
5
2
1
.)
0
4
0
.
(
2
3
0
.
S
E
I
R
E
S
V
W
P
e
g
a
t
t
a
W
.
x
a
M
*
e
g
a
t
l
o
V
x
a
M
*
t
n
e
r
r
u
C
s
i
s
e
R
d
t
S
e
g
n
a
R
A
x
a
M
B
]
0
.
1
[
4
0
.
±
C
]
0
.
1
[
4
0
.
±
D
]
5
.
0
[
2
0
.
±
E
]
5
.
1
[
6
0
.
±
F
]
5
.
1
[
6
0
.
±
5
V
W
P5
V
0
0
2A
2
21
0
.
M
1
o
t]
6
.
5
3
[
0
4
.
1]
0
1
[
0
0
4
.]
0
1
[
0
0
4
.]
5
.
1
[
0
6
0
.]
5
[
0
0
2
.]
5
[
0
0
2
.
7
V
W
P7
V
0
5
3A
6
21
0
.
M
1
o
t]
3
.
7
4
[
6
8
.
1]
0
1
[
0
0
4
.]
0
1
[
0
0
4
.]
5
.
1
[
0
6
0
.]
5
[
0
0
2
.]
5
[
0
0
2
.
0
1
V
W
P0
1V
0
0
5A
2
31
0
.
M
1
o
t]
5
.
2
6
[
6
4
.
2]
0
1
[
0
0
4
.]
0
1
[
0
0
4
.]
5
.
1
[
0
6
0
.]
5
[
0
0
2
.]
5
[
0
0
2
.
5
1
V
W
P5
1V
0
4
5A
2
31
0
.
K
0
5
1
o
t]
5
.
2
6
[
6
4
.
2]
7
.
2
1
[
0
0
5
.]
5
.
3
1
[
0
3
5
.]
5
.
2
[
0
0
1
.]
7
.
6
[
5
6
2
.]
7
.
6
[
5
6
2
.
0
2
V
W
P0
2V
0
0
6A
2
31
0
.
K
0
5
1
o
t]
7
.
6
7
[
2
0
.
3]
7
.
2
1
[
0
0
5
.]
7
.
4
1
[
0
8
5
.]
5
.
2
[
0
0
1
.]
0
.
7
[
5
7
2
.]
5
.
7
[
5
9
2
.
5
2
V
W
P5
2V
0
0
6A
2
31
0
.
K
0
5
1
o
t]
7
.
6
7
[
2
0
.
3]
7
.
2
1
[
0
0
5
.]
7
.
4
1
[
0
8
5
.]
5
.
2
[
0
0
1
.]
0
.
7
[
5
7
2
.]
5
.
7
[
5
9
2
.
* Units not to exceed wattage, voltage, or current rating, whichever is less. Voltage determined by E=
, E not to exceed max
voltage rating. Multiply voltage rating by 0.7 for Opt. X. Increased voltage & current ratings available (up to 1KV, 100A).
PR
TYPICAL PERFORMANCE CHARACTERISTICS
.
p
m
e
Tf
e
o
C.
C
°
/
M
P
P
)
C
°
/
0
0
1
~
5
2
(
e
g
n
a
R
.
s
e
RV
P &PW V
)
t
s
e
B
(
d
t
S)
t
s
e
B
(
d
t
S
H
V
P
9
4
0
0
.
-
1
0
0
.
A
/
N)
m
p
p
0
5
(
m
p
p
0
0
2
1
9
9
0
0
.
-
5
0
0
.
)
m
p
p
0
5
(
m
p
p
0
0
8)
m
p
p
5
2
(
m
p
p
0
0
6
4
2
0
.
-
1
0
.
)
m
p
p
0
5
(
m
p
p
0
0
6)
m
p
p
5
2
(
m
p
p
0
0
2
9
4
0
.
-
5
2
0
.
)
m
p
p
0
3
(
m
p
p
0
0
5)
m
p
p
5
2
(
m
p
p
0
5
1
9
9
0
.
-
5
0
.
)
m
p
p
0
2
(
m
p
p
0
0
4)
m
p
p
0
1
(
m
p
p
0
9
9
9
.
-
1
.
)
m
p
p
0
2
(
m
p
p
0
5
3)
m
p
p
0
1
(
m
p
p
0
5
1
e
v
o
b
a
&)
m
p
p
0
1
(
m
p
p
0
0
2)
m
p
p
5
(
m
p
p
0
2
.
p
m
e
T
g
n
i
t
a
r
e
p
O)
l
i
a
v
a
C
°
5
7
2
(
C
°
0
2
2
+
o
t
°
5
5
-
h
t
g
n
e
r
t
S
c
i
r
t
c
e
l
e
i
DV
0
0
0
1
(
d
a
o
l
r
e
v
o
.
c
e
S
5
)
V
x
a
m
x
5
.
1)
X
5
=
W
W
.
t
p
O
(
e
g
a
t
t
a
w
d
e
t
a
r
X
3
e
c
n
a
t
s
i
s
e
R
e
r
u
t
s
i
o
M%
0
.
3
e
r
u
s
o
p
x
E
.
p
m
e
T
h
g
i
H%
0
.
1
)
s
r
u
o
h
0
0
0
1
(
e
f
i
L
d
a
o
L%
0
.
3
d
e
c
u
d
e
r
(
e
c
n
a
t
c
u
d
n
I
X
t
p
O
)
H
n
7
6
o
t
.
l
i
a
v
a
s
l
e
v
e
l
e
c
n
a
t
c
u
d
n
i
X
.
t
p
O
:
W
5
≤ 0
5
,
x
a
m
H
u
2
.
=
> 0
5
x
a
m
H
u
7
3
.
=
X
.
t
p
O
:
W
7
≤ 0
5
,
x
a
m
H
u
3
.
=
> 0
5
x
a
m
H
u
6
.
=
e
s
i
R
e
r
u
t
a
r
e
p
m
e
T1
r
e
w
o
p
d
e
t
a
r
ll
u
f
t
a
p
y
t
C
°
0
2
2
o
t
5
2
)
A
,
V
,
W
(
g
n
i
t
a
r
e
DC
°
5
2
e
v
o
b
a
C
°
/
%
3
1
5
.
y
b
e
t
a
r
e
D
FA053D
Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
48
D
A
C
→ ←
E
B
.125”
min
F (dia)
Mounting Layout
.125”
min
D
A
C
→ ←
E
B
.040”
(.048 opt.B)
Mounting Layout
F
E
.032x.08” 5-15W, .05x.12” 20-25W (3)
C
F
.036”
±.005
lead is
terminated
to metal
bracket
E
B
.022”
.125”
min.
D(3)
A
.05” dia.
E
B
Mounting Layout
...
.
. .
P/N DESIGNATION:
Options: X, WW, P, M, FF, E, B
(Leave blank if standard)
RCD Type
PV10
- 100 - J B
W
Packaging: B=bulk (standard)
Tolerance: A=0.05%, B=0.1%, C=0.25%, D=0.5%,
F=1%, G=2%, J=5%(std), K=10%
Optional TC: 10=10ppm, 20=20ppm, 50=50ppm, 101=100ppm,
201=200ppm, etc. (leave blank if standard)
Resis.Code .05%-1%: 3 signif. figures & multiplier, e.g. R001=.001
Ω,
R010=.01
Ω, R100=.1Ω, 1R00=1Ω, 10R0=10Ω, 1000=100Ω, 1001=1K.
Resis.Code 2%-10%: 2 signif. figures & multiplier, e.g. R001=.001
Ω,
R01=0.01
Ω, R10=0.1Ω, 1R0=1Ω, 100=10Ω, 101=100Ω, 102=1K.
Termination: W= Lead-free, Q= Tin/Lead (leave blank if either is acceptable,
in which case RCD will select based on lowest price and quickest delivery)
RoHS
Term.W is
RoHS
compliant &
260°C
compatible


Similar Part No. - PV10B-100

ManufacturerPart #DatasheetDescription
logo
Marathon Special Produc...
PV10BW MARATHON-PV10BW Datasheet
170Kb / 3P
   30 Amps 1000 Volts DC
REV-D 05-23-17
More results

Similar Description - PV10B-100

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
RSF2B-R100-JBW RCD-RSF2B-R100-JBW Datasheet
48Kb / 1P
   METAL OXIDE RESISTORS, 1/2W to 9W
RW3X-R015-GB RCD-RW3X-R015-GB Datasheet
40Kb / 1P
   ECONOMY WIREWOUND RESISTORS 1 WATT to 10 WATT
T225X-R100-KB RCD-T225X-R100-KB Datasheet
44Kb / 1P
   TUBULAR WIREWOUND RESISTORS 12 WATT to 1300 WATT
210X-R10 RCD-210X-R10 Datasheet
43Kb / 1P
   MINIATURE WIREWOUND RESISTORS 1 WATT to 10 WATT
MP220P-R100-J RCD-MP220P-R100-J Datasheet
44Kb / 1P
   POWER FILM RESISTORS TO 140 WATT
FR1P-R100-KB RCD-FR1P-R100-KB Datasheet
32Kb / 1P
   FAILSAFE FUSE RESISTORS 1/2 WATT to 50 WATT
HDP220P-R010JB RCD-HDP220P-R010JB Datasheet
84Kb / 1P
   POWER THICK FILM ON STEEL RESISTORS TO126, TO220, and TO247, 25 to 100 WATT
EW750X-R100-KB RCD-EW750X-R100-KB Datasheet
107Kb / 1P
   HIGH POWER EDGEWOUND RESISTORS TUBULAR, 75 WATT to 2000 WATT
CFZ2537-102-JB RCD-CFZ2537-102-JB Datasheet
33Kb / 1P
   HIGH VOLTAGE CARBON RESISTORS 1/8 WATT to 3 WATT
MPF2SP-R100-J RCD-MPF2SP-R100-J Datasheet
45Kb / 1P
   ECONOMICAL 1 WATT TO 3 WATT POWER FILM MELF RESISTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com