Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NEF0201501BP-XC Datasheet(PDF) 7 Page - Murata Power Solutions Inc.

Part # NEF0201501BP-XC
Description  Non-Isolated 20A SIP/SMT DC/DC Converters
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

NEF0201501BP-XC Datasheet(HTML) 7 Page - Murata Power Solutions Inc.

Back Button NEF0201501BP-XC Datasheet HTML 3Page - Murata Power Solutions Inc. NEF0201501BP-XC Datasheet HTML 4Page - Murata Power Solutions Inc. NEF0201501BP-XC Datasheet HTML 5Page - Murata Power Solutions Inc. NEF0201501BP-XC Datasheet HTML 6Page - Murata Power Solutions Inc. NEF0201501BP-XC Datasheet HTML 7Page - Murata Power Solutions Inc. NEF0201501BP-XC Datasheet HTML 8Page - Murata Power Solutions Inc. NEF0201501BP-XC Datasheet HTML 9Page - Murata Power Solutions Inc. NEF0201501BP-XC Datasheet HTML 10Page - Murata Power Solutions Inc. NEF0201501BP-XC Datasheet HTML 11Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Murata Power Solutions
7
NFA020_6200760000_B04_21/04/08
Non-Isolated 20A SIP/SMT DC/DC Converters
VOLANT NFA020 Series
NFA020 SMT Derating Curve V1.0 Vout=1.8V
0
5
10
15
20
25
30
40
50
60
70
80
90
Ambient Temperature(oC)
0LFM
100LFM
200LFM
300LFM
400LFM
Fig 8. SMT Derating of Output Current for 12Vin 1.8V Out.
NFA020 SIP Derating Curve V1.0 Vout=1.8V
0
5
10
15
20
25
30
40
50
60
70
80
90
A mbient T emperature ( C )
0LFM
100LFM
200LFM
300LFM
400LFM
Fig 9. SIP Derating of Output Current for 12Vin 1.8V Out.
NFA020 SMT Derating Curve Vout=1.8V
NFA020 SIP Derating Curve Vout=1.8V


Similar Part No. - NEF0201501BP-XC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NEF0051330B0-XC MURATA-PS-NEF0051330B0-XC Datasheet
895Kb / 23P
   Non-Isolated 5A SIP/SMT DC/DC Converters
NEF0051330BP-XC MURATA-PS-NEF0051330BP-XC Datasheet
895Kb / 23P
   Non-Isolated 5A SIP/SMT DC/DC Converters
NEF0051330S0-XC MURATA-PS-NEF0051330S0-XC Datasheet
895Kb / 23P
   Non-Isolated 5A SIP/SMT DC/DC Converters
NEF0051330SP-XC MURATA-PS-NEF0051330SP-XC Datasheet
895Kb / 23P
   Non-Isolated 5A SIP/SMT DC/DC Converters
NEF0051331B0-XC MURATA-PS-NEF0051331B0-XC Datasheet
895Kb / 23P
   Non-Isolated 5A SIP/SMT DC/DC Converters
More results

Similar Description - NEF0201501BP-XC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NCA005 MURATA-PS-NCA005 Datasheet
895Kb / 23P
   Non-Isolated 5A SIP/SMT DC/DC Converters
NEA016 MURATA-PS-NEA016 Datasheet
1Mb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
logo
Murata Manufacturing Co...
NCA015 MURATA-NCA015 Datasheet
372Kb / 22P
   Non-Isolated 15A SIP/SMT DC/DC Converters
NEA005 MURATA-NEA005 Datasheet
1Mb / 25P
   Non-Isolated 5A SIP/SMT DC/DC Converters
NEA016 MURATA-NEA016 Datasheet
1Mb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
NFA016 MURATA-NFA016 Datasheet
505Kb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
logo
C&D Technologies
NCA015 CANDD-NCA015 Datasheet
316Kb / 22P
   Non-Isolated 15A SIP/SMT DC/DC Converters
logo
Murata Power Solutions ...
NFA016 MURATA-PS-NFA016 Datasheet
505Kb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
NEA005 MURATA-PS-NEA005 Datasheet
1Mb / 25P
   Non-Isolated 5A SIP/SMT DC/DC Converters
logo
C&D Technologies
NCA005 CANDD-NCA005 Datasheet
300Kb / 23P
   Non-Isolated 5A SIP/SMT DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com