Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCF0101501SP-XC Datasheet(PDF) 3 Page - Murata Power Solutions Inc.

Part # NCF0101501SP-XC
Description  Non-Isolated 10A SIP/SMT DC/DC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

NCF0101501SP-XC Datasheet(HTML) 3 Page - Murata Power Solutions Inc.

  NCF0101501SP-XC Datasheet HTML 1Page - Murata Power Solutions Inc. NCF0101501SP-XC Datasheet HTML 2Page - Murata Power Solutions Inc. NCF0101501SP-XC Datasheet HTML 3Page - Murata Power Solutions Inc. NCF0101501SP-XC Datasheet HTML 4Page - Murata Power Solutions Inc. NCF0101501SP-XC Datasheet HTML 5Page - Murata Power Solutions Inc. NCF0101501SP-XC Datasheet HTML 6Page - Murata Power Solutions Inc. NCF0101501SP-XC Datasheet HTML 7Page - Murata Power Solutions Inc. NCF0101501SP-XC Datasheet HTML 8Page - Murata Power Solutions Inc. NCF0101501SP-XC Datasheet HTML 9Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Murata Power Solutions
3
NFA010_6200880000_ B01_21/04/08
Non-Isolated 10A SIP/SMT DC/DC
VOLANT NFA010 SERIES
Standards Compliance
CSA C22.2, No.60950/UL 60950, Third Edition (2000), File UL E165113
Thermal Considerations
The power module operates in a variety of thermal environments; however, sufficient cooling should
be provided to help ensure reliable operation of the unit.
The thermal data presented is based on measurements taken at various airflows. Note that airflow is
parallel to the long axis of the module as shown in Figure 1 and derating applies accordingly.
Figure 1. Thermal Tests Set-Up.
The temperature at either location should not exceed 110
°C. Over-temperature shutdown is
evaluated at these locations. The output power of the module should not exceed the rated power for
the module(Vo,set X Io,max).
Requirements for Cooling
To predict the approximate cooling needed for the module, refer to the Power Derating Curves in
Figures 2-17 .
These derating curves are approximations of the ambient temperature and airflow required to keep
the power module temperature below it's maximum rating. Once the module is assembled in the
actual system, the module's temperature should be verified.


Similar Part No. - NCF0101501SP-XC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NCF0151330B0-XC CANDD-NCF0151330B0-XC Datasheet
316Kb / 22P
   Non-Isolated 15A SIP/SMT DC/DC Converters
logo
Murata Power Solutions ...
NCF0151330B0-XC MURATA-PS-NCF0151330B0-XC Datasheet
372Kb / 22P
   Non-Isolated 15A SIP/SMT DC/DC Converters
logo
C&D Technologies
NCF0151330BP-XC CANDD-NCF0151330BP-XC Datasheet
316Kb / 22P
   Non-Isolated 15A SIP/SMT DC/DC Converters
logo
Murata Power Solutions ...
NCF0151330BP-XC MURATA-PS-NCF0151330BP-XC Datasheet
372Kb / 22P
   Non-Isolated 15A SIP/SMT DC/DC Converters
logo
C&D Technologies
NCF0151330S0-XC CANDD-NCF0151330S0-XC Datasheet
316Kb / 22P
   Non-Isolated 15A SIP/SMT DC/DC Converters
More results

Similar Description - NCF0101501SP-XC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NEA-NEF010 MURATA-NEA-NEF010 Datasheet
795Kb / 18P
   Non-Isolated 10A SIP DC/DC Converters
logo
Murata Power Solutions ...
NCA005 MURATA-PS-NCA005 Datasheet
895Kb / 23P
   Non-Isolated 5A SIP/SMT DC/DC Converters
NEA016 MURATA-PS-NEA016 Datasheet
1Mb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
logo
Murata Manufacturing Co...
NCA015 MURATA-NCA015 Datasheet
372Kb / 22P
   Non-Isolated 15A SIP/SMT DC/DC Converters
NEA005 MURATA-NEA005 Datasheet
1Mb / 25P
   Non-Isolated 5A SIP/SMT DC/DC Converters
NEA016 MURATA-NEA016 Datasheet
1Mb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
NFA016 MURATA-NFA016 Datasheet
505Kb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
logo
C&D Technologies
NCA015 CANDD-NCA015 Datasheet
316Kb / 22P
   Non-Isolated 15A SIP/SMT DC/DC Converters
logo
Murata Power Solutions ...
NFA020 MURATA-PS-NFA020 Datasheet
679Kb / 25P
   Non-Isolated 20A SIP/SMT DC/DC Converters
NFA016 MURATA-PS-NFA016 Datasheet
505Kb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com