Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WU205 Datasheet(PDF) 2 Page - XP Power Limited

Part # WU205
Description  DC-DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

WU205 Datasheet(HTML) 2 Page - XP Power Limited

  WU205 Datasheet HTML 1Page - XP Power Limited WU205 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.xpplc.com
sales@xpplc.com
Mechanical Details
REMOTE ON/OFF CONTROL
- ON
>5.5 VDC or Open Circuit
- OFF
<1.8 VDC
Shutdown Idle Current
10 mA
Input Resistance
(Ein 0 VDC to 9 VDC) 100 kΩ
Remote ON/OFF Common
Referenced to input Minus
Output may optionally be externally trimmed (±5%)
with a fixed resistor or an external trimpot as shown.
EXTERNAL OUTPUT TRIMMING
PIN CONNECTIONS
Pin
Single Output
Dual Output
Triple Output
1
+ Input
+ Input
Remote ON/OFF
2
- Input
- Input
- Input
3
+ Output
+ Output
+ Input
4
Trim
Common
- Output
5
- Output
- Output
Common
6
Remote ON/OFF Remote ON/OFF
5 VDC Output
7
-
-
+ Output
NOTES:
1. Voltage accuracy on 3 VDC and triple outputs ±3% max. Single outputs can be
trimmed ±5%.
2. Load regulation ±2% for dual and triple outputs.
3. Triple outputs require minimum of 10% load for rated performance.
4. Remote ON/OFF standard on triple output units, add suffix ‘E’ to model number for
option on single and dual output units.
5. Pin 6 is only fitted on single and dual output models with ‘E’ suffix.
Single & Dual Output Models
OUTPUT VOLTAGE & CURRENT RATINGS
WU
Input
Output
Output
Input Current(1)
Efficiency
Model
Voltage
Voltage
Current
No Load
Full Load
Number
3.3 VDC
3000 mA
10 mA
2470 mA
80%
WU100
5.0 VDC
2000 mA
10 mA
2620 mA
76%
WU101
12.0 VDC
800 mA
10 mA
2520 mA
76%
WU102
4.5-6.0 VDC
15.0 VDC
667 mA
10 mA
2510 mA
80%
WU103
±5.0 VDC
±1000 mA
10 mA
2620 mA
76%
WU104
±12.0 VDC
±400 mA
10 mA
2520 mA
76%
WU105
±15.0 VDC
±333 mA
10 mA
2510 mA
79%
WU106
9-18 VDC
3.3 VDC
3000 mA
10 mA
1030 mA
80%
WU200
5.0 VDC
3000 mA
30 mA
1560 mA
80%
WU201
12.0 VDC
1250 mA
30 mA
1540 mA
81%
WU202
15.0 VDC
1000 mA
30 mA
1525 mA
82%
WU203
±5.0 VDC
±1500 mA
30 mA
1560 mA
80%
WU204
9-36 VDC
±12.0 VDC
±625 mA
30 mA
1540 mA
81%
WU205
±15.0 VDC
±500 mA
30 mA
1520 mA
82%
WU206
5.0/±12.0 VDC
1500/±310 mA
20 mA
1576 mA
79%
WU207
5.0/±15 VDC
1500/±250 mA
20 mA
1582 mA
79%
WU208
5.0/+12.0/–5.0 VDC
1500/310/500 mA
20 mA
1447 mA
79%
WU209
18-36 VDC
3.3 VDC
3000 mA
10 mA
500 mA
83%
WU300
5.0 VDC
3000 mA
20 mA
760 mA
82%
WU301
12.0 VDC
1250 mA
20 mA
750 mA
83%
WU302
15.0 VDC
1000 mA
20 mA
745 mA
84%
WU303
±5.0 VDC
±1500 mA
20 mA
760 mA
82%
WU304
20-72 VDC
±12.0 VDC
±625 mA
20 mA
750 mA
83%
WU305
±15.0 VDC
±500 mA
20 mA
745 mA
84%
WU306
5.0/±12.0 VDC
1500/±310 mA
15 mA
778 mA
80%
WU307
5.0/±15.0 VDC
1500/±250 mA
15 mA
781 mA
80%
WU308
5.0/+12.0/–5.0 VDC
1500/310/500 mA
15 mA
715 mA
80%
WU309
36-72 VDC
3.3 VDC
3000 mA
10 mA
245 mA
84%
WU400
Triple Output Models
Dimensions in inches (mm)
1. Input current is at nominal input voltage.
Notes
Rev 2.0


Similar Part No. - WU205

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WU205 ETC-WU205 Datasheet
52Kb / 2P
   10/15 Watts WU Series
More results

Similar Description - WU205

ManufacturerPart #DatasheetDescription
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
   DC-DC Converters
logo
Emerson Network Power
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
   DC-DC CONVERTERS
logo
Central Technologies
CTDD1605S-D CT-CTDD1605S-D Datasheet
205Kb / 2P
   DC/DC Converters
CTDD1712MF-SU1K-2 CT-CTDD1712MF-SU1K-2 Datasheet
536Kb / 2P
   DC/DC Converters
CTDD3220DF-S1.5K-5M CT-CTDD3220DF-S1.5K-5M Datasheet
282Kb / 2P
   DC/DC Converters
CTDD1907SF-D1K-2 CT-CTDD1907SF-D1K-2 Datasheet
258Kb / 2P
   DC/DC Converters
CTDD1907SF-DU3K-2 CT-CTDD1907SF-DU3K-2 Datasheet
185Kb / 2P
   DC/DC Converters
CTDD5025DF-S1K-10M CT-CTDD5025DF-S1K-10M Datasheet
244Kb / 2P
   DC/DC Converters
logo
Central Semiconductor C...
CTDD5025DF-2403-30M CENTRAL-CTDD5025DF-2403-30M Datasheet
443Kb / 2P
   DC/DC Converters
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
   DC-DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com