Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WT404 Datasheet(PDF) 2 Page - XP Power Limited

Part # WT404
Description  DC-DC Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

WT404 Datasheet(HTML) 2 Page - XP Power Limited

  WT404 Datasheet HTML 1Page - XP Power Limited WT404 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WT Series
11-Nov-05
Mechanical Details
Models and Ratings
Input
Voltage (1,2,4)
Output
Voltage
Output
Current
Input Current (6)
Efficiency
Model
Number (3)
No Load
Full Load
9-18 VDC
3.3 VDC
1000 mA
7.5 mA
393 mA
70%
WT200
5.0 VDC
1000 mA
7.5 mA
545 mA
76%
WT201
12.0 VDC
470 mA
7.5 mA
585 mA
80%
WT202
15.0 VDC
400 mA
7.5 mA
625 mA
80%
WT203
±5.0 VDC
±500 mA
12.0 mA
545 mA
76%
WT204
±12.0 VDC
±230 mA
12.0 mA
575 mA
80%
WT205
±15.0 VDC
±190 mA
12.0 mA
590 mA
80%
WT206
18-36 VDC
3.3 VDC
1000 mA
5.0 mA
197 mA
70%
WT300
5.0 VDC
1000 mA
5.0 mA
265 mA
78%
WT301
12.0 VDC
470 mA
5.0 mA
285 mA
82%
WT302
15.0 VDC
400 mA
5.0 mA
305 mA
82%
WT303
±5.0 VDC
±500 mA
7.5 mA
265 mA
78%
WT304
±12.0 VDC
±230 mA
7.5 mA
285 mA
81%
WT305
±15.0 VDC
±190 mA
7.5 mA
295 mA
81%
WT306
36-72 VDC
3.3 VDC
1000 mA
2.0 mA
98 mA
70%
WT400
5.0 VDC
1000 mA
2.0 mA
133 mA
78%
WT401
12.0 VDC
470 mA
2.0 mA
145 mA
81%
WT402
15.0 VDC
400 mA
2.0 mA
154 mA
81%
WT403
±5.0 VDC
±500 mA
3.0 mA
133 mA
78%
WT404
±12.0 VDC
±230 mA
3.0 mA
142 mA
81%
WT405
±15.0 VDC
±190 mA
3.0 mA
147 mA
81%
WT406
Notes
1. Nominal input voltage 12, 24 or 48 VDC.
2. For optional 4:1 input range: 9-36 VDC: Add suffix ‘A’ to WT2xx model number,
20-72 VDC: Add suffix ‘A’ to WT3xx model number.
3. For 3000 VDC isolation add suffix ‘X’ to model number.
4. For UL1950 approval, add suffix ‘XU’ to model number. UL approved product
is only available with 3000 VDC isolation and option ‘X’ pinout.
5. ‘X’ or ‘XU’ versions are not available with optional 4:1 input range.
6. Input current is at nominal input voltage.
0.02
(0.5)
0.08 (2.0)
0.10
(2.5)
1.25
(31.8)
0.5
(12.7)
Max
0.15
(3.8)
24
23
22
1
2
3
9
10
11
12
16
15
14
13
0.60 (15.2)
0.80 (20.3)
BOTTOM
VIEW
PIN CONNECTIONS
Pin
Single Output
Dual Output
1
+V input
+V input
2
N/C
-V output
3
N/C
Common
9
No pin
No pin
10
-V output
Common
11
+V output
+V output
12
-V input
-V input
13
-V input
-V input
14
+V output
+V output
15
-V output
Common
16
No pin
No pin
22
N/C
Common
23
N/C
-V output
24
+V input
+V input
OPTION ‘X’ / ‘XU’ PIN CONNECTIONS
Pin
Single Output
Dual Output
1
No pin
No pin
2
-V input
-V input
3
-V input
-V input
9
N/C
Common
10
N/C
N/C
11
N/C
-V output
12
No pin
No pin
13
No pin
No pin
14
+V output
+V output
15
N/C
N/C
16
-V output
Common
22
+V input
+V input
23
+V input
+V input
24
No pin
No pin
All dimensions are in inches (mm)
Weight: 0.06 lbs (25 g) approx.
Derating Curve
-20 -10
0
10
20
30
40
50
60
70
80
90 100
20
40
60
80
100
Ambient Temperature (ºC)
0


Similar Part No. - WT404

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WT41 ETC2-WT41 Datasheet
147Kb / 3P
   Bluetooth specification
WT41 ETC2-WT41 Datasheet
414Kb / 18P
   EVALUATION
logo
Silicon Laboratories
WT41 SILABS-WT41 Datasheet
1Mb / 17P
   WT41 EVALUATION KIT
Version 1.0
logo
List of Unclassifed Man...
WT41-A ETC2-WT41-A Datasheet
1Mb / 49P
   Fully Qualified Bluetooth v2.1 EDR end product
logo
Silicon Laboratories
WT41-A SILABS-WT41-A Datasheet
1Mb / 48P
   WT41 Bluetooth® Module
Version 1.45
More results

Similar Description - WT404

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ICH5012S2V5 XPPOWER-ICH5012S2V5 Datasheet
371Kb / 4P
   DC-DC Power Supplies
IW0503SA XPPOWER-IW0503SA Datasheet
260Kb / 2P
   DC-DC Power Supplies
JCL3012S3V3 XPPOWER-JCL3012S3V3 Datasheet
69Kb / 2P
   DC-DC Power Supplies
JPM80PS03 XPPOWER-JPM80PS03 Datasheet
420Kb / 4P
   DC-DC Power Supplies
JTB0324S3V3 XPPOWER-JTB0324S3V3 Datasheet
87Kb / 2P
   DC-DC Power Supplies
RDC40 XPPOWER-RDC40 Datasheet
463Kb / 4P
   DC-DC Power Supplies
SWX1048S1V2 XPPOWER-SWX1048S1V2 Datasheet
177Kb / 4P
   DC-DC Power Supplies
IB0503S XPPOWER-IB0503S Datasheet
53Kb / 1P
   DC-DC Power Supplies
IF0503S XPPOWER-IF0503S Datasheet
158Kb / 1P
   DC-DC Power Supplies
IL0503S XPPOWER-IL0503S Datasheet
45Kb / 1P
   DC-DC Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com