Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WA405 Datasheet(PDF) 1 Page - XP Power Limited

Part # WA405
Description  DC-DC Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

WA405 Datasheet(HTML) 1 Page - XP Power Limited

  WA405 Datasheet HTML 1Page - XP Power Limited WA405 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specification
3 Watts
2:1 Input Range
Optional 4:1 Input Range
Efficiency to 74%
Input Pi Filter
Fully Regulated Outputs
Optional 3 kVDC Isolation
UL Approved Versions
WA Series
Input
Input Voltage Range
• 5 V (4.5-6.0 VDC)
12 V (9-18 or 9-36 VDC - A version)
24 V (18-36 or 18-72 VDC - A version)
48 V (36-72 VDC)
Input Current
• See table
Input Filter
• Pi network
Undervoltage Lockout
• Turn On > 65% nominal input
Turn Off < 62% nominal input
Output
Output Voltage
• See table
Output Voltage Balance • ±1% max, dual output models
Intial Set Accuracy
• ±2% max
Start Up Delay
• 30 ms max
Start Up Rise Time
• 35 ms typical
Line Regulation
• ±0.5% max (high line to low line)
Load Regulation
• ±0.5% max for 10-100% load change
single output models, ±1.0% max for
25-100% load change dual output models
Cross Regulation
• 2.2% on dual output models
Transient Response
• <1.5% max deviation, recovering within
200 µs for a 50% load change
Ripple & Noise
• 100 mV or 1% pk-pk, whichever is
greater, 20MHz BW
Overcurrent Protection • 110-130% trip and restart (Hiccup mode)
Short Circuit Protection • Continuous with auto recovery
Maximum Capacitive
• 30,000 µF
Load
Temperature
• ±0.05 /°C max
Coefficient
xppower.com
General
Efficiency
• See table
Isolation
• 500 VDC Input to Output (1000 M
/80 pF)
Optional high isolation version,
3000 VDC Input to Output, add suffix ‘X’
to model number
Switching Frequency
• 100 kHz typical
MTBF
• 1,000 kHrs to MIL-HDBK-217F
Environmental
Operating Temperature • -25 ºC to +70 ºC
Case Temperature
• +95 ºC max
Storage Temperature
• -40 ºC to +100 ºC
EMC & Safety
Emissions
• EN55022, level A conducted
EN55022, level A radiated
ESD Immunity
• EN61000-4-2, level 2
Performance Criteria A
Radiated Immunity
• EN61000-4-3 3 V/m
Performance Criteria A
Conducted Immunity
• EN61000-4-6 3 V rms
Performance Criteria A
Safety Approvals
• UL1950 for XU versions only


Similar Description - WA405

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
WT200 XPPOWER-WT200 Datasheet
82Kb / 2P
   DC-DC Power Supplies
ICH5012S2V5 XPPOWER-ICH5012S2V5 Datasheet
371Kb / 4P
   DC-DC Power Supplies
IW0503SA XPPOWER-IW0503SA Datasheet
260Kb / 2P
   DC-DC Power Supplies
JCL3012S3V3 XPPOWER-JCL3012S3V3 Datasheet
69Kb / 2P
   DC-DC Power Supplies
JPM80PS03 XPPOWER-JPM80PS03 Datasheet
420Kb / 4P
   DC-DC Power Supplies
JTB0324S3V3 XPPOWER-JTB0324S3V3 Datasheet
87Kb / 2P
   DC-DC Power Supplies
RDC40 XPPOWER-RDC40 Datasheet
463Kb / 4P
   DC-DC Power Supplies
SWX1048S1V2 XPPOWER-SWX1048S1V2 Datasheet
177Kb / 4P
   DC-DC Power Supplies
IB0503S XPPOWER-IB0503S Datasheet
53Kb / 1P
   DC-DC Power Supplies
IF0503S XPPOWER-IF0503S Datasheet
158Kb / 1P
   DC-DC Power Supplies
IL0503S XPPOWER-IL0503S Datasheet
45Kb / 1P
   DC-DC Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com