Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THF480LS24 Datasheet(PDF) 3 Page - XP Power Limited

Part # THF480LS24
Description  AC-DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

THF480LS24 Datasheet(HTML) 3 Page - XP Power Limited

  THF480LS24 Datasheet HTML 1Page - XP Power Limited THF480LS24 Datasheet HTML 2Page - XP Power Limited THF480LS24 Datasheet HTML 3Page - XP Power Limited THF480LS24 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
THF
3
Models and Ratings
Notes
Mechanical Details
Derating Curves
Maximum
Output Power
Output Voltage
Nominal
Output Voltage
Adjustment
Output Current
Maximum
Ripple and
Noise
(1)
Efficiency
Model
Number
76 W
12.0 V
12.00-14.00 V
6.3 A
100 mV
76%
THF75US12
77 W
24.0 V
24.00-27.00 V
3.2 A
150 mV
80%
THF75US24
77 W
48.0 V
48.00-53.00 V
1.6 A
240 mV
81%
THF75US48
120 W
12.0 V
12.00-14.00 V
10.0 A
80 mV
80%
THF120LS12
120 W
24.0 V
24.00-28.00 V
5.0 A
80 mV
84%
THF120LS24
120 W
48.0 V
48.00-53.00 V
2.5 A
100 mV
85%
THF120LS48
1. Measured at 20 MHz bandwidth using a 12” twisted pair terminated with a 0.1 µF/47 µF capacitor.
THF75 MODELS
THF120 MODELS
THF75 MODELS
THF120 MODELS
Weight:
THF75 0.55 kg
THF120 0.65 kg


Similar Part No. - THF480LS24

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
THF476K020P1F CDE-THF476K020P1F Datasheet
204Kb / 3P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF476K035P1G CDE-THF476K035P1G Datasheet
204Kb / 3P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
More results

Similar Description - THF480LS24

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com