Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDS120PS36B Datasheet(PDF) 2 Page - XP Power Limited

Part # SDS120PS36B
Description  AC-DC Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

SDS120PS36B Datasheet(HTML) 2 Page - XP Power Limited

  SDS120PS36B Datasheet HTML 1Page - XP Power Limited SDS120PS36B Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
17-Apr-07
4.49 (114.3)
0.10 (2.5)
5.00 (127.0)
4.49 (114.3)
4.00 (101.6)
0.25 (6.4)
3.90 (99.06)
2.70 (68.6)
0.55 (14.0)
M3XP0.5 (Mounting Holes) X 4
DC
OUTPUT
AC
INPUT
13
PFD
1
L
N
G
P1
P2
0.25 (6.4)
1.54 (39.2)
M3xP0.5 (Mounting Holes) X 3
SDS120
Mechanical Details
Models and Ratings
Max.
Power
Output 1
Output 2
Output 3
Model
Number
(2, 4, 5)
Vnom
Imin
Imax
Tol.
(1)
Vnom
Imin
Imax
Tol.
(1)
Vnom
Imin
Imax
Tol.
(1)
72.0 W
3.3 V
0.00 A
22.00 A
5%
SDS120PS03B
110.0 W
5.0 V
0.00 A
22.00 A
5%
SDS120PS05B
115.0 W
7.0 V
0.00 A
16.42 A
5%
SDS120PS07B
120.0 W
9.0 V
0.00 A
13.33 A
4%
SDS120PS09B
120.0 W
12.0 V
0.00 A
10.00 A
3%
SDS120PS12B
120.0 W
15.0 V
0.00 A
8.00 A
3%
SDS120PS15B
120.0 W
18.0 V
0.00 A
6.66 A
3%
SDS120PS18B
120.0 W
24.0 V
0.00 A
5.00 A
2%
SDS120PS24B
120.0 W
28.0 V
0.00 A
4.28 A
2%
SDS120PS28B
120.0 W
36.0 V
0.00 A
3.33 A
2%
SDS120PS36B
120.0 W
48.0 V
0.00 A
2.50 A
2%
SDS120PS48B
120.0 W
3.3 V
1.50 A
15.00 A
5%
12.0 V
0.20 A
6.0 A
5%
SDS120PD01B
120.0 W
5.0 V
1.50 A
15.00 A
5%
12.0 V
0.20 A
6.0 A
5%
SDS120PD02B
120.0 W
5.0 V
1.50 A
15.00 A
5%
15.0 V
0.20 A
6.0 A
5%
SDS120PD03B
120.0 W
5.0 V
1.50 A
15.00 A
5%
24.0 V
0.10 A
3.5 A
5%
SDS120PD04B
79.5 W
3.3 V
1.50 A
15.00 A
5%
5.0 V
0.40 A
6.0 A
5%
SDS120PD00B
120.0 W
5.0 V
1.50 A
15.00 A
5%
-24.0 V
0.20 A
2.0 A
5%
SDS120PD05B
120.0 W
28.0 V
0.39 A
3.92 A
5%
5.0 V
0.20 A
2.0 A
5%
SDS120PD06B
91.5 W
3.3 V
1.50 A
15.00 A
5%
5.0 V
0.60 A
6.0 A
5%
12.0 V
0.00 A
1.0 A
5%
SDS120PT00B
91.5 W
3.3 V
1.50 A
15.00 A
5%
5.0 V
0.60 A
6.0 A
5%
-12.0 V
0.00 A
1.0 A
5%
SDS120PT01B
120.0 W
3.3 V
1.50 A
15.00 A
5%
12.0 V
0.60 A
6.0 A
5%
5.0 V
0.00 A
0.8 A
5%
SDS120PT02B
120.0 W
3.3 V
1.50 A
15.00 A
5%
12.0 V
0.60 A
6.0 A
5%
-5.0 V
0.00 A
0.8 A
5%
SDS120PT03B
120.0 W
3.3 V
1.50 A
15.00 A
5%
12.0 V
0.60 A
6.0 A
5%
-12.0 V
0.00 A
0.8 A
5%
SDS120PT04B
120.0 W
3.3 V
1.50 A
15.00 A
5%
12.0 V
0.60 A
6.0 A
5%
12.0 V
0.00 A
0.8 A
5%
SDS120PT05B
120.0 W
5.0 V
1.50 A
15.00 A
5%
12.0 V
0.60 A
6.0 A
5%
5.0 V
0.00 A
0.8 A
5%
SDS120PT06B
120.0 W
5.0 V
1.50 A
15.00 A
5%
12.0 V
0.60 A
6.0 A
5%
-5.0 V
0.00 A
0.8 A
5%
SDS120PT07B
120.0 W
5.0 V
1.50 A
15.00 A
5%
12.0 V
0.60 A
6.0 A
5%
-12.0 V
0.00 A
0.8 A
5%
SDS120PT08B
120.0 W
5.0 V
1.50 A
15.00 A
5%
12.0 V
0.60 A
6.0 A
5%
12.0 V
0.00 A
0.8 A
5%
SDS120PT09B
120.0 W
5.0 V
1.50 A
15.00 A
5%
15.0 V
0.60 A
6.0 A
5%
-15.0 V
0.00 A
0.8 A
5%
SDS120PT10B
120.0 W
5.0 V
1.50 A
15.00 A
5%
15.0 V
0.60 A
6.0 A
5%
15.0 V
0.00 A
0.8 A
5%
SDS120PT11B
120.0 W
5.0 V
1.50 A
15.00 A
5%
24.0 V
0.35 A
3.5 A
5%
-24.0 V
0.00 A
0.8 A
5%
SDS120PT12B
120.0 W
5.0 V
1.50 A
15.00 A
5%
24.0 V
0.35 A
3.5 A
5%
24.0 V
0.00 A
0.8 A
5%
SDS120PT13B
120.0 W
5.0 V
1.50 A
15.00 A
5%
24.0 V
0.35 A
3.5 A
5%
-12.0 V
0.00 A
0.8 A
5%
SDS120PT14B
120.0 W
5.0 V
1.50 A
15.00 A
5%
24.0 V
0.35 A
3.5 A
5%
12.0 V
0.00 A
0.8 A
5%
SDS120PT15B
120.0 W
5.0 V
1.50 A
15.00 A
5%
10.0 V
0.60 A
6.0 A
5%
-10.0 V
0.00 A
1.0 A
5%
SDS120PT16B
120.0 W
5.0 V
1.50 A
15.00 A
5%
10.0 V
0.60 A
6.0 A
5%
10.0 V
0.00 A
1.0 A
5%
SDS120PT17B
Notes
1. Total regulation includes initial set accuracy, line regulation and load regulation.
2. For optional PCB only version, delete suffix ‘B’ from model number. Example
SDS120PS03.
3. For non-standard voltages contact sales office.
4. For optional Power Fail Detect circuit, add suffix ‘P’ to model number
5. For optional -40 ˚C operation, add suffix ‘-L’ to model number.
Notes:
1. Optional Power Fail Detect signal on ‘P’ versions only. Standard models pin 13 is N/C.
2. I/P connector P1 mates with Molex housing 09-50-3051 & Molex 2878 series crimp terminal.
3. O/P P2 mates with Molex housing 09-50-3131 & Molex 2878 series crimp terminal.
4. For optional cover kit order part number SDS120 COVER, to receive unit with cover fitted
add suffix ‘C’ to model number (overall height is 1.73 (44.0)).
5. For mating connector kit order part number SDS120 CON KIT.
6. For cable harness order part number SDS120S LOOMfor single output models &
SDS120M LOOMfor multi-output models.
7. DIN clips are available for alternate mounting order 2 x ‘DIN CLIP’.
All dimensions are in inches (mm).
Weight: 0.77-0.99 lbs (350-450 g) approx.
For PCB-only version, overall dimensions are max 5.00 x 3.00 x 1.44 (127.0 x 76.2 x 36.6).
Available from Farnell. See pages 204-206.
PIN CONNECTIONS
Pin
Single
Dual
Triple
1
V1
V2
V2
2
V1
V2
V2
3
V1
V1
V1
4
V1
V1
V1
5
V1
V1
V1
6
V1
V1
V1
7
Return
Common Common
8
Return
Common Common
9
Return
Common Common
10
Return
N/C
V3
11
Return
Common Common
12
Return
Common Common
13
PFD(1)
PFD(1)
PFD(1)
Power Fail Detect (PFD)
is +5 V for normal operation.
Source current is 5 mA max.
PFD is <0.4 V for either
AC Fail (<90 VAC) or
DC Fail (<95% Vnom).
Sink current is 10 mA max.
+5 V
Pin 13
Internal


Similar Part No. - SDS120PS36B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDS1202 ETC-SDS1202 Datasheet
1Mb / 2P
   super- economical type digital storage oscilloscope
SDS1204X-E ETC1-SDS1204X-E Datasheet
1Mb / 20P
   100 MHz, 200 MHz bandwidth models
logo
KOA Speer Electronics, ...
SDS1205 KOA-SDS1205 Datasheet
325Kb / 5P
   power choke coil
SDS1205TTEB100 KOA-SDS1205TTEB100 Datasheet
99Kb / 5P
   power choke coils
SDS1205TTEB101 KOA-SDS1205TTEB101 Datasheet
99Kb / 5P
   power choke coils
More results

Similar Description - SDS120PS36B

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com