Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS-25-15 Datasheet(PDF) 5 Page - XP Power Limited

Part # PS-25-15
Description  25W Single Output Switching Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

PS-25-15 Datasheet(HTML) 5 Page - XP Power Limited

  PS-25-15 Datasheet HTML 1Page - XP Power Limited PS-25-15 Datasheet HTML 2Page - XP Power Limited PS-25-15 Datasheet HTML 3Page - XP Power Limited PS-25-15 Datasheet HTML 4Page - XP Power Limited PS-25-15 Datasheet HTML 5Page - XP Power Limited PS-25-15 Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SPECIFICATION
PS-65-3.3
PS-65-5
PS-65-7.5
PS-65-12
PS-65-13.5
PS-65-15
PS-65-24
PS-65-27
PS-65-48
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY(Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
ACCURRENT (Typ.)
3.3V
5V
7.5V
12V
13.5V
15V
24V
27V
48V
12A
12A
8A
5.2A
4.7A
4.2A
2.7A
2.4A
1.35A
0~15.2A
0~13.8A
0~9.6A
0~6A
0~5.4A
0~4.8A
0~3A
0~2.7A
0~1.5A
39.6W
60W
60W
62.4W
63.5W
63W
64.8W
64.8W
64.8W
80mVp-p
100mVp-p
100mVp-p
100mVp-p
100mVp-p
100mVp-p
100mVp-p
100mVp-p
100mVp-p
3.14~3.63V 4.75~5.5V
7.13~8.25V 11.4~13.2V 12.8~14.9V 14.25~16.5V 22.8~26.4V 25.65~29.7V 45.6~52.8V
3.0%
3.0%
3.0%
2.0%
2.0%
2.0%
2.0%
2.0%
2.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
3.0%
3.0%
3.0%
2.0%
2.0%
2.0%
2.0%
2.0%
2.0%
800ms,20msatfullload
60msatfullload
90~264VAC127~370VDC
47~440Hz
69%
76%
79%
79%
79%
79%
80%
80%
80%
1.2A/115VAC0.72A/230VAC
COLDSTART 20A/115VAC40A/230VAC
<0.75mA /240VAC
73~105W(3.3V:51~75W)(5V:70~105W) ratedoutputpower
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved.
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved.
-10~+60
(Refertooutputloadderatingcurve)
20~90%RHnon-condensing
-20~+85
,10~95%RH
0.04%/
(0~50
10~500Hz,2G10min./1cycle,Periodfor60min.eachalongX, Y,Zaxes
300.7Khrsmin.MIL-HDBK-217F(25
)
127*76*42mm(L*W*H)
0.21Kg;54pcs/14.2Kg/1.35CUFT
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
5. Mounting holes M1 and M2 should be grounded for EMI purposes.
FileName:PS-65-SPEC 2007-03-14
OVERVOLTAGE
SAFETY STANDARDS
HARMONICCURRENT
EMSIMMUNITY
UL60950-1, TUVEN60950-1 Approved
CompliancetoEN55022(CISPR22)ClassB
Complianceto EN61000-3-2,-3
CompliancetoEN61000-4-2,3,4,5,6,8,11;ENV50204,EN55024,Lightindustrylevel,criteria A
65WSingleOutputSwitchingPowerSupply
P S - 6 5 series
Features :
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
EMICONDUCTION&RADIATION
ENVIRONMENT
SAFETY &
EMC
(Note4)
PROTECTION
Universal AC input/Full range
Low leakage current<0.5mA
Protections: Short circuit / Overload / Over voltage
Cooling by free air convection
100% full load burn-in test
Fixed switching frequency at 65KHz
2 years warranty
Ratedoutputpowerforconvection;72W(+3.3V:50W;+5V:69W)with18CFMmin.Forcedair
OUTPUTPOWER(max.)
3.8~4.46V
5.75~6.75V 8.63~10.1V 13.8~16.2V 15.5~18.2V 17.25~20.25V 27.6~32.4V 31~36.45V
55.2~64.8V


Similar Part No. - PS-25-15

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
PS-25-15 TOTAL-POWER-PS-25-15 Datasheet
401Kb / 2P
   25W Single Output Switching Power Supply
logo
Astrodyne Corporation
PS-25-15 ASTRODYNE-PS-25-15 Datasheet
1Mb / 6P
   25W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
PS-25-15 MEANWELL-PS-25-15 Datasheet
345Kb / 2P
   25W Single Output Switching Power Supply
logo
XP Power Limited
PS-25-15 XPPOWER-PS-25-15 Datasheet
1Mb / 6P
   25W Single Output Switching Power Supply
logo
RSG Electronic Componen...
PS-25-15 RSG-PS-25-15 Datasheet
204Kb / 2P
   25W Single Output Switching Power Supply
More results

Similar Description - PS-25-15

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RS-25 ASTRODYNE-RS-25 Datasheet
363Kb / 2P
   25W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
S-25 MEANWELL-S-25_10 Datasheet
427Kb / 2P
   25W Single Output Switching Power Supply
logo
RSG Electronic Componen...
RS-25 RSG-RS-25 Datasheet
146Kb / 2P
   25W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
PS-25 MEANWELL-PS-25_11 Datasheet
349Kb / 2P
   25W Single Output Switching Power Supply
logo
Total Power Internation...
RS-25 TOTAL-POWER-RS-25 Datasheet
297Kb / 2P
   25W Single Output Switching Power Supply
logo
XP Power Limited
PS-25-3.3 XPPOWER-PS-25-3.3 Datasheet
1Mb / 6P
   25W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
PS-25 MEANWELL-PS-25 Datasheet
345Kb / 2P
   25W Single Output Switching Power Supply
logo
Total Power Internation...
PS-25 TOTAL-POWER-PS-25 Datasheet
401Kb / 2P
   25W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
EPS-25 MEANWELL-EPS-25 Datasheet
195Kb / 2P
   25W Single Output Switching Power Supply
APC-25 MEANWELL-APC-25 Datasheet
73Kb / 2P
   25W Single Output Switching Power Supply
logo
Astrodyne Corporation
PS25 ASTRODYNE-PS25 Datasheet
321Kb / 4P
   25W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com