Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDM30US24 Datasheet(PDF) 2 Page - XP Power Limited

Part # PDM30US24
Description  AC-DC Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

PDM30US24 Datasheet(HTML) 2 Page - XP Power Limited

  PDM30US24 Datasheet HTML 1Page - XP Power Limited PDM30US24 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
17-Nov-08
Mechanical Details
PDM30
Models and Ratings
Notes
1. Initial set accuracy is set at 60% full load.
2. Add a 0.1 µF ceramic capacitor and a 10 µF electrolytic capacitor to output for ripple and noise measuring at 20 MHz bandwidth.
3. Line regulation is measured from 100 VAC to 240 VAC with full load.
4. Load regulation is measured from 20% to 100% full load (60% ±40% full load).
IEC320-C8
LED
5.2 (132.00)
48.00 ±0.80 (1220.0 ±20.0)
Output
Voltage
Output
Current
OVP
Range
Efficiency
Regulation
Model
Number
Line(3)
Load(4)
5 V
4.00 A
6.45-7.14 V
74%
±1%
±6%
PDM30US05
9 V
3.00 A
10.5-11.6 V
81%
±1%
±4%
PDM30US09
12 V
2.50 A
14.3-15.8 V
82%
±1%
±3%
PDM30US12
15 V
2.00 A
17.1-18.9 V
83%
±1%
±3%
PDM30US15
18 V
1.65 A
20.9-23.1 V
83%
±1%
±2%
PDM30US18
24 V
1.25 A
25.7-28.4 V
83%
±1%
±2%
PDM30US24
Output connector is right angle jack 0.22 x 0.10 x 0.47 (5.5 x 2.5 x 12.0), center postive.
Weight: 210 g (0.46 lbs).
All dimensions in inches (mm).
Derating Curves
Ambient Temperature (°C)
80
60
40
20
0
10
20
30
40
50
60
100
Ambient Temperature (°C)
80
60
40
20
0
10
20
30
40
50
60
100
5 V, 9 V & 12 V Models
15 V, 18 V & 24 V Models


Similar Part No. - PDM30US24

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PDM31096 ETC1-PDM31096 Datasheet
247Kb / 8P
   4 Megabit 3.3V Static RAM 512K x 8-Bit
PDM31096SA10SO ETC1-PDM31096SA10SO Datasheet
247Kb / 8P
   4 Megabit 3.3V Static RAM 512K x 8-Bit
PDM31096SA10SOA ETC1-PDM31096SA10SOA Datasheet
247Kb / 8P
   4 Megabit 3.3V Static RAM 512K x 8-Bit
PDM31096SA10SOATR ETC1-PDM31096SA10SOATR Datasheet
247Kb / 8P
   4 Megabit 3.3V Static RAM 512K x 8-Bit
PDM31096SA10SOATY ETC1-PDM31096SA10SOATY Datasheet
247Kb / 8P
   4 Megabit 3.3V Static RAM 512K x 8-Bit
More results

Similar Description - PDM30US24

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com