Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCA0051501BP-XC Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # NCA0051501BP-XC
Description  Non-Isolated 5A SIP/SMT DC/DC Converters
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

NCA0051501BP-XC Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  NCA0051501BP-XC Datasheet HTML 1Page - Murata Power Solutions Inc. NCA0051501BP-XC Datasheet HTML 2Page - Murata Power Solutions Inc. NCA0051501BP-XC Datasheet HTML 3Page - Murata Power Solutions Inc. NCA0051501BP-XC Datasheet HTML 4Page - Murata Power Solutions Inc. NCA0051501BP-XC Datasheet HTML 5Page - Murata Power Solutions Inc. NCA0051501BP-XC Datasheet HTML 6Page - Murata Power Solutions Inc. NCA0051501BP-XC Datasheet HTML 7Page - Murata Power Solutions Inc. NCA0051501BP-XC Datasheet HTML 8Page - Murata Power Solutions Inc. NCA0051501BP-XC Datasheet HTML 9Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Volant NEA005 Series
Non-Isolated 5A SIP/SMT
DC/DC Converters
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
CDC_Volant NEA005 Series.B03 Page 2 of 25
Performance Specifications and Ordering Guide
Input Characteristics
Input Characteristics
Notes and Conditions
Min.
Type
Max.
Units
Input Voltage Operating Range
8.3
12
14
Vdc
Input Reflected Ripple Current
200
mA p-p
Inrush Current Transient
0.2
A2s
Input Filter Type (external)
47μF/20V Tantalum & 10μF/15V Ceramic
57
μF
Input Turn ON Threshold
8.0
V
Input Turn OFF Threshold
7.9
V
Enable
(Positive enable has 20k pullup)
(Negative enable has no internal pullup resistor)
Positive enable: ON
open
Positive enable: OFF
<0.4
Vdc
Negative enable: ON; open circuit or
<0.4
Vdc
Negative enable: OFF
2
Vin
Output Characteristics
Notes and Conditions
Min.
Type
Max.
Units
Vout Accuracy
100% load
–1.5
+1.5
%
Output Loading
0
5
A
Output Ripple and Loading @ 20Mhz Bandwidth
75
mV
Maximum Capacitive Load
Low ESR
3000
μF
Vout Trim Range (nom)
0.75
5.0
V
Total Accuracy
Over line/load temperature
<2%
Current Limit
8.5
A
Output Line Regulation
–0.2
+0.2
%
Output Load Regulation
–0.5
+0.5
%
Turn-on Overshoot
1
%
SC Protection Technique
Hiccup with auto recovery
Pre-bias Start-up at output
Unit starts monotonically with Pre-bias
Dynamic Characteristics
Notes and Conditions
Min.
Type
Max.
Units
Load Transient
50% step, 0.1A/μs
Settling Time
200
200
mV
μs
Frequency
300
KHz
Rise Time
10% Vo to 90% Vo
3.5
ms
Start-Up Time
Vin to Vout and On/Off to Vout
Vout rise to monotonic
7
ms


Similar Part No. - NCA0051501BP-XC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NCA0051330B0-XC MURATA-PS-NCA0051330B0-XC Datasheet
895Kb / 23P
   Non-Isolated 5A SIP/SMT DC/DC Converters
logo
C&D Technologies
NCA0051330B0C CANDD-NCA0051330B0C Datasheet
300Kb / 23P
   Non-Isolated 5A SIP/SMT DC/DC Converters
logo
Murata Power Solutions ...
NCA0051330B0C MURATA-PS-NCA0051330B0C Datasheet
895Kb / 23P
   Non-Isolated 5A SIP/SMT DC/DC Converters
logo
Murata Manufacturing Co...
NCA0051330B0C MURATA-NCA0051330B0C Datasheet
895Kb / 23P
   Non-Isolated 5A SIP/SMT DC/DC Converters
logo
Murata Power Solutions ...
NCA0051330BP-XC MURATA-PS-NCA0051330BP-XC Datasheet
895Kb / 23P
   Non-Isolated 5A SIP/SMT DC/DC Converters
More results

Similar Description - NCA0051501BP-XC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NCA005 MURATA-PS-NCA005 Datasheet
895Kb / 23P
   Non-Isolated 5A SIP/SMT DC/DC Converters
logo
Murata Manufacturing Co...
NEA005 MURATA-NEA005 Datasheet
1Mb / 25P
   Non-Isolated 5A SIP/SMT DC/DC Converters
logo
C&D Technologies
NCA005 CANDD-NCA005 Datasheet
300Kb / 23P
   Non-Isolated 5A SIP/SMT DC/DC Converters
logo
Murata Manufacturing Co...
NCA005 MURATA-NCA005 Datasheet
895Kb / 23P
   Non-Isolated 5A SIP/SMT DC/DC Converters
logo
Murata Power Solutions ...
NEA016 MURATA-PS-NEA016 Datasheet
1Mb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
logo
Murata Manufacturing Co...
NCA015 MURATA-NCA015 Datasheet
372Kb / 22P
   Non-Isolated 15A SIP/SMT DC/DC Converters
NEA016 MURATA-NEA016 Datasheet
1Mb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
NFA016 MURATA-NFA016 Datasheet
505Kb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
logo
C&D Technologies
NCA015 CANDD-NCA015 Datasheet
316Kb / 22P
   Non-Isolated 15A SIP/SMT DC/DC Converters
logo
Murata Power Solutions ...
NFA020 MURATA-PS-NFA020 Datasheet
679Kb / 25P
   Non-Isolated 20A SIP/SMT DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com