Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NFF0051330SP-XC Datasheet(PDF) 11 Page - Murata Power Solutions Inc.

Part # NFF0051330SP-XC
Description  Non-Isolated 5A SIP/SMT DC/DC Converters
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

NFF0051330SP-XC Datasheet(HTML) 11 Page - Murata Power Solutions Inc.

Back Button NFF0051330SP-XC Datasheet HTML 7Page - Murata Power Solutions Inc. NFF0051330SP-XC Datasheet HTML 8Page - Murata Power Solutions Inc. NFF0051330SP-XC Datasheet HTML 9Page - Murata Power Solutions Inc. NFF0051330SP-XC Datasheet HTML 10Page - Murata Power Solutions Inc. NFF0051330SP-XC Datasheet HTML 11Page - Murata Power Solutions Inc. NFF0051330SP-XC Datasheet HTML 12Page - Murata Power Solutions Inc. NFF0051330SP-XC Datasheet HTML 13Page - Murata Power Solutions Inc. NFF0051330SP-XC Datasheet HTML 14Page - Murata Power Solutions Inc. NFF0051330SP-XC Datasheet HTML 15Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Murata Power Solutions
11
NCA005_6200830000.B01
Volant NCA005 Series
Non-Isolated 5A SIP/SMT DC/DC Converters
TYPICAL EFFICIENCY CURVES FOR VARIOUS VOLTAGE MODELS SIP/SMT VERSION.
NCA0051331S0 Vo=0.75V (Eff Vs Io)
65%
70%
75%
80%
85%
90%
95%
100%
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Current Load (A)
3.0V
5.0V
5.5V
Fig 18. SMT Efficiency Curves for Vout=075V (25C)
NCA0051331B0 Vo=0.75V (Eff Vs Io)
65%
70%
75%
80%
85%
90%
95%
100%
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Current Load (A)
3.0V
5V
5.5V
Fig 19. SIP Efficiency Curves for Vout=0.75V (25C)


Similar Part No. - NFF0051330SP-XC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NFF0051500B0-XC MURATA-PS-NFF0051500B0-XC Datasheet
1Mb / 25P
   Non-Isolated 5A SIP/SMT DC/DC Converters
NFF0051500BP-XC MURATA-PS-NFF0051500BP-XC Datasheet
1Mb / 25P
   Non-Isolated 5A SIP/SMT DC/DC Converters
NFF0051500S0-XC MURATA-PS-NFF0051500S0-XC Datasheet
1Mb / 25P
   Non-Isolated 5A SIP/SMT DC/DC Converters
NFF0051500SP-XC MURATA-PS-NFF0051500SP-XC Datasheet
1Mb / 25P
   Non-Isolated 5A SIP/SMT DC/DC Converters
NFF0051501B0-XC MURATA-PS-NFF0051501B0-XC Datasheet
1Mb / 25P
   Non-Isolated 5A SIP/SMT DC/DC Converters
More results

Similar Description - NFF0051330SP-XC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NEA005 MURATA-NEA005 Datasheet
1Mb / 25P
   Non-Isolated 5A SIP/SMT DC/DC Converters
logo
Murata Power Solutions ...
NEA005 MURATA-PS-NEA005 Datasheet
1Mb / 25P
   Non-Isolated 5A SIP/SMT DC/DC Converters
logo
C&D Technologies
NCA005 CANDD-NCA005 Datasheet
300Kb / 23P
   Non-Isolated 5A SIP/SMT DC/DC Converters
logo
Murata Manufacturing Co...
NCA005 MURATA-NCA005 Datasheet
895Kb / 23P
   Non-Isolated 5A SIP/SMT DC/DC Converters
logo
Murata Power Solutions ...
NEA016 MURATA-PS-NEA016 Datasheet
1Mb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
logo
Murata Manufacturing Co...
NCA015 MURATA-NCA015 Datasheet
372Kb / 22P
   Non-Isolated 15A SIP/SMT DC/DC Converters
NEA016 MURATA-NEA016 Datasheet
1Mb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
NFA016 MURATA-NFA016 Datasheet
505Kb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
logo
C&D Technologies
NCA015 CANDD-NCA015 Datasheet
316Kb / 22P
   Non-Isolated 15A SIP/SMT DC/DC Converters
logo
Murata Power Solutions ...
NFA020 MURATA-PS-NFA020 Datasheet
679Kb / 25P
   Non-Isolated 20A SIP/SMT DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com