Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NFF0051330SP-XC Datasheet(PDF) 7 Page - Murata Power Solutions Inc.

Part # NFF0051330SP-XC
Description  Non-Isolated 5A SIP/SMT DC/DC Converters
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

NFF0051330SP-XC Datasheet(HTML) 7 Page - Murata Power Solutions Inc.

Back Button NFF0051330SP-XC Datasheet HTML 3Page - Murata Power Solutions Inc. NFF0051330SP-XC Datasheet HTML 4Page - Murata Power Solutions Inc. NFF0051330SP-XC Datasheet HTML 5Page - Murata Power Solutions Inc. NFF0051330SP-XC Datasheet HTML 6Page - Murata Power Solutions Inc. NFF0051330SP-XC Datasheet HTML 7Page - Murata Power Solutions Inc. NFF0051330SP-XC Datasheet HTML 8Page - Murata Power Solutions Inc. NFF0051330SP-XC Datasheet HTML 9Page - Murata Power Solutions Inc. NFF0051330SP-XC Datasheet HTML 10Page - Murata Power Solutions Inc. NFF0051330SP-XC Datasheet HTML 11Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Murata Power Solutions
7
NCA005_6200830000.B01
Volant NCA005 Series
Non-Isolated 5A SIP/SMT DC/DC Converters
NCA0051331S0 Vo=1.8V Derating Curve
0.0
1.0
2.0
3.0
4.0
5.0
6.0
20
30
40
50
60
70
80
90
100
Ambient Temperature (C)
0LFM
100LFM
200LFM
Fig 8. SMT Power Derating vs Output Current for 5.0Vin 1.8V Out.
NCA0051331B0 Vo=1.8V Derating Curve
0.0
1.0
2.0
3.0
4.0
5.0
6.0
20
30
40
50
60
70
80
90
100
Ambient Temperature (C)
0LFM
100LFM
200LFM
Fig 9. SIP Power Derating vs Output Current for 5.0Vin 1.8V Out.


Similar Part No. - NFF0051330SP-XC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NFF0051500B0-XC MURATA-PS-NFF0051500B0-XC Datasheet
1Mb / 25P
   Non-Isolated 5A SIP/SMT DC/DC Converters
NFF0051500BP-XC MURATA-PS-NFF0051500BP-XC Datasheet
1Mb / 25P
   Non-Isolated 5A SIP/SMT DC/DC Converters
NFF0051500S0-XC MURATA-PS-NFF0051500S0-XC Datasheet
1Mb / 25P
   Non-Isolated 5A SIP/SMT DC/DC Converters
NFF0051500SP-XC MURATA-PS-NFF0051500SP-XC Datasheet
1Mb / 25P
   Non-Isolated 5A SIP/SMT DC/DC Converters
NFF0051501B0-XC MURATA-PS-NFF0051501B0-XC Datasheet
1Mb / 25P
   Non-Isolated 5A SIP/SMT DC/DC Converters
More results

Similar Description - NFF0051330SP-XC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NEA005 MURATA-NEA005 Datasheet
1Mb / 25P
   Non-Isolated 5A SIP/SMT DC/DC Converters
logo
Murata Power Solutions ...
NEA005 MURATA-PS-NEA005 Datasheet
1Mb / 25P
   Non-Isolated 5A SIP/SMT DC/DC Converters
logo
C&D Technologies
NCA005 CANDD-NCA005 Datasheet
300Kb / 23P
   Non-Isolated 5A SIP/SMT DC/DC Converters
logo
Murata Manufacturing Co...
NCA005 MURATA-NCA005 Datasheet
895Kb / 23P
   Non-Isolated 5A SIP/SMT DC/DC Converters
logo
Murata Power Solutions ...
NEA016 MURATA-PS-NEA016 Datasheet
1Mb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
logo
Murata Manufacturing Co...
NCA015 MURATA-NCA015 Datasheet
372Kb / 22P
   Non-Isolated 15A SIP/SMT DC/DC Converters
NEA016 MURATA-NEA016 Datasheet
1Mb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
NFA016 MURATA-NFA016 Datasheet
505Kb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
logo
C&D Technologies
NCA015 CANDD-NCA015 Datasheet
316Kb / 22P
   Non-Isolated 15A SIP/SMT DC/DC Converters
logo
Murata Power Solutions ...
NFA020 MURATA-PS-NFA020 Datasheet
679Kb / 25P
   Non-Isolated 20A SIP/SMT DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com