Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GP55SP104 Datasheet(PDF) 1 Page - RCD COMPONENTS INC.

Part # GP55SP104
Description  METAL FILM RESISTORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RCD [RCD COMPONENTS INC.]
Direct Link  http://www.rcdcomponents.com
Logo RCD - RCD COMPONENTS INC.

GP55SP104 Datasheet(HTML) 1 Page - RCD COMPONENTS INC.

  GP55SP104 Datasheet HTML 1Page - RCD COMPONENTS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GP SERIES - Standard
GPS SERIES - Small Size
FP/FPS SERIES - Flameproof
METAL FILM RESISTORS
Precision performance, industry’s lowest price!
RCD’s GP metal film resistors and FP flameproof version are
designed to provide high performance and reliability at low costs.
Improved performance over industry standard is achieved via the use
of high grade materials combined with stringent process controls.
Unlike other manufacturers that lock users into a limited range of
“standard products”, RCD offers the industry’s widest choice of
design options, including non-standard resistance values.
Industry’s widest range! 10 models, 1/8W to 2W,
1
Ω to 22.1MΩ, 0.1% to 5%, 25ppm to 100ppm
Miniature GPS Series enables significant space savings
Flameproof FP & FPS version meet UL94V-0
Wide selection available from stock
SERIES GP & FP SPECIFICATIONS
RESISTORS CAPACITORS COILS DELAY LINES
Option P: Pulse tolerant design
Option ER: 100-hour burn-in (full rated W25°)
Option 48: Short-time overload screening
Numerous design modifications are available - matched
sets, TCR tracking, cut & formed leads, increased voltage
and temperature ratings, non-magnetic construction, etc.
OPTIONS
SERIES GPS & FPS SPECIFICATIONS
1 Working voltage = (PR)1/2, voltage level not to exceed the maximum value listed. Increased ratings available
* Tolerance is ±.032 [.8] on GP65, FP65, GP70, FP70 length, ±.024 [.6] on GP65, FP65, GP70,FP70, GP60S, FP60S body diameter
**Lead length dimensions are for bulk packaged parts, taped parts may be shorter (refer to taping spec)
TYPICAL PERFORMANCE CHARACTERISTICS
D
C
R
e
p
y
T
t
t
a
W
g
n
i
t
a
R
0
7
()
C
°
x
a
M
g
n
i
k
r
o
W
e
g
a
t
l
o
V
1
C
T
C
°
/
m
p
p
)
.
l
i
a
v
a
m
o
t
s
u
c
(
e
g
n
a
R
.
s
i
s
e
R
d
r
a
d
n
a
t
S
*
]
5
.
[
0
2
0
.
±
L*
]
4
.
[
6
1
0
.
±
D]
8
0
.
[
3
0
0
.
±
d*
*
)
n
i
M
(
H
l
e
e
R
.
d
t
S
y
t
i
t
n
a
u
Q
%
5
2
.
&
%
1
.%
5
.
0%
5
-
%
1
,
0
5
P
G
0
5
P
F
W
5
2
1
.V
0
0
2
5
2
0
5
0
0
1
0
0
1
Ω M
1
-
0
3
Ω M
1
-
0
2
Ω M
1
-
0
5
Ω M
1
-
0
1
Ω M
1
-
0
1
Ω M
1
-
0
4
Ω M
1
-
0
1
Ω M
1
-
5
M
0
1
-
]
4
.
3
[
4
3
1
.]
7
.
1
[
7
6
0
.]
5
4
.
[
8
1
0
.]
5
2
[
8
9
.0
0
0
5
,
5
5
P
G
5
5
P
F
W
5
2
.V
0
5
2
5
2
0
5
0
0
1
1
.
1
5
Ω M
1
-
0
1
Ω M
1
-
1
M
1
.
5
-
0
3
Ω M
1
-
0
1
Ω M
1
-
0
1
Ω M
1
-
0
3
Ω M
1
-
0
1
Ω M
1
-
1
M
1
.
2
2
-
]
3
.
6
[
8
4
2
.]
3
.
2
[
0
9
0
.]
0
6
.
[
4
2
0
.]
5
2
[
8
9
.0
0
0
5
,
0
6
P
G
0
6
P
F
W
0
5
.V
0
5
3
5
2
0
5
0
0
1
0
0
1
Ω M
1
-
0
1
Ω M
1
-
0
1
Ω M
1
-
0
5
Ω M
1
-
0
1
M
2
.
2
-
0
1
M
2
.
2
-
0
4
Ω M
1
-
0
1
Ω M
5
-
0
1
M
0
1
-
]
0
.
9
[
3
5
3
.]
5
.
3
[
8
3
1
.]
5
6
.
[
6
2
0
.]
5
2
[
8
9
.0
0
5
2
,
5
6
P
G
5
6
P
F
W
0
.
1V
0
0
4
5
2
0
5
0
0
1
0
0
1
Ω M
1
-
0
1
Ω M
1
-
0
1
Ω M
1
-
0
5
Ω M
1
-
0
1
Ω M
3
-
0
1
Ω M
3
-
0
5
Ω M
1
-
0
1
Ω M
3
-
0
1
Ω M
3
-
*
]
5
.
1
1
[
5
5
4
.*
]
5
.
4
[
7
7
1
.]
5
7
.
[
0
3
0
.]
2
3
[
6
2
.
10
0
0
2
,
0
7
P
G
0
7
P
F
W
0
.
2V
0
0
5
5
2
0
5
0
0
1
0
0
1
Ω M
1
-
0
1
Ω M
1
-
0
1
Ω M
1
-
0
5
Ω M
1
-
0
1
Ω M
5
-
0
1
Ω M
5
-
0
5
Ω M
1
-
0
1
Ω M
5
-
0
1
Ω M
5
-
*
]
5
1
[
0
9
5
.*
]
0
.
5
[
5
9
1
.]
8
.
[
1
3
0
.]
2
3
[
6
2
.
10
0
0
1
D
C
R
e
p
y
T
t
t
a
W
g
n
i
t
a
R
0
7
()
C
°
x
a
M
g
n
i
k
r
o
W
e
g
a
t
l
o
V
1
C
T
C
°
/
m
p
p
)
.
l
i
a
v
a
m
o
t
s
u
c
(
e
g
n
a
R
.
s
i
s
e
R
d
r
a
d
n
a
t
S
*
]
5
.
[
0
2
0
.
±
L*
]
4
.
[
6
1
0
.
±
D]
8
0
.
[
3
0
0
.
±
d*
*
)
n
i
M
(
H
l
e
e
R
.
d
t
S
y
t
i
t
n
a
u
Q
%
5
2
.
&
%
1
.%
5
.
0%
5
-
%
1
,
S
0
5
P
G
S
0
5
P
F
W
5
2
.V
0
0
2
5
2
0
5
0
0
1
0
0
1
Ω M
1
-
0
3
Ω M
1
-
0
2
Ω M
1
-
0
5
Ω M
1
-
0
1
Ω M
1
-
0
1
Ω M
1
-
0
4
Ω M
1
-
0
1
Ω M
1
-
5
M
0
1
-
]
4
.
3
[
4
3
1
.]
7
.
1
[
7
6
0
.]
5
4
.
[
8
1
0
.]
5
2
[
8
9
.0
0
0
5
,
S
2
5
P
G
S
2
5
P
F
W
4
.V
0
0
2
5
2
0
5
0
0
1
0
0
1
Ω M
1
-
0
3
Ω M
1
-
0
2
Ω M
1
-
0
5
Ω M
1
-
0
1
Ω M
1
-
0
1
Ω M
1
-
0
4
Ω M
1
-
0
1
Ω M
1
-
0
1
M
4
.
2
-
]
4
.
3
[
4
3
1
.]
7
.
1
[
7
6
0
.]
5
.
[
0
2
0
.]
5
2
[
8
9
.0
0
0
5
,
S
5
5
P
G
S
5
5
P
F
W
5
.V
0
5
2
5
2
0
5
0
0
1
1
.
1
5
Ω M
1
-
0
1
Ω M
1
-
1
M
1
.
5
-
0
3
Ω M
1
-
0
1
Ω M
1
-
0
1
Ω M
1
-
0
3
Ω M
1
-
0
1
Ω M
1
-
1
M
1
.
2
2
-
]
3
.
6
[
8
4
2
.]
3
.
2
[
0
9
0
.]
0
6
.
[
4
2
0
.]
5
2
[
8
9
.0
0
0
5
,
S
6
5
P
G
S
6
5
P
F
W
6
.V
0
5
2
5
2
0
5
0
0
1
1
.
1
5
Ω M
1
-
0
1
Ω M
1
-
1
M
1
.
5
-
0
3
Ω M
1
-
0
1
Ω M
1
-
0
1
Ω M
1
-
0
3
Ω M
1
-
0
1
Ω M
1
-
1
M
1
.
2
2
-
]
3
.
6
[
8
4
2
.]
3
.
2
[
0
9
0
.]
0
6
.
[
4
2
0
.]
5
2
[
8
9
.0
0
0
5
,
S
0
6
P
G
S
0
6
P
F
W
1V
0
5
3
5
2
0
5
0
0
1
0
0
1
Ω M
1
-
0
1
Ω M
1
-
0
1
Ω M
1
-
0
5
Ω M
1
-
0
1
M
2
.
2
-
0
1
M
2
.
2
-
0
4
Ω M
1
-
0
1
Ω M
5
-
0
1
M
0
1
-
]
0
.
9
[
3
5
3
.*
]
5
.
3
[
8
3
1
.]
7
.
[
8
2
0
.]
5
2
[
8
9
.0
0
5
2
t
s
e
T
l
a
t
n
e
m
n
o
r
i
v
n
E)
d
r
a
d
n
a
t
S
(
P
F
/
P
G)
i
n
i
M
(
S
P
F
/
S
P
G
d
a
o
l
r
e
v
O
e
m
i
T
t
r
o
h
S%
5
2
.
0%
5
.
0
t
a
e
H
r
e
d
l
o
S
o
t
.
s
i
s
e
R%
5
0
.
0%
5
0
.
0
*
e
c
n
a
t
s
i
s
e
R
e
r
u
t
s
i
o
M)
%
6
.
0
=
P
F
(
%
3
.
0)
%
6
.
0
=
S
P
F
(
%
3
.
0
e
f
i
L
d
a
o
L
r
u
o
H
0
0
0
1%
5
.
0%
1
g
n
il
c
y
C
e
r
u
t
a
r
e
p
m
e
T%
2
.
0%
2
.
0
n
o
i
t
a
r
e
p
O
p
m
e
T
w
o
L%
1
.
0%
1
.
0
e
s
i
o
NV
/
V
u
1
.
0
t
n
e
i
c
i
f
f
e
o
C
e
g
a
t
l
o
VV
/
m
p
p
5
g
n
i
t
a
r
e
DC
°
0
7
e
v
o
b
a
C
°
/
%
1
1
.
1
y
b
V
d
n
a
W
e
t
a
r
e
D
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
a
r
e
p
OC
°
0
6
1
+
o
t
C
°
5
5
-
y
c
n
a
d
r
a
t
e
R
e
m
a
l
F
0
-
V
4
9
L
U
=
S
P
F
&
P
F
,
1
-
V
4
9
L
U
=
S
P
G
&
P
G
h
t
g
n
e
r
t
S
c
i
r
t
c
e
l
e
i
D)
V
0
0
3
=
S
2
5
/
S
0
5
/
0
5
P
F
&
P
G
(
V
0
0
5
FA020B
Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
D
d
Inch [mm]
L
H
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
* To ensure utmost reliability, care should be taken to avoid potential sources
of ionic contamination.
63
GP55S
- 1002 - F T
W
P/N DESIGNATION:
TC Options: 50=50ppm, 25=25ppm, leave blank for
standard TC (100ppm 10
Ω to 1M, 200ppm <10Ω or >1M)
Option Codes: P, ER, 48 (leave blank if standard)
Type: GP or FP (flameproof)
Resis.Code 2%-5%: 2 signif. figures & multiplier (1R0=1
Ω,
100=10
Ω,101=100Ω,102=1K,103=10K,104=100K,105=1M,106=10M)
Resis.Code 0.1%-1%: 3 sig. figures &multiplier, (1R00=1
Ω, 10R0=10Ω,
1000=100
Ω, 1001=1K,1002=10K, 1003=100K, 1004=1M,1005=10M)
Tolerance Code: J=5%, G=2%, F=1%, D=0.5%,
C=0.25%, B=0.1% (1% is standard)
Packaging: B = Bulk, T = Tape & Reel
Termination: W= Lead-free, Q= Tin/Lead (leave blank if either is acceptable,
in which case RCD will select based on lowest price and quickest delivery)
RoHS
Term.W is
RoHS
compliant
& 260°C
compatible


Similar Part No. - GP55SP104

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
GP550 MALLORY-GP550 Datasheet
37Kb / 3P
   Disc Ceramic Capacitors
logo
IRC - a TT electronics ...
GP551001001B IRCTT-GP551001001B Datasheet
69Kb / 2P
   PRECISION METAL FILM RESISTORS
GP551001001BBLK IRCTT-GP551001001BBLK Datasheet
297Kb / 4P
   Precision Metal Film Resistors
GP551001001C IRCTT-GP551001001C Datasheet
69Kb / 2P
   PRECISION METAL FILM RESISTORS
GP551001001CBLK IRCTT-GP551001001CBLK Datasheet
297Kb / 4P
   Precision Metal Film Resistors
More results

Similar Description - GP55SP104

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
4800 TTELEC-4800_17 Datasheet
425Kb / 3P
   Metal Film Resistors Metal Film Resistors
logo
Welwyn Components Limit...
MFR WELWYN-MFR Datasheet
1Mb / 4P
   Metal Film Resistors
MFR4P WELWYN-MFR4P Datasheet
384Kb / 2P
   Metal Film Resistors
logo
Rohm
CRB25 ROHM-CRB25 Datasheet
183Kb / 3P
   Metal film resistors
logo
Panasonic Semiconductor
ERO-S2PHF1002 PANASONIC-ERO-S2PHF1002 Datasheet
116Kb / 4P
   Metal Film Resistors
logo
List of Unclassifed Man...
MF0 ETC2-MF0 Datasheet
405Kb / 8P
   Metal Film Resistors
logo
Vishay Siliconix
RN50 VISHAY-RN50 Datasheet
160Kb / 5P
   Metal Film Resistors
Revision: 28-Aug-06
logo
UNIOHM CORPORATION
MF-12 UNIOHM-MF-12 Datasheet
4Mb / 3P
   Metal Film Resistors
logo
MERITEK ELECTRONICS COR...
MF25F1003FTR MERITEK-MF25F1003FTR Datasheet
169Kb / 1P
   Metal Film Resistors
logo
Vishay Siliconix
RLR05C1652FSB14 VISHAY-RLR05C1652FSB14 Datasheet
151Kb / 4P
   Metal Film Resistors
Revision: 19-Nov-12
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com