Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JTM2048D05 Datasheet(PDF) 2 Page - XP Power Limited

Part # JTM2048D05
Description  DC-DC Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JTM2048D05 Datasheet(HTML) 2 Page - XP Power Limited

  JTM2048D05 Datasheet HTML 1Page - XP Power Limited JTM2048D05 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
27-Nov-08
JTM20
Models and Ratings
Input
Voltage
Output
Voltage
Output
Current
Input Current
(1)
Maximum
Capacitive Load
Efficiency
Model
Number
No Load
Full Load
9-36 VDC
3.3 VDC
5.500 A
50 mA
879 mA
10,000 µF
89%
JTM2024S3V3
5.0 VDC
4.000 A
50 mA
957 mA
6,800 µF
91%
JTM2024S05
12.0 VDC
1.670 A
22 mA
980 mA
1,000 µF
89%
JTM2024S12
15.0 VDC
1.330 A
22 mA
968 mA
680 µF
89%
JTM2024S15
±5.0 VDC
±2.000 A
65 mA
969 mA
±2,200 µF
89%
JTM2024D05
±12.0 VDC
±0.835 A
25 mA
980 mA
±470 µF
88%
JTM2024D12
±15.0 VDC
±0.665 A
25 mA
980 mA
±330 µF
89%
JTM2024D15
18-75 VDC
3.3 VDC
5.500 A
30 mA
440 mA
10,000 µF
89%
JTM2048S3V3
5.0 VDC
4.000 A
30 mA
473 mA
6,800 µF
91%
JTM2048S05
12.0 VDC
1.670 A
15 mA
484 mA
1,000 µF
89%
JTM2048S12
15.0 VDC
1.330 A
15 mA
484 mA
680 µF
89%
JTM2048S15
±5.0 VDC
±2.000 A
40 mA
484 mA
±2,200 µF
89%
JTM2048D05
±12.0 VDC
±0.835 A
15 mA
490 mA
±470 µF
88%
JTM2048D12
±15.0 VDC
±0.665 A
15 mA
490 mA
±330 µF
89%
JTM2048D15
Notes
1. Input currents specified at nominal 24 V or 48 V input.
2. Cross regulation is ±5% when one output is at 100% and the other is varied between 25% and 100%.
3. Measured with 1 µF ceramic capacitor across output rails.
4. External input capacitor required Nippon Chemi-Con KY series 220 µF/100 V or equivalent.
5. Non-standard versions can have Remote On/Off function and pin removed.
1.00
(25.40)
2.00
(50.80)
0.60
(15.24)
0.80
(20.32)
0.60
(15.24)
0.40
(10.16)
0.20
(5.08)
0.40
(10.16)
0.10
(2.54)
0.40
(10.16)
0.40
(10.16)
0.10
(2.54)
3
4
12
6
5
Bottom View
0.40
(10.16)
DIA.
0.04
(1.00)
0.20
(5.08)
min
Mechanical Details
Application Notes
All dimensions are in inches (mm)
Weight: 0.07 lbs (30 g)
-40
-20
0
10
20
30
40
50
60
70
80
90
100
110
20
40
60
80
100
Ambient Temperature (ºC)
0
Derating Curve
External Output Trim
TRIM UP
4
5
TRIM DOWN
3
4
PIN CONNECTIONS
Pin
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
3
+Vout
+Vout
4
Trim
Com
5
-Vout
-Vout
6
Remote On/Off
Remote On/Off
Remote On/Off Control
Standard ROF logic is positive.
Output On
>3.0 VDC or open circuit
Output Off
<1.2 VDC or short circuit pins 2 & 6
Notes
1. All dimensions are in inches (mm).
2. Pin diameter: 0.04 ±0.002 (1.0 ±0.05)
3. Pin pitch tolerance: ±0.014 (±0.35)
4. Case tolerance: ±0.02 (±0.5)
Input Filter
DC/DC
Converter
+Vin
+Vout
LOAD
C1
C2
L
-Vin
-Vout
Model
C1
L
C2
24 VDC
2.2 µF, 100 V
12 µH
2.2 µF, 100 V
48 VDC
2.2 µF, 100 V
12 µH
2.2 µF, 100 V


Similar Part No. - JTM2048D05

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JTM2048D05 XPPOWER-JTM2048D05 Datasheet
319Kb / 2P
   20 Watts JTM Series
More results

Similar Description - JTM2048D05

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
WT200 XPPOWER-WT200 Datasheet
82Kb / 2P
   DC-DC Power Supplies
ICH5012S2V5 XPPOWER-ICH5012S2V5 Datasheet
371Kb / 4P
   DC-DC Power Supplies
IW0503SA XPPOWER-IW0503SA Datasheet
260Kb / 2P
   DC-DC Power Supplies
JCL3012S3V3 XPPOWER-JCL3012S3V3 Datasheet
69Kb / 2P
   DC-DC Power Supplies
JPM80PS03 XPPOWER-JPM80PS03 Datasheet
420Kb / 4P
   DC-DC Power Supplies
JTB0324S3V3 XPPOWER-JTB0324S3V3 Datasheet
87Kb / 2P
   DC-DC Power Supplies
RDC40 XPPOWER-RDC40 Datasheet
463Kb / 4P
   DC-DC Power Supplies
SWX1048S1V2 XPPOWER-SWX1048S1V2 Datasheet
177Kb / 4P
   DC-DC Power Supplies
IB0503S XPPOWER-IB0503S Datasheet
53Kb / 1P
   DC-DC Power Supplies
IF0503S XPPOWER-IF0503S Datasheet
158Kb / 1P
   DC-DC Power Supplies
IL0503S XPPOWER-IL0503S Datasheet
45Kb / 1P
   DC-DC Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com