Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JTA1548S3V3 Datasheet(PDF) 3 Page - XP Power Limited

Part # JTA1548S3V3
Description  DC-DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JTA1548S3V3 Datasheet(HTML) 3 Page - XP Power Limited

  JTA1548S3V3 Datasheet HTML 1Page - XP Power Limited JTA1548S3V3 Datasheet HTML 2Page - XP Power Limited JTA1548S3V3 Datasheet HTML 3Page - XP Power Limited JTA1548S3V3 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Notes
1. For EN55022 Level B performance below -25 ºC, a 220 µF (24 VDC input), 47 µF (48 VDC input) electrolytic capacitor is required across the input of the converter.
JTA15
Application Notes
Models and Ratings
Input
Voltage
Maximum
Power
Overvoltage
Protection
Output V1
Output V2
Efficiency
Model
Number
V Nom
I Max
V Nom
I Max
9-36 VDC
10 W
3.9 V
3.3 V
3.000 A
76%
JTA1524S3V3
15 W
6.8 V
5.0 V
3.000 A
80%
JTA1524S05
15 W
15.0 V
12.0 V
1.250 A
82%
JTA1524S12
15 W
18.0 V
15.0 V
1.000 A
82%
JTA1524S15
15 W
6.8 V
5.0 V
1.500 A
-5.0 V
1.500 A
80%
JTA1524D01
15 W
15.0 V
12.0 V
0.625 A
-12.0 V
0.625 A
82%
JTA1524D02
15 W
18.0 V
15.0 V
0.500 A
-15.0 V
0.500 A
82%
JTA1524D03
18-75 VDC
10 W
3.9 V
3.3 V
3.000 A
76%
JTA1548S3V3
15 W
6.8 V
5.0 V
3.000 A
80%
JTA1548S05
15 W
15.0 V
12.0 V
1.250 A
82%
JTA1548S12
15 W
18.0 V
15.0 V
1.000 A
82%
JTA1548S15
15 W
6.8 V
5.0 V
1.500 A
-5.0 V
1.500 A
80%
JTA1548D01
15 W
15.0 V
12.0 V
0.625 A
-12.0 V
0.625 A
82%
JTA1548D02
15 W
18.0 V
15.0 V
0.500 A
-15.0 V
0.500 A
82%
JTA1548D03
All dimensions are in inches (mm)
Weight: 0.11 lb (50 g) approx.
Packaging Style: Copper case with non-conducting base
1.60 (40.6)
0.50
(12.7)
0.70
(17.8)
0.20
(5.1)
0.60
(15.2)
0.45
(11.43)
0.22
(5.6)
2.00
(50.8)
1.80
(45.7)
0.04 DIA
(1.0)
8
4
3
1
7
6
5
0.10
(2.5)
0.70
(17.8)
0.30
(7.6)
Bottom View
Derating Curve
Output Trim
12 W
10 W
8 W
6 W
4 W
2 W
0 W
-40
0
10
20
30
Ambient Temp ( ˚C)
40
50
60
70
80
90
100
17.5 W
15 W
12.5 W
10 W
7.5 W
5 W
2.5 W
0 W
-40
0
10
20
30
Ambient Temp ( ˚C)
40
50
60
70
80
90
100
24 W
20 W
16 W
A
B
PIN CONNECTIONS
Pin
Single Output
Dual Output
1
On/Off control
On/Off control
3
-Vin
-Vin
4
+Vin
+Vin
5
Trim
Trim
6
-Vout
-Vout
7
+Vout
Common
8
No pin
+Vout
OUTPUT TRIM
Output Voltage
R Trim Down (k )
R Trim Up (k )
3.3 V
(6.180 - (12.10 x
Vo))/
Vo
(3.484 - (7.511 x
Vo))/
Vo
5.0 V
(5.788 - (10.57 x
Vo))/
Vo
(5.788 - (8.250 x
Vo))/
Vo
12.0 V
(86.496 - (60.10 x
Vo))/
Vo
(19.763 - (14.366 x
Vo))/
Vo
15.0 V
(150.000 - (87.00 x
Vo))/
Vo
(25.585 - (14.516 x
Vo))/
Vo
±5.0 V
(430.000 - (120.00 x
Vo))/
Vo
(42.141 - (13.793 x
Vo))/
Vo
±12.0 V
(743.000 - (177.00 x
Vo))/
Vo
(56.644 - (17.647 x
Vo))/
Vo
±15.0 V
(68.296 - (48.10 x
Vo))/
Vo
(20.657 - (19.500 x
Vo))/
Vo
Note:
1.
Vo is the change in the trimmed output voltage from the nominal output voltage.
Example: JTA1524S05 trimmed to 5.3 V
Vo = 5.0 - 5.3 = 0.3 VDC
The equation is (5.788 - (8.25 x
Vo))/
Vo
The value of resistor = (5.788 - (8.25 x 0.3))/0.3 = 11.04 K
Connect the resistor between TRIM pin and -Vo pin.
Mechanical Details


Similar Part No. - JTA1548S3V3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JTA1548S05 ETC1-JTA1548S05 Datasheet
386Kb / 2P
   15 Watts DC/DC Converters
JTA1548S12 ETC1-JTA1548S12 Datasheet
386Kb / 2P
   15 Watts DC/DC Converters
JTA1548S15 ETC1-JTA1548S15 Datasheet
386Kb / 2P
   15 Watts DC/DC Converters
More results

Similar Description - JTA1548S3V3

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
WT200 XPPOWER-WT200 Datasheet
82Kb / 2P
   DC-DC Power Supplies
ICH5012S2V5 XPPOWER-ICH5012S2V5 Datasheet
371Kb / 4P
   DC-DC Power Supplies
IW0503SA XPPOWER-IW0503SA Datasheet
260Kb / 2P
   DC-DC Power Supplies
JCL3012S3V3 XPPOWER-JCL3012S3V3 Datasheet
69Kb / 2P
   DC-DC Power Supplies
JPM80PS03 XPPOWER-JPM80PS03 Datasheet
420Kb / 4P
   DC-DC Power Supplies
JTB0324S3V3 XPPOWER-JTB0324S3V3 Datasheet
87Kb / 2P
   DC-DC Power Supplies
RDC40 XPPOWER-RDC40 Datasheet
463Kb / 4P
   DC-DC Power Supplies
SWX1048S1V2 XPPOWER-SWX1048S1V2 Datasheet
177Kb / 4P
   DC-DC Power Supplies
IB0503S XPPOWER-IB0503S Datasheet
53Kb / 1P
   DC-DC Power Supplies
IF0503S XPPOWER-IF0503S Datasheet
158Kb / 1P
   DC-DC Power Supplies
IL0503S XPPOWER-IL0503S Datasheet
45Kb / 1P
   DC-DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com