Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JTB0524D12 Datasheet(PDF) 1 Page - XP Power Limited

Part # JTB0524D12
Description  DC-DC Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JTB0524D12 Datasheet(HTML) 1 Page - XP Power Limited

  JTB0524D12 Datasheet HTML 1Page - XP Power Limited JTB0524D12 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Input
Input Voltage Range
• 24 V (9-36 VDC)
48 V (18-72 VDC)
Input Current (no load) • See table
Input Filter
• Pi network
Output
Output Voltage
• See tables
Output Voltage Balance • ±1% max, dual output models
Initial Set Accuracy
• ±2% max
Start Up Rise Time
• 3 ms max
Line Regulation
• ±0.5% max from high line to low line
Load Regulation
• ±0.5% max single output models,
±1.0% max dual output models
Cross Regulation
• ±2.2% on dual output models
Transient Response
• <1.0% max deviation, recovery to within
1% in 200 µs for a 50% load change
Ripple & Noise
• 100 mV or 1.0% pk-pk, whichever is
greater, 20 MHz BW
Overcurrent Protection • >130% constant power
Short Circuit Protection • Continuous with auto recovery
Temperature
• ±0.05/°C max
Coefficient
Specification
5 Watts
4:1 Input Range
DIP-24 Metal Package
Operating Temperature -25 °C to +100 °C
Input Pi Filter
Fully Regulated Single & Dual Outputs
1500 VDC Isolation
Continuous Short Circuit Protection
JTB05 Series
xppower.com
General
Efficiency
• See table
Isolation
• 1500 VDC Input to Output
(1000 M
/80 pF)
Switching Frequency
• Variable 200-320 kHz
MTBF
• 1,000 kHrs to MIL-HDBK-217F
Environmental
Operating Temperature • -25 °C to +100 °C (see derating curve)
Case Temperature
• +100 °C max
Storage Temperature
• -40 °C to +100 °C
Shock
• 30 g, half sine wave 18 ms pulse applied
3 times on each of 6 axes
Vibration
• 5-500 Hz, 3 g, for 10 mins on each
of 3 axes
EMC
Emissions
• EN55022, level A conducted & radiated
with external components - see
application note
ESD Immunity
• EN61000-4-2, level 2 Perf Criteria A
Radiated Immunity
• EN61000-4-3, 3 V/m Perf Criteria A
Conducted Immunity
• EN61000-4-6, 3 V rms Perf Criteria A


Similar Part No. - JTB0524D12

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JTB0524D12 XPPOWER-JTB0524D12 Datasheet
108Kb / 2P
   DIP24 Metal Package
More results

Similar Description - JTB0524D12

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
WT200 XPPOWER-WT200 Datasheet
82Kb / 2P
   DC-DC Power Supplies
ICH5012S2V5 XPPOWER-ICH5012S2V5 Datasheet
371Kb / 4P
   DC-DC Power Supplies
IW0503SA XPPOWER-IW0503SA Datasheet
260Kb / 2P
   DC-DC Power Supplies
JCL3012S3V3 XPPOWER-JCL3012S3V3 Datasheet
69Kb / 2P
   DC-DC Power Supplies
JPM80PS03 XPPOWER-JPM80PS03 Datasheet
420Kb / 4P
   DC-DC Power Supplies
JTB0324S3V3 XPPOWER-JTB0324S3V3 Datasheet
87Kb / 2P
   DC-DC Power Supplies
RDC40 XPPOWER-RDC40 Datasheet
463Kb / 4P
   DC-DC Power Supplies
SWX1048S1V2 XPPOWER-SWX1048S1V2 Datasheet
177Kb / 4P
   DC-DC Power Supplies
IB0503S XPPOWER-IB0503S Datasheet
53Kb / 1P
   DC-DC Power Supplies
IF0503S XPPOWER-IF0503S Datasheet
158Kb / 1P
   DC-DC Power Supplies
IL0503S XPPOWER-IL0503S Datasheet
45Kb / 1P
   DC-DC Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com