Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JTB0524S15 Datasheet(PDF) 2 Page - XP Power Limited

Part # JTB0524S15
Description  DC-DC Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JTB0524S15 Datasheet(HTML) 2 Page - XP Power Limited

  JTB0524S15 Datasheet HTML 1Page - XP Power Limited JTB0524S15 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
08-Jan-08
JTB05 Series
Mechanical Details
Models and Ratings
Input
Voltage(1)
Output
Voltage
Output
Current
Input Current(2)
Efficiency
Model
Number(3)
No Load
Full Load
9-36 VDC
3.3 VDC
1000 mA
15.0 mA
191 mA
72%
JTB0524S3V3
5.0 VDC
1000 mA
15.0 mA
267 mA
78%
JTB0524S05
12.0 VDC
470 mA
15.0 mA
294 mA
80%
JTB0524S12
15.0 VDC
400 mA
15.0 mA
313 mA
80%
JTB0524S15
±5.0 VDC
±500 mA
25.0 mA
267 mA
78%
JTB0524D05
±12.0 VDC
±230 mA
25.0 mA
288 mA
80%
JTB0524D12
±15.0 VDC
±190 mA
25.0 mA
297 mA
80%
JTB0524D15
18-72 VDC
3.3 VDC
1000 mA
7.5 mA
100 mA
70%
JTB0548S3V3
5.0 VDC
1000 mA
7.5 mA
134 mA
78%
JTB0548S05
12.0 VDC
470 mA
7.5 mA
149 mA
79%
JTB0548S12
15.0 VDC
400 mA
12.0 mA
157 mA
80%
JTB0548S15
±5.0 VDC
±500 mA
12.0 mA
135 mA
77%
JTB0548D05
±12.0 VDC
±230 mA
12.0 mA
146 mA
79%
JTB0548D12
±15.0 VDC
±190 mA
12.0 mA
149 mA
80%
JTB0548D15
Notes
1. Nominal input voltage 24 or 48 VDC.
2. Input current is at nominal input voltage.
3. Surface mount versions with plastic case available in OEM quantities.
0.02
(0.5)
0.08 (2.0)
0.10
(2.5)
1.25
(31.8)
0.5
(10.2)
Max
0.15
(3.8)
24
23
22
1
2
3
9
10
11
12
16
15
14
13
0.60 (15.2)
0.80 (20.3)
BOTTOM
VIEW
PIN CONNECTIONS
Pin
Single Output
Dual Output
1
No pin
No pin
2
-V input
-V input
3
-V input
-V input
9
N/C
Common
10
N/C
N/C
11
N/C
-V output
12
No pin
No pin
13
No pin
No pin
14
+V output
+V output
15
N/C
N/C
16
-V output
Common
22
+V input
+V input
23
+V input
+V input
24
No pin
No pin
All dimensions are in inches (mm)
Weight: 0.04 lbs (20 g) approx.
-20 -10
0
10
20
30
40
50
60
70
80
90 100
20
40
60
80
100
Ambient Temperature (ºC)
0
Application Notes
Derating Curve
Input Filter
Input Filter
+Vin
-Vin
-Vo
+Vo
L
C1
C2
C3
+Vin
-Vin
L
C1
C2
Model
C1
C2
L
JTB0524
Class A
Not fitted
220 µF/ 50 V
Short
Class B
100 µF/ 50 V
100 µF/ 50 V
8 µH
JTB0548
Class A
Not fitted
47 µF/ 100 V
Short
Class B
22 µF/ 100 V
22 µF/ 100 V
5 µH


Similar Part No. - JTB0524S15

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JTB0524S15 XPPOWER-JTB0524S15 Datasheet
108Kb / 2P
   DIP24 Metal Package
More results

Similar Description - JTB0524S15

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
WT200 XPPOWER-WT200 Datasheet
82Kb / 2P
   DC-DC Power Supplies
ICH5012S2V5 XPPOWER-ICH5012S2V5 Datasheet
371Kb / 4P
   DC-DC Power Supplies
IW0503SA XPPOWER-IW0503SA Datasheet
260Kb / 2P
   DC-DC Power Supplies
JCL3012S3V3 XPPOWER-JCL3012S3V3 Datasheet
69Kb / 2P
   DC-DC Power Supplies
JPM80PS03 XPPOWER-JPM80PS03 Datasheet
420Kb / 4P
   DC-DC Power Supplies
JTB0324S3V3 XPPOWER-JTB0324S3V3 Datasheet
87Kb / 2P
   DC-DC Power Supplies
RDC40 XPPOWER-RDC40 Datasheet
463Kb / 4P
   DC-DC Power Supplies
SWX1048S1V2 XPPOWER-SWX1048S1V2 Datasheet
177Kb / 4P
   DC-DC Power Supplies
IB0503S XPPOWER-IB0503S Datasheet
53Kb / 1P
   DC-DC Power Supplies
IF0503S XPPOWER-IF0503S Datasheet
158Kb / 1P
   DC-DC Power Supplies
IL0503S XPPOWER-IL0503S Datasheet
45Kb / 1P
   DC-DC Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com