Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JCA0312D01 Datasheet(PDF) 2 Page - XP Power Limited

Part # JCA0312D01
Description  DC-DC Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JCA0312D01 Datasheet(HTML) 2 Page - XP Power Limited

  JCA0312D01 Datasheet HTML 1Page - XP Power Limited JCA0312D01 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
17-Apr-07
JCA02/03 Series
Mechanical Details and Application Note
Models and Ratings
Notes
1. Nominal input voltage 5, 12, 24 or 48 VDC.
2. Input current is at nominal input voltage.
0.02
(0.5)
0.1 (2.5)
0.02 (0.5)
0.90
(22.9)
0.60
(15.2)
0.20
(5.1)
1.00
(25.4)
0.4 ±0.02
(10.0 ± 0.5)
0.15
(3.8)
23
2
22
3
16
9
14
11
0.60 (15.2)
0.09 (±0.02)
(2.4 ±0.5)
0.80 ±0.02
(20.3 ±0.5)
BOTTOM
VIEW
PIN CONNECTIONS
Pin
Single Output
Dual Output
2
-Vin
-Vin
3
-Vin
-Vin
9
No pin
Common
11
N/C
-Vout
14
+Vout
+Vout
16
-Vout
Common
22
+Vin
+Vin
23
+Vin
+Vin
Input
Voltage
(1)
Output
Voltage
Output
Current
Input Current
(2)
Efficiency
Model
Number
No Load
Full Load
4.5-9.0 VDC
3.3 VDC
0.600 A
28 mA
560 mA
69%
JCA0205S03†^
5.0 VDC
0.400 A
10 mA
535 mA
73%
JCA0205S05†^
12.0 VDC
0.170 A
15 mA
526 mA
74%
JCA0205S12†^
15.0 VDC
0.140 A
26 mA
559 mA
74%
JCA0205S15†^
±5.0 VDC
±0.200 A
15 mA
502 mA
74%
JCA0205D01†^
±12.0 VDC
±0.085 A
19 mA
537 mA
73%
JCA0205D02†^
±15.0 VDC
±0.070 A
25 mA
560 mA
69%
JCA0205D03†^
9-18 VDC
3.3 VDC
0.600 A
8 mA
225 mA
72%
JCA0212S03†^
5.0 VDC
0.400 A
5 mA
224 mA
74%
JCA0212S05†^
12.0 VDC
0.170 A
5 mA
223 mA
74%
JCA0212S12†^
15.0 VDC
0.140 A
7 mA
227 mA
74%
JCA0212S15†^
±5.0 VDC
±0.200 A
10 mA
219 mA
74%
JCA0212D01†^
±12.0 VDC
±0.085 A
9 mA
223 mA
74%
JCA0212D02†^
±15.0 VDC
±0.070 A
11 mA
232 mA
73%
JCA0212D03†^
18-36 VDC
3.3 VDC
0.600 A
3 mA
112 mA
73%
JCA0224S03†^
5.0 VDC
0.400 A
3 mA
107 mA
75%
JCA0224S05†^
12.0 VDC
0.170 A
4 mA
109 mA
75%
JCA0224S12†^
15.0 VDC
0.140 A
4 mA
111 mA
75%
JCA0224S15†^
±5.0 VDC
±0.200 A
3 mA
107 mA
76%
JCA0224D01†^
±12.0 VDC
±0.085 A
5 mA
108 mA
76%
JCA0224D02†^
±15.0 VDC
±0.070 A
6 mA
115 mA
73%
JCA0224D03†^
36-75 VDC
3.3 VDC
0.600 A
3 mA
62 mA
71%
JCA0248S03†^
5.0 VDC
0.400 A
5 mA
58 mA
70%
JCA0248S05†^
12.0 VDC
0.170 A
3 mA
58 mA
70%
JCA0248S12†^
15.0 VDC
0.140 A
3 mA
59 mA
72%
JCA0248S15†^
±5.0 VDC
±0.200 A
2 mA
56 mA
73%
JCA0248D01†^
±12.0 VDC
±0.085 A
3 mA
57 mA
73%
JCA0248D02†^
±15.0 VDC
±0.070 A
3 mA
60 mA
70%
JCA0248D03†^
Input
Voltage
(1)
Output
Voltage
Output
Current
Input Current
(2)
Efficiency
Model
Number
No Load
Full Load
4.5-9.0 VDC
3.3 VDC
0.91 A
28 mA
873 mA
66%
JCA0305S03†^
5.0 VDC
0.60 A
10 mA
835 mA
71%
JCA0305S05†^
12.0 VDC
0.26 A
15 mA
805 mA
75%
JCA0305S12†^
15.0 VDC
0.20 A
26 mA
804 mA
74%
JCA0305S15†^
±5.0 VDC
±0.30 A
15 mA
778 mA
74%
JCA0305D01†^
±12.0 VDC
±0.13 A
19 mA
793 mA
74%
JCA0305D02†^
±15.0 VDC
±0.10 A
25 mA
820 mA
72%
JCA0305D03†^
9-18 VDC
3.3 VDC
0.91 A
8 mA
333 mA
74%
JCA0312S03†^
5.0 VDC
0.60 A
5 mA
324 mA
75%
JCA0312S05†^
12.0 VDC
0.26 A
5 mA
315 mA
78%
JCA0312S12†^
15.0 VDC
0.20 A
7 mA
322 mA
77%
JCA0312S15†^
±5.0 VDC
±0.30 A
10 mA
325 mA
75%
JCA0312D01†^
±12.0 VDC
±0.13 A
9 mA
313 mA
75%
JCA0312D02†^
±15.0 VDC
±0.10 A
11 mA
322 mA
73%
JCA0312D03†^
18-36 VDC
3.3 VDC
0.91 A
3 mA
165 mA
74%
JCA0324S03†^
5.0 VDC
0.60 A
3 mA
157 mA
77%
JCA0324S05†^
12.0 VDC
0.26 A
4 mA
154 mA
77%
JCA0324S12†^
15.0 VDC
0.20 A
4 mA
157 mA
77%
JCA0324S15†^
±5.0 VDC
±0.30 A
3 mA
156 mA
77%
JCA0324D01†^
±12.0 VDC
±0.13 A
5 mA
154 mA
77%
JCA0324D02†^
±15.0 VDC
±0.10 A
6 mA
160 mA
75%
JCA0324D03†^
36-75 VDC
3.3 VDC
0.91 A
3 mA
82 mA
73%
JCA0348S03†^
5.0 VDC
0.60 A
5 mA
82 mA
74%
JCA0348S05†^
12.0 VDC
0.26 A
6 mA
79 mA
75%
JCA0348S12†^
15.0 VDC
0.20 A
6 mA
81 mA
75%
JCA0348S15†^
±5.0 VDC
±0.30 A
2 mA
79 mA
76%
JCA0348D01†^
±12.0 VDC
±0.13 A
3 mA
78 mA
76%
JCA0348D02†^
±15.0 VDC
±0.10 A
3 mA
82 mA
74%
JCA0348D03†^
Available from Farnell. See pages 204-206.
^ Available from Newark. See pages 207-208.
L
C2
C1
+Vin
-Vin
L = 8 µH
C1 = 1 µF
C2 = 10 µF
+
-
Input Filter
To meet level B conducted emissions.
Weight: 0.03 lbs (12 g)


Similar Part No. - JCA0312D01

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JCA0312D01 XPPOWER-JCA0312D01 Datasheet
386Kb / 2P
   2/3 Watts JCA Series
More results

Similar Description - JCA0312D01

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
WT200 XPPOWER-WT200 Datasheet
82Kb / 2P
   DC-DC Power Supplies
ICH5012S2V5 XPPOWER-ICH5012S2V5 Datasheet
371Kb / 4P
   DC-DC Power Supplies
IW0503SA XPPOWER-IW0503SA Datasheet
260Kb / 2P
   DC-DC Power Supplies
JCL3012S3V3 XPPOWER-JCL3012S3V3 Datasheet
69Kb / 2P
   DC-DC Power Supplies
JPM80PS03 XPPOWER-JPM80PS03 Datasheet
420Kb / 4P
   DC-DC Power Supplies
JTB0324S3V3 XPPOWER-JTB0324S3V3 Datasheet
87Kb / 2P
   DC-DC Power Supplies
RDC40 XPPOWER-RDC40 Datasheet
463Kb / 4P
   DC-DC Power Supplies
SWX1048S1V2 XPPOWER-SWX1048S1V2 Datasheet
177Kb / 4P
   DC-DC Power Supplies
IB0503S XPPOWER-IB0503S Datasheet
53Kb / 1P
   DC-DC Power Supplies
IF0503S XPPOWER-IF0503S Datasheet
158Kb / 1P
   DC-DC Power Supplies
IL0503S XPPOWER-IL0503S Datasheet
45Kb / 1P
   DC-DC Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com