Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EUS30-080-NHCRVC Datasheet(PDF) 1 Page - Murata Power Solutions Inc.

Part # EUS30-080-NHCRVC
Description  BUS CONVERTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

EUS30-080-NHCRVC Datasheet(HTML) 1 Page - Murata Power Solutions Inc.

  EUS30-080-NHCRVC Datasheet HTML 1Page - Murata Power Solutions Inc. EUS30-080-NHCRVC Datasheet HTML 2Page - Murata Power Solutions Inc. EUS30-080-NHCRVC Datasheet HTML 3Page - Murata Power Solutions Inc. EUS30-080-NHCRVC Datasheet HTML 4Page - Murata Power Solutions Inc. EUS30-080-NHCRVC Datasheet HTML 5Page - Murata Power Solutions Inc. EUS30-080-NHCRVC Datasheet HTML 6Page - Murata Power Solutions Inc. EUS30-080-NHCRVC Datasheet HTML 7Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Technical enquiries email: sales@murata-ps.com, tel: +508 339 3000
1
EUS30-080-6200901535.B01
BUS CONVERTER
EUS30-080 Model
Features:
48 Vin, Isolated, 6:1 Fixed Conversion Ratio
220 Watt Output at 48 Vin, 55 C, 200 LFM
170 Watt Output at 38 Vin, 55 C, 200 LFM
Industry Standard 1/8 Brick Footprint
Remote Enable (Primary Side, Positive or Negative)
Over-temperature and Over Current Protection
Direct Parallel Operation for Higher Power
RoHS Compliant
Table 1
Input Characteristics
Notes &
Min
Typ.
Max
Units
Input Voltage Operating Range
36
48
55
Vdc
Input Voltage Absolute Maximum
60
Vdc
Turn-on Threshold
36
37.5
Vdc
Turn-off Threshold
34
35.5
Vdc
Input Undervoltage Lockout
Hysteresis Voltage
2
Vdc
Turn-on Threshold
55
57
Vdc
Turn-off Threshold
56
58
Vdc
Input Overvoltage Lockout
Hysteresis Voltage
2
Vdc
Maximum Input Current
Steady-State (30 A out)
5.4
Adc
No-Load Input Current
Enabled state, no load (48 Vin)
70
mA
Disabled Input Current
Disabled state (48 Vin)
7
mA
Input Reflected Ripple Current
Note (8)
25
mA p-p
Inrush Current Transient
0.2
A
2s
Enable – Negative Logic Version
Internal 10 K pull-up to 5 V.
On State range
Off State range
-0.1
2.4
0.8
5.0
Vdc
Vdc
Enable – Positive Logic Version
Internal 100 K pull-down to GND.
On State range
Off State range
2.4
-0.1
5.0
0.8
Vdc
Vdc
Table 2
Output Characteristics
Notes & Conditions
Min
Typ.
Max
Units
Output Voltage Set Point (Vo=Vin/6 +0/-0.5%)
Vin = 48.0 V, Io = 0 A
8.0
Vdc
Output Load Regulation
Io = 0 to 30 A
0.5
V
Output Voltage Total Regulation
Vin = 36 to 55 V, Io = 0 to 30 A
5.3
9.2
Vdc
Vin = 42 to 53 V, Io = 0 to 30 A
6.3
8.9
Vdc
Output Ripple Voltage
20 MHz Bandwidth
70
150
mV p-p
Output Current Operating Range
0
30
A
Output Current Share Accuracy
Percent deviation from ideal (7)
< 10
%
Efficiency
Vin = 48 V, Io = 18 A
95.6
%
Turn-On Time
Vin present: Enable to 90% Vout
10
mS
Start-up Inhibit Time
Enabled: Vin applied to 90% Vout
120
mS
25% step, 0.1A/
μs, ΔVo
130
mV
Transient Response
Recovery Time
100
μs
Maximum Output Capacitance
3000
μF


Similar Part No. - EUS30-080-NHCRVC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
EUS34-096 MURATA-PS-EUS34-096 Datasheet
165Kb / 3P
   Isolated Bus Converter
EUS34-096-NHARVC MURATA-PS-EUS34-096-NHARVC Datasheet
165Kb / 3P
   Isolated Bus Converter
EUS34-096-NHBRVC MURATA-PS-EUS34-096-NHBRVC Datasheet
165Kb / 3P
   Isolated Bus Converter
EUS34-096-NHCRVC MURATA-PS-EUS34-096-NHCRVC Datasheet
165Kb / 3P
   Isolated Bus Converter
EUS34-096-PHARVC MURATA-PS-EUS34-096-PHARVC Datasheet
165Kb / 3P
   Isolated Bus Converter
More results

Similar Description - EUS30-080-NHCRVC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
EUS25-096 MURATA-PS-EUS25-096 Datasheet
1Mb / 7P
   BUS CONVERTER
EUS20-120 MURATA-PS-EUS20-120 Datasheet
685Kb / 7P
   Bus Converter
logo
Vicor Corporation
BCM48BF120T300A00 VICOR-BCM48BF120T300A00 Datasheet
1Mb / 18P
   Bus Converter
B048F480T30 VICOR-B048F480T30_11 Datasheet
1Mb / 12P
   Bus Converter
VIB0010TFJ VICOR-VIB0010TFJ_10 Datasheet
1Mb / 17P
   Bus Converter
B048F096T24 VICOR-B048F096T24_11 Datasheet
1Mb / 12P
   Bus Converter
BCM384F480T325A00 VICOR-BCM384F480T325A00 Datasheet
1Mb / 18P
   Bus Converter
logo
Murata Power Solutions ...
EUS15-120 MURATA-PS-EUS15-120 Datasheet
491Kb / 8P
   BUS CONVERTER
logo
Vicor Corporation
BCM48BH120M120A00 VICOR-BCM48BH120M120A00 Datasheet
1Mb / 16P
   Bus Converter
B048F240T30 VICOR-B048F240T30_12 Datasheet
1Mb / 12P
   Bus Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com