Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JPS350PQ46 Datasheet(PDF) 4 Page - XP Power Limited

Part # JPS350PQ46
Description  AC-DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JPS350PQ46 Datasheet(HTML) 4 Page - XP Power Limited

  JPS350PQ46 Datasheet HTML 1Page - XP Power Limited JPS350PQ46 Datasheet HTML 2Page - XP Power Limited JPS350PQ46 Datasheet HTML 3Page - XP Power Limited JPS350PQ46 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
17-Apr-07
JPS350
Supply 1
Output
V1
Comm
Return
Single Wire Parallel
Supply 2
LOAD
Output
Return
Single Wire Parallel
JPS350 Fan/Cover Option
AC OK
+5 V
330 R
GND
AC NOT OK (LOW)
AC OK (HIGH)
AC OK Signal
DC OK
+5 V
330 R
GND
DC NOT OK (LOW)
DC OK (HIGH)
DC OK Signal
OUTPUTS ON (0 V or open circuit)
OUTPUTS OFF (5V)
Remote On/Off
Ground
Remote On/Off Control (Inhibit)
CL
CD
CD
Supply
Output
Output
Sense
Sense
LOAD
Twisted Pair
+
+
-
+
-
-
Remote Sense Connection
Parallel Connection Utilizing Optional Current Share
Typical internal clearance
0.15 (3.8)
4 x M3 x 6 C/S head fixing screws
in existing countersunk holes
See mechanical details notes for information on how to order.
Notes:
1. CD is 0.1 µF ceramic capacitor.
2. CL i s 47 µF electrolytic capacitor.
Control & Supervisory Signals


Similar Part No. - JPS350PQ46

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
JPS3 MSYSTEM-JPS3 Datasheet
148Kb / 5P
   Plug-in Signal Conditioners M-UNIT
JPS3-A2A1NK MSYSTEM-JPS3-A2A1NK Datasheet
148Kb / 5P
   Plug-in Signal Conditioners M-UNIT
JPS3-A2A1NK/Q MSYSTEM-JPS3-A2A1NK/Q Datasheet
148Kb / 5P
   Plug-in Signal Conditioners M-UNIT
JPS3-A2A1NP MSYSTEM-JPS3-A2A1NP Datasheet
148Kb / 5P
   Plug-in Signal Conditioners M-UNIT
JPS3-A2A1NP/Q MSYSTEM-JPS3-A2A1NP/Q Datasheet
148Kb / 5P
   Plug-in Signal Conditioners M-UNIT
More results

Similar Description - JPS350PQ46

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com