Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EUS30-080-PHBRVC Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # EUS30-080-PHBRVC
Description  BUS CONVERTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

EUS30-080-PHBRVC Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  EUS30-080-PHBRVC Datasheet HTML 1Page - Murata Power Solutions Inc. EUS30-080-PHBRVC Datasheet HTML 2Page - Murata Power Solutions Inc. EUS30-080-PHBRVC Datasheet HTML 3Page - Murata Power Solutions Inc. EUS30-080-PHBRVC Datasheet HTML 4Page - Murata Power Solutions Inc. EUS30-080-PHBRVC Datasheet HTML 5Page - Murata Power Solutions Inc. EUS30-080-PHBRVC Datasheet HTML 6Page - Murata Power Solutions Inc. EUS30-080-PHBRVC Datasheet HTML 7Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Murata Power Solutions
2
EUS30-0806200901535.B01
Innovative Solutions You Can Count On
BUS CONVERTER
EUS30-080 Model
Table 3
Protection Characteristics
Notes & Conditions (1)
Min
Typ.
Max
Units
Non-Latching
32
35
40
A
Output Over-Current Shutdown
Re-start rate
80
msec
Over Temperature Shutdown
Non-Latching (4)
125
130
°C
Over Temperature Restart Hysteresis
10
°C
Table 4
General Specifications
Notes & Conditions (1)
Min
Typ.
Max
Units
Isolation Voltage
Input to Output
2250
Vdc
Isolation Resistance
Input to Output
10
Mohm
Storage Temperature Range
-40
125
°C
Operating Temperature Range
Non-condensing (6)
-40
100
°C
Thermal Measurement Location Temperature (6)
See mechanical drawing for location
120
°C
Material Flammability
UL 94V-0
Calculated (Bellcore TR-332)
2.7
x10
6 Hrs
MTBF
Demonstrated
1
x10
6 Hrs
Dimensions
2.28”L x 0.9”W x 0.48”H (max)
(57.9L x 22.9W x 12.19H mm max)
Weight
30
grams
Table 5
Standards Compliance
Notes & Conditions (5)
UL/CSA 60950
Basic Insulation
EN60950
Certified by TUV
Notes:
(1)
Vin = 48Vdc, Ta = 25 °C, Airflow = 200 LFM for all data unless otherwise noted.
(2)
Output Ripple Voltage and noise is specified when measured with no external capacitance.
(3)
Transient response is specified without a capacitor at the output of the converter.
(4)
Thermal shutdown is monitored at the Thermal Measurement Location (TML). See ‘Mechanical Information’ on page 3 for TML
location.
(5)
See ‘Safety Considerations’ shown in Figure 1.
(6)
De-rating curves are conducted in a controlled environment. End application testing is required to ensure the Thermal Measurement
Location temperature is below the maximum specified. Recommended airflow direction is from pin 1 to pin 3, or 3 to 1 (transverse to
the unit)
(7)
Current share accuracy is optimized when the source and load impedance presented to each converter is equal.
(8)
Input Reflected Ripple is specified when measured with a 12uH source inductance.


Similar Part No. - EUS30-080-PHBRVC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
EUS34-096 MURATA-PS-EUS34-096 Datasheet
165Kb / 3P
   Isolated Bus Converter
EUS34-096-NHARVC MURATA-PS-EUS34-096-NHARVC Datasheet
165Kb / 3P
   Isolated Bus Converter
EUS34-096-NHBRVC MURATA-PS-EUS34-096-NHBRVC Datasheet
165Kb / 3P
   Isolated Bus Converter
EUS34-096-NHCRVC MURATA-PS-EUS34-096-NHCRVC Datasheet
165Kb / 3P
   Isolated Bus Converter
EUS34-096-PHARVC MURATA-PS-EUS34-096-PHARVC Datasheet
165Kb / 3P
   Isolated Bus Converter
More results

Similar Description - EUS30-080-PHBRVC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
EUS25-096 MURATA-PS-EUS25-096 Datasheet
1Mb / 7P
   BUS CONVERTER
EUS20-120 MURATA-PS-EUS20-120 Datasheet
685Kb / 7P
   Bus Converter
logo
Vicor Corporation
BCM48BF120T300A00 VICOR-BCM48BF120T300A00 Datasheet
1Mb / 18P
   Bus Converter
B048F480T30 VICOR-B048F480T30_11 Datasheet
1Mb / 12P
   Bus Converter
VIB0010TFJ VICOR-VIB0010TFJ_10 Datasheet
1Mb / 17P
   Bus Converter
B048F096T24 VICOR-B048F096T24_11 Datasheet
1Mb / 12P
   Bus Converter
BCM384F480T325A00 VICOR-BCM384F480T325A00 Datasheet
1Mb / 18P
   Bus Converter
logo
Murata Power Solutions ...
EUS15-120 MURATA-PS-EUS15-120 Datasheet
491Kb / 8P
   BUS CONVERTER
logo
Vicor Corporation
BCM48BH120M120A00 VICOR-BCM48BH120M120A00 Datasheet
1Mb / 16P
   Bus Converter
B048F240T30 VICOR-B048F240T30_12 Datasheet
1Mb / 12P
   Bus Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com