Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JPP130PT02 Datasheet(PDF) 2 Page - XP Power Limited

Part # JPP130PT02
Description  DC-DC Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JPP130PT02 Datasheet(HTML) 2 Page - XP Power Limited

  JPP130PT02 Datasheet HTML 1Page - XP Power Limited JPP130PT02 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
JPP130
04/04/05
Models and Ratings
Mechanical Details
P2
P1
P4
P3
6
1
1
1
2
4
0.225 (5.72)
0.16 (4.0) Dia Mounting Hole (4 PLS)
DIRECTION
OF AIR FLOW
4.55 (115.6)
5.00 (127.0)
N
L
1.04 (26.4)
0.06 (1.60)
0.10 (2.54)
VR2 VR1
All dimensions are in inches (mm), tolerance: ±0.02 (±0.5) max
Weight: 0.71 lbs (320 g)
Output
V1(3, 4)
Output
V2
Output
V3(3)
Output
V4(3)
Output
V5(2, 3)
Model
Number
+5.1 V/12.0 A
+12.0 V/6.0 A
JPP130PD02
+15.0 V/4.8 A
JPP130PD03
+24.0 V/3.0 A
JPP130PD04
+5.1 V/12.0 A
+12.0 V/6.0 A
3.3 V/12.0 A
JPP130PT01
+15.0 V/4.8 A
3.3 V/12.0 A
JPP130PT02
+24.0 V/3.0 A
3.3 V/12.0 A
JPP130PT03
+12.0 V/6.0 A
+5.0 to 24.0 V/1.0 A
JPP130PT04
+15.0 V/4.8 A
+5.0 to 24.0 V/1.0 A
JPP130PT05
+24.0 V/3.0 A
+5.0 to 24.0 V/1.0 A
JPP130PT06
+12.0 V/6.0 A
-5.0 to -24.0 V/1.0 A
JPP130PT07
+15.0 V/4.8 A
-5.0 to -24.0 V/1.0 A
JPP130PT08
+24.0 V/3.0 A
-5.0 to -24.0 V/1.0 A
JPP130PT09
+5.1 V/12.0 A
+12.0 V/6.0 A
+5.0 to 24.0 V/1.0 A
3.3 V/12.0 A
JPP130PQ01
+15.0 V/4.8 A
+5.0 to 24.0 V/1.0 A
3.3 V/12.0 A
JPP130PQ02
+24.0 V/3.0 A
+5.0 to 24.0 V/1.0 A
3.3 V/12.0 A
JPP130PQ03
+12.0 V/6.0 A
-5.0 to -24.0 V/1.0 A
3.3 V/12.0 A
JPP130PQ04
+15.0 V/4.8 A
-5.0 to -24.0 V/1.0 A
3.3 V/12.0 A
JPP130PQ05
+24.0 V/3.0 A
-5.0 to -24.0 V/1.0 A
3.3 V/12.0 A
JPP130PQ06
+12.0 V/6.0 A
+5.0 to 24.0 V/1.0 A
-5.0 to -24.0 V/1.0 A
JPP130PQ07
+15.0 V/4.8 A
+5.0 to 24.0 V/1.0 A
-5.0 to -24.0 V/1.0 A
JPP130PQ08
+24.0 V/3.0 A
+5.0 to 24.0 V/1.0 A
-5.0 to -24.0 V/1.0 A
JPP130PQ09
+5.1 V/12.0 A
+12.0 V/6.0 A
+5.0 to 24.0 V/1.0 A
-5.0 to -24.0 V/1.0 A
3.3 V/12.0 A
JPP130PM01
+15.0 V/4.8 A
+5.0 to 24.0 V/1.0 A
-5.0 to -24.0 V/1.0 A
3.3 V/12.0 A
JPP130PM02
+24.0 V/3.0 A
+5.0 to 24.0 V/1.0 A
-5.0 to -24.0 V/1.0 A
3.3 V/12.0 A
JPP130PM03
PIN CONNECTIONS
Pin
P1
P2
P3
P4(1)
1
Live
V1
-Sense (V5)
V5
2
Neutral
Com
+Sense (V5)
Com
3
-
Com
PFD signal
-
4
-
V3 or N/C
Com
-
5
-
V4 or N/C
-
-
6
-
V2 or N/C
-
-
P2 & P4 Connectors: Can accept 18-12 AWG electric wires.
P1 Mating Connector: Molex 09-50-3031 and 2878 series crimp terminals or equivalent.
P3 Mating Connector: Molex 22-01-1043 and 40445 series crimp terminals or equivalent.
Note:
1. P4 only applies to models which have an Output V5 in the
Models and Rating table.
Derating Curve
Ambient Temperature (˚C)
-10
0
20
90
65 W
45 W
10 W
130
0
10
203040
50
60
Convection Cooling
5 CFM
Forced-air Cooling
10 CFM
Forced-air Cooling
Notes
1. Minimum 10 CFM required for 130 W operation.
2. V1 and V5 combined output power not to exceed 65 W; V2, V3 and V4 combined output power not to exceed 65 W; V3 and V4 combined output power
not to exceed 30 W.
3. Adjustable range: V1 and V5 are adjustable ±10%, V3 and V4 can be trimmed 5-24 VDC and are factory-set to 12 VDC nominal.
Accessible trim pots are assigned as VR1 for V1, VR2 for V5, VR3 for V3, VR4 for V4 and V2 is fixed.
VR3 and VR4 trim pots are SMD types are located underneath PCB.
4. Minimum load of 0.8 A is required on V1 to regulate V5 where fitted.
5. PFD = TTL low gives warning of at least 10 ms before V1 output drops below 95% of nominal. This signal also provides a minimum of 100 ms delay after
V1 is within regulation.


Similar Part No. - JPP130PT02

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
JPP-21R-1000B MERRIMAC-JPP-21R-1000B Datasheet
124Kb / 2P
   QUADRAPHASE MODULATORS
JPP-21R-10B MERRIMAC-JPP-21R-10B Datasheet
124Kb / 2P
   QUADRAPHASE MODULATORS
JPP-21R-200B MERRIMAC-JPP-21R-200B Datasheet
124Kb / 2P
   QUADRAPHASE MODULATORS
JPP-21S-1200B MERRIMAC-JPP-21S-1200B Datasheet
165Kb / 2P
   QUADRAPHASE MODULATOR
JPP-21S-2500B MERRIMAC-JPP-21S-2500B Datasheet
165Kb / 2P
   QUADRAPHASE MODULATOR
More results

Similar Description - JPP130PT02

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
WT200 XPPOWER-WT200 Datasheet
82Kb / 2P
   DC-DC Power Supplies
ICH5012S2V5 XPPOWER-ICH5012S2V5 Datasheet
371Kb / 4P
   DC-DC Power Supplies
IW0503SA XPPOWER-IW0503SA Datasheet
260Kb / 2P
   DC-DC Power Supplies
JCL3012S3V3 XPPOWER-JCL3012S3V3 Datasheet
69Kb / 2P
   DC-DC Power Supplies
JPM80PS03 XPPOWER-JPM80PS03 Datasheet
420Kb / 4P
   DC-DC Power Supplies
JTB0324S3V3 XPPOWER-JTB0324S3V3 Datasheet
87Kb / 2P
   DC-DC Power Supplies
RDC40 XPPOWER-RDC40 Datasheet
463Kb / 4P
   DC-DC Power Supplies
SWX1048S1V2 XPPOWER-SWX1048S1V2 Datasheet
177Kb / 4P
   DC-DC Power Supplies
IB0503S XPPOWER-IB0503S Datasheet
53Kb / 1P
   DC-DC Power Supplies
IF0503S XPPOWER-IF0503S Datasheet
158Kb / 1P
   DC-DC Power Supplies
IL0503S XPPOWER-IL0503S Datasheet
45Kb / 1P
   DC-DC Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com