Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JCP4012S2V5 Datasheet(PDF) 2 Page - XP Power Limited

Part # JCP4012S2V5
Description  DC-DC Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JCP4012S2V5 Datasheet(HTML) 2 Page - XP Power Limited

  JCP4012S2V5 Datasheet HTML 1Page - XP Power Limited JCP4012S2V5 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
17-Apr-07
Input
Voltage
Output
Voltage
Output Current
Input Current
(2)
Efficiency
Model
Number
(1)
Min
Max
No Load
Full Load
9-18 V
2.5 V
0 A
10.00 A
200 mA
2422 mA
86%
JCP4012S2V5
3.3 V
0 A
10.00 A
200 mA
3161 mA
87%
JCP4012S3V3
5.0 V
0 A
8.80 A
200 mA
3745 mA
89%
JCP4012S05
12.0 V
0 A
3.33 A
200 mA
3703 mA
90%
JCP4012S12
15.0 V
0 A
2.66 A
200 mA
3702 mA
90%
JCP4012S15
±12.0 V
±0.09 A
±1.80 A
100 mA
4186 mA
86%
JCP4012D12
±15.0 V
±0.07 A
±1.40 A
100 mA
4070 mA
86%
JCP4012D15
3.3 V/±12.0 V
0.60 A/±0.04 A
6.00 A/±0.40 A
200 mA
2917 mA
84%
JCP4012T0312
3.3 V/±15.0 V
0.60 A/±0.03 A
6.00 A/±0.30 A
200 mA
2857 mA
84%
JCP4012T0315
5.0 V/±12.0 V
0.60 A/±0.04 A
6.00 A/±0.40 A
200 mA
3837 mA
86%
JCP4012T0512
5.0 V/±15.0 V
0.60 A/±0.03 A
6.00 A/±0.30 A
200 mA
3779 mA
86%
JCP4012T0515
18-36 V
2.5 V
0 A
10.00 A
100 mA
1184 mA
88%
JCP4024S2V5
3.3 V
0 A
10.00 A
100 mA
1545 mA
89%
JCP4024S3V3
5.0 V
0 A
8.80 A
110 mA
1831 mA
91%
JCP4024S05
12.0 V
0 A
3.33 A
100 mA
1811 mA
92%
JCP4024S12
15.0 V
0 A
2.66 A
100 mA
1810 mA
92%
JCP4024S15
±12.0 V
±0.09 A
±1.80 A
100 mA
2069 mA
87%
JCP4024D12
±15.0 V
±0.07 A
±1.40 A
100 mA
2011 mA
87%
JCP4024D15
3.3 V/±12.0 V
0.60 A/±0.04 A
6.00 A/±0.40 A
100 mA
1441 mA
85%
JCP4024T0312
3.3 V/±15.0 V
0.60 A/±0.03 A
6.00 A/±0.30 A
100 mA
1412 mA
85%
JCP4024T0315
5.0 V/±12.0 V
0.60 A/±0.04 A
6.00 A/±0.40 A
100 mA
1897 mA
87%
JCP4024T0512
5.0 V/±15.0 V
0.60 A/±0.03 A
6.00 A/±0.30 A
100 mA
1868 mA
87%
JCP4024T0515
36-75 V
2.5 V
0 A
10.00 A
50 mA
599 mA
87%
JCP4048S2V5
3.3 V
0 A
10.00 A
50 mA
781 mA
88%
JCP4048S3V3
5.0 V
0 A
8.80 A
60 mA
926 mA
90%
JCP4048S05
12.0 V
0 A
3.33 A
60 mA
916 mA
91%
JCP4048S12
15.0 V
0 A
2.66 A
60 mA
906 mA
92%
JCP4048S15
±12.0 V
±0.09 A
±1.80 A
50 mA
1034 mA
87%
JCP4048D12
±15.0 V
±0.07 A
±1.40 A
50 mA
1006 mA
87%
JCP4048D15
3.3 V/±12.0 V
0.60 A/±0.04 A
6.00 A/±0.40 A
50 mA
712 mA
86%
JCP4048T0312
3.3 V/±15.0 V
0.60 A/±0.03 A
6.00 A/±0.30 A
50 mA
698 mA
86%
JCP4048T0315
5.0 V/±12.0 V
0.60 A/±0.04 A
6.00 A/±0.40 A
50 mA
938 mA
88%
JCP4048T0512
5.0 V/±15.0 V
0.60 A/±0.03 A
6.00 A/±0.30 A
50 mA
923 mA
88%
JCP4048T0515
JCP
Models and Ratings
Notes
1. Add suffix ‘-N’ to model number for negative logic Remote On/Off.
2. Input current measured at nominal input voltage.
Mechanical Details
0.22 (5.6)
0.20 (5.1)
1.15 (29.2)
0.40 (10.2)
0.10 (2.5)
0.30 (7.6)
0.60 (15.2)
0.80 (20.3)
0.20 (5.1)
0.50 (12.7)
2.0 (50.8)
1
2
3
4
5
6
7
8
9
BOTTOM
VIEW
0.40 (10.2)
Application Notes
All dimensions are in inches (mm)
Weight: 65 g (0.14 lbs)
Derating Curve
PIN CONNECTIONS
Pin
Single
Dual
Triple
1
+V Input
+V Input
+V Input
2
-V Input
-V Input
-V Input
3
On/Off
On/Off
On/Off
4
NC
NC
+Aux. Output
5
-Sense
+V Output 1
Rtn
6
+Sense
Rtn
-Aux. Output
7
+Vout
Rtn
+V Output 1
8
Rtn
-V Output 2
Rtn
9
Trim
Trim
NC
Ambient Temperature (°C)
Natural convection, 20 ft/min (0.1 m/s)
Maximum case temperature 100 °C
-2.5%/°C
-40
-20
0
10
20
30
40
50
60
70
80
90
100
20
40
60
80
100
0
Remote On/Off Control
Standard ROF logic is positive.
Output On
>3.5 VDC or open circuit
Output Off
<1.8 VDC
Optional ROF logic is negative (‘-N’ version).
Output On
<1.8 VDC
Output Off
>3.5 VDC or open circuit
Remote Sense
If remote sense is not being used:
+Sense should be connected to +Vout
-Sense should be connected to -Vout.


Similar Part No. - JCP4012S2V5

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
JCPH1B CIT-JCPH1B Datasheet
283Kb / 3P
   CIT SWITCH
JCPH1G CIT-JCPH1G Datasheet
283Kb / 3P
   CIT SWITCH
JCPH1LB CIT-JCPH1LB Datasheet
283Kb / 3P
   CIT SWITCH
JCPH1LG CIT-JCPH1LG Datasheet
283Kb / 3P
   CIT SWITCH
JCPH1LR CIT-JCPH1LR Datasheet
283Kb / 3P
   CIT SWITCH
More results

Similar Description - JCP4012S2V5

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
WT200 XPPOWER-WT200 Datasheet
82Kb / 2P
   DC-DC Power Supplies
ICH5012S2V5 XPPOWER-ICH5012S2V5 Datasheet
371Kb / 4P
   DC-DC Power Supplies
IW0503SA XPPOWER-IW0503SA Datasheet
260Kb / 2P
   DC-DC Power Supplies
JCL3012S3V3 XPPOWER-JCL3012S3V3 Datasheet
69Kb / 2P
   DC-DC Power Supplies
JPM80PS03 XPPOWER-JPM80PS03 Datasheet
420Kb / 4P
   DC-DC Power Supplies
JTB0324S3V3 XPPOWER-JTB0324S3V3 Datasheet
87Kb / 2P
   DC-DC Power Supplies
RDC40 XPPOWER-RDC40 Datasheet
463Kb / 4P
   DC-DC Power Supplies
SWX1048S1V2 XPPOWER-SWX1048S1V2 Datasheet
177Kb / 4P
   DC-DC Power Supplies
IB0503S XPPOWER-IB0503S Datasheet
53Kb / 1P
   DC-DC Power Supplies
IF0503S XPPOWER-IF0503S Datasheet
158Kb / 1P
   DC-DC Power Supplies
IL0503S XPPOWER-IL0503S Datasheet
45Kb / 1P
   DC-DC Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com