Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EUS15-120 Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # EUS15-120
Description  BUS CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

EUS15-120 Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  EUS15-120 Datasheet HTML 1Page - Murata Power Solutions Inc. EUS15-120 Datasheet HTML 2Page - Murata Power Solutions Inc. EUS15-120 Datasheet HTML 3Page - Murata Power Solutions Inc. EUS15-120 Datasheet HTML 4Page - Murata Power Solutions Inc. EUS15-120 Datasheet HTML 5Page - Murata Power Solutions Inc. EUS15-120 Datasheet HTML 6Page - Murata Power Solutions Inc. EUS15-120 Datasheet HTML 7Page - Murata Power Solutions Inc. EUS15-120 Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Table 1
Protection Characteristics
Notes & Conditions (1)
Min
Typ.
Max
Units
Output Over-Current Shutdown
Non-Latching
21
23
25
A
Re-start rate
TBD
msec
Short Circuit Current
Peak
TBD
Ap
Over Temperature Shutdown (5)
Non-Latching
125
130
°C
Over Temperature Restart Hysteresis
10
°C
Table 2
General Specifications
Notes & Conditions (1)
Min
Typ.
Max
Units
Isolation Voltage
Input to Output
2250
Vdc
Isolation Resistance
Input to Output
10
Mohm
Storage Temperature Range
Non-condensing
-40
125
°C
Operating Temperature Range
Ambient (7)
-40
100
°C
Thermal Measurement Location Temperature (7)
See mechanical drawing for location
120
°C
Material Flammability
UL 94V-0
MTBF
Calculated (Bellcore TR-332)
1
TBD
x10
6 Hrs
Demonstrated
TBD
x10
6 Hrs
Dimension
2.28”L x 0.9”W x 0.48”H (max)
(57.9L x 22.9W x 12.19H mm max)
Weight
grams
Table 3
Standards Compliance
Notes & Conditions (6)
UL/CSA 60950
Basic Insulation
EN60950
Certified by TUV
Notes:
(1)
Vin = 48Vdc, Ta = 25 °C, Airflow = 200 LFM for all data unless otherwise noted.
(2)
Output ripple voltage and noise is specified when measured with no external capacitance.
(3)
Transient response is specified without a capacitor at the output of the converter.
(4)
Product operates with an external capacitance greater than specified. For higher values please contact a Celestica representative.
(5)
Thermal shutdown is monitored at the Thermal Measurement Location (TML). See ‘Mechanical Information’ on page 3 for TML location.
(6)
See ‘Safety Considerations’ shown on last page.
(7)
De-rating curves are conducted in a controlled environment. End application testing is required to ensure the Thermal Measurement Location
temperature is below the maximum specified.
(8)
Recommended airflow direction is from pin 1 to pin 3, or 3 to 1 (transverse airflow).
BUS CONVERTER
EUS15-120 Model


Similar Part No. - EUS15-120

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
EUS20-120 MURATA-PS-EUS20-120 Datasheet
685Kb / 7P
   Bus Converter
EUS20-120-NHARVC MURATA-PS-EUS20-120-NHARVC Datasheet
685Kb / 7P
   Bus Converter
EUS20-120-NHBRVC MURATA-PS-EUS20-120-NHBRVC Datasheet
685Kb / 7P
   Bus Converter
EUS20-120-NHCRVC MURATA-PS-EUS20-120-NHCRVC Datasheet
685Kb / 7P
   Bus Converter
EUS20-120-PHARVC MURATA-PS-EUS20-120-PHARVC Datasheet
685Kb / 7P
   Bus Converter
More results

Similar Description - EUS15-120

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
EUS25-096 MURATA-PS-EUS25-096 Datasheet
1Mb / 7P
   BUS CONVERTER
EUS30-080 MURATA-PS-EUS30-080 Datasheet
1Mb / 7P
   BUS CONVERTER
EUS20-120 MURATA-PS-EUS20-120 Datasheet
685Kb / 7P
   Bus Converter
logo
Vicor Corporation
BCM48BF120T300A00 VICOR-BCM48BF120T300A00 Datasheet
1Mb / 18P
   Bus Converter
B048F480T30 VICOR-B048F480T30_11 Datasheet
1Mb / 12P
   Bus Converter
VIB0010TFJ VICOR-VIB0010TFJ_10 Datasheet
1Mb / 17P
   Bus Converter
B048F096T24 VICOR-B048F096T24_11 Datasheet
1Mb / 12P
   Bus Converter
BCM384F480T325A00 VICOR-BCM384F480T325A00 Datasheet
1Mb / 18P
   Bus Converter
BCM48BH120M120A00 VICOR-BCM48BH120M120A00 Datasheet
1Mb / 16P
   Bus Converter
B048F240T30 VICOR-B048F240T30_12 Datasheet
1Mb / 12P
   Bus Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com