Electronic Components Datasheet Search |
|
JCA0424D03 Datasheet(PDF) 1 Page - XP Power Limited |
|
JCA0424D03 Datasheet(HTML) 1 Page - XP Power Limited |
1 / 2 page Specification 4-6 Watts • Compact 1.0” x 0.8” Metal Package • Industry Standard Pinout • 2:1 Input Range • Single & Dual Outputs • Operating Temperature -40 °C to +100 °C • 1500 VDC Isolation • UL & TUV Approved JCA04/06 Series Input Input Voltage Range • 5 V (4.5-9.0 VDC) 12 V (9-18 VDC) 24 V (18-36 VDC) 48 V (36-75 VDC) Input Current • See table Input Filter • Pi network Undervoltage Lockout • Turn On at >90-95% of rated input Turn Off at <80% of rated input Output Output Voltage • See table Intial Set Accuracy • ±1% max Start Up Delay • 200 ms max Start Up Rise Time • 3.5 ms typical Line Regulation • ±0.3% Load Regulation • ±1% Cross Regulation • ±5% on dual output models Transient Response • 4% max deviation, recovery to within 1% in <500 µs for a 25% load change at 1 A/µs Ripple & Noise • 50 mV pk-pk, 20 MHz BW Overcurrent Protection • 150% typical, trip & restart (Hiccup mode) Short Circuit Protection • Continuous with auto recovery Overvoltage Protection • 120% typical, Recycle input to reset Temperature • ±0.05%/°C Coefficient xppower.com General Efficiency • See table Isolation • 1500 VDC Input to Output, basic insulation 500 VDC Input to Case 500 VDC Output to Case MTBF • 400 kHrs to MIL-STD-217F Environmental Operating Temperature • -40 °C to +100 °C output power derates from 100% load at +75 °C linearly to 0% load at +100 °C Case Temperature • +100 °C max Storage Temperature • -55 °C to +125 °C EMC & Safety Emissions • EN55022, level A conducted & radiated (level B with external components - see application note) ESD Immunity • EN61000-4-2, level 2 Perf Criteria A Radiated Immunity • EN61000-4-3 3 V/m Perf Criteria A Conducted Immunity • EN61000-4-6 3 V rms Perf Criteria A EN61000-4-8, 10 A/m Perf Criteria A Safety Approvals • EN60950-1: 2001, UL60950-1, CSA C22.2 No. 60950-1-03, CE Mark LVD |
Similar Part No. - JCA0424D03 |
|
Similar Description - JCA0424D03 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |