Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZVA-213+ Datasheet(PDF) 2 Page - Mini-Circuits

Part # ZVA-213+
Description  Wideband Amplifier 50廓 800 MHz to 21 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZVA-213+ Datasheet(HTML) 2 Page - Mini-Circuits

  ZVA-213+ Datasheet HTML 1Page - Mini-Circuits ZVA-213+ Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ISO 9001 ISO 14001 AS 9100 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site
The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
minicircuits.com
TM
IF/RF MICROWAVE COMPONENTS
Typical Performance Data/Curves
FREQUENCY
(MHz)
GAIN
(dB)
DIRECTIVITY
(dB)
VSWR
(:1)
NOISE
FIGURE
(dB)
POUT
at 1 dB
COMPR.
(dBm)
FREQUENCY
(MHz)
IP3
(dBm)
12V
12V
IN
OUT
12V
12V
12V
ZVA-213+
GAIN
15
20
25
30
35
0
3000
6000
9000 12000 15000 18000 21000
FREQUENCY (MHz)
ZVA-213+
DIRECTIVITY
20
30
40
50
60
70
80
0
3000
6000
9000 12000 15000 18000 21000
FREQUENCY (MHz)
ZVA-213+
IP3
20
25
30
35
40
45
50
0
3000
6000
9000 12000 15000 18000 21000
FREQUENCY (MHz)
ZVA-213+
OUTPUT POWER 1-dB COMPRESSION
10
15
20
25
30
35
0
3000
6000
9000 12000 15000 18000 21000
FREQUENCY (MHz)
ZVA-213+
VSWR
1.0
1.5
2.0
2.5
0
3000
6000
9000 12000 15000 18000 21000
FREQUENCY (MHz)
IN
OUT
ZVA-213+
NOISE FIGURE
2.0
3.0
4.0
5.0
6.0
7.0
8.0
0
3000
6000
9000 12000 15000 18000 21000
FREQUENCY (MHz)
ZVA-213+
800.00
26.32
49.16
1.47
1.64
4.74
23.89
800.00
36.82
900.00
26.40
50.96
1.43
1.58
4.68
23.80
900.00
37.38
1000.00
26.45
49.60
1.40
1.53
4.66
23.67
1000.00
37.33
1100.00
26.49
54.43
1.38
1.50
4.7
23.73
2000.00
36.86
2000.00
26.83
49.44
1.27
1.28
3.91
23.95
3000.00
36.24
3000.00
26.88
54.76
1.24
1.07
3.46
24.39
4000.00
35.58
4000.00
26.87
50.02
1.23
1.21
3.19
24.80
5000.00
35.1
5000.00
26.75
50.10
1.23
1.41
2.89
25.08
6000.00
34.38
6000.00
26.68
47.03
1.26
1.46
2.74
25.04
7000.00
33.78
7000.00
26.64
49.03
1.30
1.35
2.56
25.43
8000.00
33.26
8000.00
26.53
52.49
1.34
1.17
2.49
25.34
9000.00
32.62
9000.00
26.42
59.55
1.36
1.19
2.48
25.23
10000.00
32.09
10000.00
26.23
53.89
1.36
1.39
2.63
25.09
11000.00
31.27
11000.00
26.12
54.33
1.38
1.52
2.87
24.73
12000.00
30.49
12000.00
26.28
38.47
1.37
1.37
3.25
24.14
13000.00
30.47
13000.00
26.27
56.13
1.37
1.02
3.33
23.68
14000.00
30.19
14000.00
26.03
43.11
1.40
1.38
3.14
23.31
15000.00
29.63
15000.00
26.04
44.40
1.34
1.55
3.31
23.24
16000.00
29.01
16000.00
26.21
34.69
1.12
1.36
3.26
23.06
17000.00
28.88
17000.00
25.90
33.52
1.08
1.01
3.41
22.76
18000.00
28.98
18000.00
25.12
37.12
1.16
1.37
3.72
21.65
19000.00
29.87
19000.00
24.47
36.33
1.15
1.47
4.11
20.85
19500.00
27.95
20000.00
24.06
36.02
1.27
1.27
4.06
19.74
21000.00
22.91
34.26
1.38
1.17
4.35
18.57


Similar Part No. - ZVA-213+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZVA-213UWX MINI-ZVA-213UWX Datasheet
242Kb / 4P
   Wideband Amplifier
ZVA-213UWX++ MINI-ZVA-213UWX+ Datasheet
242Kb / 4P
   Wideband Amplifier
More results

Similar Description - ZVA-213+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZX60-4016E MINI-ZX60-4016E Datasheet
255Kb / 2P
   Connectorized Amplifier 50廓, 20 MHz to 4 GHz
logo
NXP Semiconductors
BGA2870 NXP-BGA2870 Datasheet
174Kb / 18P
   MMIC wideband amplifier Internally matched to 50 廓
Rev. 2-29 April 2011
logo
Mini-Circuits
BHP-25 MINI-BHP-25 Datasheet
128Kb / 1P
   High Pass Filter 50廓 27.5 to 800 MHz
SHP-50 MINI-SHP-50 Datasheet
129Kb / 1P
   High Pass Filter 50廓 41 to 800 MHz
NHP-25 MINI-NHP-25 Datasheet
82Kb / 1P
   High Pass Filter 50廓 27.5 to 800 MHz
SHP-25 MINI-SHP-25 Datasheet
130Kb / 1P
   High Pass Filter 50廓 27.5 to 800 MHz
NHP-50 MINI-NHP-50 Datasheet
100Kb / 1P
   High Pass Filter 50廓 41 to 800 MHz
logo
Hittite Microwave Corpo...
HMC-C021 HITTITE-HMC-C021 Datasheet
279Kb / 6P
   WIDEBAND POWER AMPLIFIER MODULE, 21 - 31 GHz
logo
Mini-Circuits
ZFBT-6GW MINI-ZFBT-6GW Datasheet
204Kb / 2P
   Bias-Tee 50廓 Wideband 0.1 to 6000 MHz
logo
M/A-COM Technology Solu...
MAAM-011109 MA-COM-MAAM-011109 Datasheet
281Kb / 8P
   Wideband Amplifier 10 MHz - 40 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com