Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JCA0424S03 Datasheet(PDF) 2 Page - XP Power Limited

Part # JCA0424S03
Description  DC-DC Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JCA0424S03 Datasheet(HTML) 2 Page - XP Power Limited

  JCA0424S03 Datasheet HTML 1Page - XP Power Limited JCA0424S03 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
08-Jan-08
JCA04/06 Series
Mechanical Details
Models and Ratings
Notes
1. Nominal input voltage 5, 12, 24 or 48 VDC.
2. Input current is at nominal input voltage.
0.02
(0.5)
0.1 (2.5)
0.02 (0.5)
0.90
(22.9)
0.60
(15.2)
0.20
(5.1)
1.00
(25.4)
0.4 ±0.02
(10.0 ± 0.5)
0.15
(3.8)
23
2
22
3
16
9
14
11
0.60 (15.2)
0.09 (±0.02)
(2.4 ±0.5)
0.80 ±0.02
(20.3 ±0.5)
BOTTOM
VIEW
PIN CONNECTIONS
Pin
Single Output
Dual Output
2
-Vin
-Vin
3
-Vin
-Vin
9
No pin
Common
11
N/C
-Vout
14
+Vout
+Vout
16
-Vout
Common
22
+Vin
+Vin
23
+Vin
+Vin
Input
Voltage
(1)
Output
Voltage
Output
Current
Input Current
(2)
Efficiency
Model
Number
No Load
Full Load
4.5-9.0 VDC
3.3 VDC
1.22 A
44 mA
1000 mA
80%
JCA0405S03†^
5.0 VDC
0.80 A
66 mA
955 mA
83%
JCA0405S05†^
12.0 VDC
0.34 A
9 mA
975 mA
83%
JCA0405S12†^
15.0 VDC
0.28 A
10 mA
985 mA
85%
JCA0405S15†^
±5.0 VDC
±0.40 A
12 mA
982 mA
81%
JCA0405D01†^
±12.0 VDC
±0.17 A
34 mA
973 mA
83%
JCA0405D02†^
±15.0 VDC
±0.14 A
25 mA
998 mA
83%
JCA0405D03†^
9-18 VDC
3.3 VDC
1.22 A
38 mA
403 mA
83%
JCA0412S03†^
5.0 VDC
0.80 A
46 mA
396 mA
84%
JCA0412S05†^
12.0 VDC
0.34 A
18 mA
404 mA
84%
JCA0412S12†^
15.0 VDC
0.28 A
22 mA
416 mA
84%
JCA0412S15†^
±5.0 VDC
±0.40 A
15 mA
409 mA
82%
JCA0412D01†^
±12.0 VDC
±0.17 A
21 mA
407 mA
83%
JCA0412D02†^
±15.0 VDC
±0.14 A
25 mA
422 mA
83%
JCA0412D03†^
18-36 VDC
3.3 VDC
1.22 A
21 mA
204 mA
82%
JCA0424S03†^
5.0 VDC
0.80 A
34 mA
205 mA
80%
JCA0424S05†^
12.0 VDC
0.34 A
13 mA
205 mA
82%
JCA0424S12†^
15.0 VDC
0.28 A
13 mA
211 mA
83%
JCA0424S15†^
±5.0 VDC
±0.40 A
11 mA
207 mA
81%
JCA0424D01†^
±12.0 VDC
±0.17 A
16 mA
209 mA
81%
JCA0424D02†^
±15.0 VDC
±0.14 A
17 mA
213 mA
81%
JCA0424D03†^
36-75 VDC
3.3 VDC
1.22 A
13 mA
104 mA
80%
JCA0448S03†^
5.0 VDC
0.80 A
14 mA
104 mA
80%
JCA0448S05†^
12.0 VDC
0.34 A
6 mA
103 mA
80%
JCA0448S12†^
15.0 VDC
0.28 A
7 mA
108 mA
81%
JCA0448S15†^
±5.0 VDC
±0.40 A
7 mA
108 mA
78%
JCA0448D01†^
±12.0 VDC
±0.17 A
8 mA
107 mA
79%
JCA0448D02†^
±15.0 VDC
±0.14 A
10 mA
109 mA
80%
JCA0448D03†^
Input
Voltage
(1)
Output
Voltage
Output
Current
Input Current
(2)
Efficiency
Model
Number
No Load
Full Load
4.5-9.0 VDC
3.3 VDC
1.52 A
44 mA
1286 mA
78%
JCA0605S03†^
5.0 VDC
1.00 A
66 mA
1208 mA
82%
JCA0605S05†^
12.0 VDC
0.50 A
9 mA
1451 mA
82%
JCA0605S12†^
15.0 VDC
0.40 A
10 mA
1419 mA
84%
JCA0605S15†^
±5.0 VDC
±0.50 A
12 mA
1239 mA
81%
JCA0605D01†^
±12.0 VDC
±0.25 A
34 mA
1431 mA
83%
JCA0605D02†^
±15.0 VDC
±0.20 A
25 mA
1430 mA
83%
JCA0605D03†^
9-18 VDC
3.3 VDC
1.52 A
38 mA
505 mA
82%
JCA0612S03†^
5.0 VDC
1.00 A
46 mA
492 mA
84%
JCA0612S05†^
12.0 VDC
0.50 A
18 mA
591 mA
84%
JCA0612S12†^
15.0 VDC
0.40 A
22 mA
589 mA
85%
JCA0612S15†^
±5.0 VDC
±0.50 A
15 mA
513 mA
82%
JCA0612D01†^
±12.0 VDC
±0.25 A
21 mA
591 mA
84%
JCA0612D02†^
±15.0 VDC
±0.20 A
25 mA
597 mA
83%
JCA0612D03†^
18-36 VDC
3.3 VDC
1.52 A
21 mA
255 mA
82%
JCA0624S03†^
5.0 VDC
1.00 A
34 mA
252 mA
82%
JCA0624S05†^
12.0 VDC
0.50 A
13 mA
297 mA
84%
JCA0624S12†^
15.0 VDC
0.40 A
13 mA
297 mA
84%
JCA0624S15†^
±5.0 VDC
±0.50 A
11 mA
257 mA
81%
JCA0624D01†^
±12.0 VDC
±0.25 A
16 mA
299 mA
84%
JCA0624D02†^
±15.0 VDC
±0.20 A
17 mA
296 mA
84%
JCA0624D03†^
36-75 VDC
3.3 VDC
1.52 A
13 mA
130 mA
80%
JCA0648S03†^
5.0 VDC
1.00 A
14 mA
128 mA
81%
JCA0648S05†^
12.0 VDC
0.50 A
6 mA
149 mA
84%
JCA0648S12†^
15.0 VDC
0.40 A
7 mA
149 mA
84%
JCA0648S15†^
±5.0 VDC
±0.50 A
7 mA
131 mA
80%
JCA0648D01†^
±12.0 VDC
±0.25 A
8 mA
150 mA
83%
JCA0648D02†^
±15.0 VDC
±0.20 A
10 mA
150 mA
83%
JCA0648D03†^
Available from Farnell. See pages 204-206.
^ Available from Newark. See pages 207-208.
L
C2
C1
+Vin
-Vin
L = 8 µH
C1 = 1 µF
C2 = 22 µF
+
-
Input Filter
To meet level B conducted emissions.
Weight: 0.03 lbs (12 g)


Similar Part No. - JCA0424S03

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JCA0424S03 XPPOWER-JCA0424S03 Datasheet
378Kb / 2P
   4/6 Watts JCA Series
More results

Similar Description - JCA0424S03

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
WT200 XPPOWER-WT200 Datasheet
82Kb / 2P
   DC-DC Power Supplies
ICH5012S2V5 XPPOWER-ICH5012S2V5 Datasheet
371Kb / 4P
   DC-DC Power Supplies
IW0503SA XPPOWER-IW0503SA Datasheet
260Kb / 2P
   DC-DC Power Supplies
JCL3012S3V3 XPPOWER-JCL3012S3V3 Datasheet
69Kb / 2P
   DC-DC Power Supplies
JPM80PS03 XPPOWER-JPM80PS03 Datasheet
420Kb / 4P
   DC-DC Power Supplies
JTB0324S3V3 XPPOWER-JTB0324S3V3 Datasheet
87Kb / 2P
   DC-DC Power Supplies
RDC40 XPPOWER-RDC40 Datasheet
463Kb / 4P
   DC-DC Power Supplies
SWX1048S1V2 XPPOWER-SWX1048S1V2 Datasheet
177Kb / 4P
   DC-DC Power Supplies
IB0503S XPPOWER-IB0503S Datasheet
53Kb / 1P
   DC-DC Power Supplies
IF0503S XPPOWER-IF0503S Datasheet
158Kb / 1P
   DC-DC Power Supplies
IL0503S XPPOWER-IL0503S Datasheet
45Kb / 1P
   DC-DC Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com