Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JCF1024S2V5 Datasheet(PDF) 1 Page - XP Power Limited

Part # JCF1024S2V5
Description  DC-DC Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JCF1024S2V5 Datasheet(HTML) 1 Page - XP Power Limited

  JCF1024S2V5 Datasheet HTML 1Page - XP Power Limited JCF1024S2V5 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specification
10 Watts
2:1 Input Range
DIP-24 Metal Package
Operating Temperature -40 °C to +100 °C
High Efficiency up to 89%
1500 VDC Isolation
Input Pi Filter
Continuous Short Circuit Protection
JCF10 Series
Input
Input Voltage Range
• 24 V (18-36 VDC)
48 V (36-75 VDC)
Input Current
• See table
Input Filter
• Pi network
Undervoltage Lockout
• Turn on >71% nominal input
Turn off <67% nominal input
Output
Output Voltage
• See table
Minimum Load
• None
Line Regulation
• ±0.2%
Load Regulation
• ±0.5%
Setpoint Accuracy
• ±1.0%
Ripple & Noise
• 75 mV pk-pk, 20 MHz BW
Transient Response
• ±5% deviation recovery to within 1% in
<500 µs for a 25% step load change
Temperature
• ±0.05%/°C
Coefficient
Overvoltage Protection • On single output models only
2.5 V models: 3.9 V typical,
3.3 V models: 3.9 V typical,
5.0 V models: 6.2 V typical,
12.0 V models: 15.0 V typical
Overcurrent Protection • 110-140%
Short Circuit Protection • Trip & restart (Hiccup mode), auto recovery
xppower.com
General
Efficiency
• See table
Isolation Voltage
• 1500 VDC min
Switching Frequency
• 380 kHz typical
MTBF
• 1,000 kHrs min per MIL-HDBK-217F
Environmental
Operating Temperature • -40 °C to +100 °C (see derating curve)
Case Temperature
• +100 °C max
Storage Temperature
• -40 °C to +125 °C
Cooling
• Convection-cooled
Operating Humidity
• Up to 95% RH, non-condensing
Shock
• 30 g, half sine wave 18 ms pulse applied
3 times on each of 6 axes
Vibration
• 5-500 Hz, 3 g, for 10 mins on each
of 3 axes
EMC
Emissions
• EN55022, Level A conducted & radiated
with external components (contact
technical sales for details)
ESD Immunity
• EN61000-4-2, Level 2 Perf Criteria A
Radiated Immunity
• EN61000-4-3, 3 V/m Perf Criteria A
Conducted Immunity
• EN61000-4-6, 3 V rms Perf Criteria A


Similar Part No. - JCF1024S2V5

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
JCF ALPHAWIRE-JCF Datasheet
206Kb / 2P
   Mini 7/8??Female 쩍 NPT Mount Receptacle
More results

Similar Description - JCF1024S2V5

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
WT200 XPPOWER-WT200 Datasheet
82Kb / 2P
   DC-DC Power Supplies
ICH5012S2V5 XPPOWER-ICH5012S2V5 Datasheet
371Kb / 4P
   DC-DC Power Supplies
IW0503SA XPPOWER-IW0503SA Datasheet
260Kb / 2P
   DC-DC Power Supplies
JCL3012S3V3 XPPOWER-JCL3012S3V3 Datasheet
69Kb / 2P
   DC-DC Power Supplies
JPM80PS03 XPPOWER-JPM80PS03 Datasheet
420Kb / 4P
   DC-DC Power Supplies
JTB0324S3V3 XPPOWER-JTB0324S3V3 Datasheet
87Kb / 2P
   DC-DC Power Supplies
RDC40 XPPOWER-RDC40 Datasheet
463Kb / 4P
   DC-DC Power Supplies
SWX1048S1V2 XPPOWER-SWX1048S1V2 Datasheet
177Kb / 4P
   DC-DC Power Supplies
IB0503S XPPOWER-IB0503S Datasheet
53Kb / 1P
   DC-DC Power Supplies
IF0503S XPPOWER-IF0503S Datasheet
158Kb / 1P
   DC-DC Power Supplies
IL0503S XPPOWER-IL0503S Datasheet
45Kb / 1P
   DC-DC Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com