Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JAZ16-12S05 Datasheet(PDF) 1 Page - XP Power Limited

Part # JAZ16-12S05
Description  DC-DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JAZ16-12S05 Datasheet(HTML) 1 Page - XP Power Limited

  JAZ16-12S05 Datasheet HTML 1Page - XP Power Limited JAZ16-12S05 Datasheet HTML 2Page - XP Power Limited JAZ16-12S05 Datasheet HTML 3Page - XP Power Limited JAZ16-12S05 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specification
5-16 Amps
Industry Standard Pin-out
0.75 - 5.5 VDC Adjustable Output Versions
No Minimum Load Required
Continuous Short Circuit Protection
Input Range from 3-5.5 VDC and 9-14 VDC
UL60950 Approval
SIP and SMT Versions Available
JAZ Series
Input
Input Voltage Range
• 5 V: 3 - 5.5VDC
12 V: 9 - 14 VDC
Input Current
• See tables
Undervoltage Lockout
• 5 V:
Turn ON > 2.8 V typical
Protection
Turn OFF > 2.7 V typical
12 V: Turn ON > 8.5 V typical
Turn OFF > 8.0 V typical
(see note 2)
Input Filter
• Capacitive
Output
Output Voltage
• See tables
Output Voltage Trim
• 0.75 - 5.5 V, output is set by R Trim -
see output configuration table
Minimum Load
• No minimum load requirements
Line Regulation
• ±0.2%
Load Regulation
• ±0.5%
Setpoint Accuracy
• ±1.5%
Transient Response
• Recovery to within 1% of nominal output
voltage in 200 µS after a 25% load change
Ripple & Noise
• JAZ05/10/15: 20 mVrms, 50 mV pk-pk
JAZ05 5 V: 45 mVrms, 75 mV pk-pk
JAZ16: 30 mVrms, 75 mV pk-pk
Temperature
• 0.03% /˚C
Coefficient
Short Circuit Protection • Continuous
Overtemperature
• JAZ5/10/15: 120 ˚C typical
Protection
JAZ16: 130 ˚C typical
(measured internally on all units)
Remote On/Off
• On = Open circuit or
≥ Vin
Off = < 0.4 V
For negative logic ‘L’ option:
On = Open circuit or < 0,4 V
Off = 2.8 V < V < Vin
1
xppower.com
General
Efficiency
• See tables
Isolation Voltage
• Non-isolated
Switching Frequency
• 300 kHz typical
Packaging Style
• SIP or SMT
MTBF
• JAZ05: 1500 kHrs
JAZ10: 1450 kHrs
JAZ15: 1370 kHrs
JAZ16: 1300 kHrs
Environmental
Operating Temperature • -40 ˚C to +85 ˚C, see derating curves
Cooling
• Convection or force-cooled
Storage Temperature
• -55 ˚C to +125 ˚C
EMC & Safety
Safety Approvals
• UL60950


Similar Part No. - JAZ16-12S05

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
JAZ-15P-3 JST-JAZ-15P-3 Datasheet
2Mb / 24P
   Solder pot plug and socket DSUBMINIATURE CONNECTOR J SERIES
JAZ-15S-3 JST-JAZ-15S-3 Datasheet
2Mb / 24P
   Solder pot plug and socket DSUBMINIATURE CONNECTOR J SERIES
JAZ-15S-90-3 JST-JAZ-15S-90-3 Datasheet
2Mb / 24P
   Solder pot plug and socket DSUBMINIATURE CONNECTOR J SERIES
JAZN JST-JAZN Datasheet
229Kb / 2P
   0.4mm pitch/ Board-to-board connectors
logo
List of Unclassifed Man...
JAZZ700W ETC2-JAZZ700W Datasheet
475Kb / 2P
   The model 700W pure sinewave inverter supplies a 230VAC output voltage either from a 12V, 24V, or 48 VDC power source.
More results

Similar Description - JAZ16-12S05

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
WT200 XPPOWER-WT200 Datasheet
82Kb / 2P
   DC-DC Power Supplies
ICH5012S2V5 XPPOWER-ICH5012S2V5 Datasheet
371Kb / 4P
   DC-DC Power Supplies
IW0503SA XPPOWER-IW0503SA Datasheet
260Kb / 2P
   DC-DC Power Supplies
JCL3012S3V3 XPPOWER-JCL3012S3V3 Datasheet
69Kb / 2P
   DC-DC Power Supplies
JPM80PS03 XPPOWER-JPM80PS03 Datasheet
420Kb / 4P
   DC-DC Power Supplies
JTB0324S3V3 XPPOWER-JTB0324S3V3 Datasheet
87Kb / 2P
   DC-DC Power Supplies
RDC40 XPPOWER-RDC40 Datasheet
463Kb / 4P
   DC-DC Power Supplies
SWX1048S1V2 XPPOWER-SWX1048S1V2 Datasheet
177Kb / 4P
   DC-DC Power Supplies
IB0503S XPPOWER-IB0503S Datasheet
53Kb / 1P
   DC-DC Power Supplies
IF0503S XPPOWER-IF0503S Datasheet
158Kb / 1P
   DC-DC Power Supplies
IL0503S XPPOWER-IL0503S Datasheet
45Kb / 1P
   DC-DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com