Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICH10024S3V3 Datasheet(PDF) 4 Page - XP Power Limited

Part # ICH10024S3V3
Description  DC-DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ICH10024S3V3 Datasheet(HTML) 4 Page - XP Power Limited

  ICH10024S3V3 Datasheet HTML 1Page - XP Power Limited ICH10024S3V3 Datasheet HTML 2Page - XP Power Limited ICH10024S3V3 Datasheet HTML 3Page - XP Power Limited ICH10024S3V3 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
17-Apr-07
Derating Curves
ICH/IFH Series
0
10
20
30
40
50
60
70
80
90
100
Power Dissipated vs Ambient Temperature And Air Flow - ICH50-150S
0
5
10
15
20
25
30
35
40
45
Ambient Temperature (˚C)
Natural Convection
20ft./min. (0.1 m/s)
100 ft./min. (0.5 m/s)
200 ft./min. (1.0 m/s)
300 ft./min. (1.5 m/s)
400 ft./min. (2.0 m/s)
500 ft./min. (2.5 m/s)
600 ft./min. (3.0 m/s)
700 ft./min. (3.5 m/s)
800 ft./min. (4.0 m/s)
0
10
20
30
40
50
60
70
80
90
100
Power Dissipated vs Ambient Temperature And Air Flow - IFH200S
0
5
10
15
20
25
30
35
40
45
Ambient Temperature (C)
Natural Convection
20ft./min. (0.1 m/s)
100 ft./min. (0.5 m/s)
200 ft./min. (1.0 m/s)
300 ft./min. (1.5 m/s)
400 ft./min. (2.0 m/s)
500 ft./min. (2.5 m/s)
600 ft./min. (3.0 m/s)
700 ft./min. (3.5 m/s)
800 ft./min. (4.0 m/s)
THERMAL RESISTANCE vs AIR FLOW
Air Flow Rate
Typical Rca
Natural Convection 20 ft./min (0.1 m/s)
7.12 ˚C/W
100 ft./min (0.5 m/s)
6.21 ˚C/W
200 ft./min (1.0 m/s)
5.17 ˚C/W
300 ft./min (1.5 m/s)
4.29 ˚C/W
400 ft./min (2.0 m/s)
3.64 ˚C/W
500 ft./min (2.5 m/s)
2.96 ˚C/W
600 ft./min (3.0 m/s)
2.53 ˚C/W
700 ft./min (3.5 m/s)
2.37 ˚C/W
800 ft./min (4.0 m/s)
2.19 ˚C/W
Temperature Rise = Pd x Rca
Where Pd = Pin - Pout or Pout (1-
η) / η
Output may be trimmed by ±10% (±5% for dual output models)
with a fixed resistor or an external trimpot as shown.
ON/OFF
-Vin
A HIGH SIGNAL HERE
WILL DISABLE OUTPUT
+SENSE
-SENSE
TRIM DOWN
TRIM UP
TRIM
+SENSE
TRIM
-SENSE
10K ohms
TRIMPOT
+Vo
-Vo
Ceramic
0.1 µF
Solid tantalum
10 µF
To
Scope
Resistor
Load
Output noise is measured with a 10 µF tantalum capacitor
and 0.1 µF ceramic capacitor across output.
Application Notes
Remote On/Off Control
External Output Trimming
Output Noise
LOGIC TABLE
Logic State (Pin 2)
Negative Logic
Positive Logic
Logic Low Switch Closed
Module On
Module Off
Logic High Switch Open
Module Off
Module On


Similar Part No. - ICH10024S3V3

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
ICH10 INTEL-ICH10 Datasheet
5Mb / 840P
   Intel I/O Controller Hub 10
More results

Similar Description - ICH10024S3V3

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
WT200 XPPOWER-WT200 Datasheet
82Kb / 2P
   DC-DC Power Supplies
IW0503SA XPPOWER-IW0503SA Datasheet
260Kb / 2P
   DC-DC Power Supplies
JCL3012S3V3 XPPOWER-JCL3012S3V3 Datasheet
69Kb / 2P
   DC-DC Power Supplies
JPM80PS03 XPPOWER-JPM80PS03 Datasheet
420Kb / 4P
   DC-DC Power Supplies
JTB0324S3V3 XPPOWER-JTB0324S3V3 Datasheet
87Kb / 2P
   DC-DC Power Supplies
RDC40 XPPOWER-RDC40 Datasheet
463Kb / 4P
   DC-DC Power Supplies
SWX1048S1V2 XPPOWER-SWX1048S1V2 Datasheet
177Kb / 4P
   DC-DC Power Supplies
IB0503S XPPOWER-IB0503S Datasheet
53Kb / 1P
   DC-DC Power Supplies
IF0503S XPPOWER-IF0503S Datasheet
158Kb / 1P
   DC-DC Power Supplies
IL0503S XPPOWER-IL0503S Datasheet
45Kb / 1P
   DC-DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com