Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMSC-2-1+ Datasheet(PDF) 1 Page - Mini-Circuits

Part # ZMSC-2-1+
Description  Power Splitter/Combiner 2 Way-0 50廓 0.1 to 400 MHz
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZMSC-2-1+ Datasheet(HTML) 1 Page - Mini-Circuits

  ZMSC-2-1+ Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
L = low range [f
L to 10 fL]
M = mid range [10 f
L to fU/2]
U= upper range [f
U/2 to fU]
* At low range frequency band (f
L to 10 fL), linearly derate maximum input power by 13 dB typ.
FREQ.*
RANGE
(MHz)
ISOLATION
(dB)
INSERTION LOSS (dB)
ABOVE 3.0 dB
PHASE
UNBALANCE
(Degrees)
AMPLITUDE
UNBALANCE
(dB)
f
L-fU
L
M
U
L
M
U
L
M
U
L
M
U
Typ. Min Typ. Min Typ. Min Typ. Max. Typ. Max. Typ. Max.
Max.
Max.
Max.
Max.
Max.
Max.
0.1-400
20
15
25
20
25
20
0.2
0.5
0.4
0.75
0.6
1.0
2
3
4
0.15
0.20
0.30
ISO 9001 ISO 14001 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site
The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
RF/IF MICROWAVE COMPONENTS
minicircuits.com
ALL NE
W
ZMSC-2-1
VSWR
1.0
1.1
1.2
1.3
1.4
1.5
0
80
160
240
320
400
FREQUENCY (MHz)
#S-VSWR
#1-VSWR
#2-VSWR
ZMSC-2-1+
ZMSC-2-1
2 Way-0°
50Ω
0.1 to 400 MHz
Power Splitter/Combiner
Coaxial
Typical Performance Data
Maximum Ratings
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
Power Input (as a splitter)
1W max.
Internal Dissipation
0.125W max.
Outline Drawing
Outline Dimensions (
)
inch
mm
electrical schematic
REV. B
M118051
ZMSC-2-1
HY/TD/CP/AM
080603
A
B
C
D
E
F
G
H
1.50
1.13
1.00
.50
.155 2.345
.138
.987
38.10 28.70 25.40 12.70
3.94 59.56
3.51 25.07
J
K
L
M
N
P
S
wt
2.50
.10
.31
.75
1.19
.66
.150 grams
63.50
2.54
7.87 19.05 30.23 16.76
3.81
40.0
Features
• wideband, 0.1 to 400 MHz
• low insertion loss, 0.4 dB typ.
• good isolation, 25 dB typ.
• excellent amplitude unbalance, 0.1 dB typ.
• excellent phase unbalance, 0.2 deg. typ.
• rugged shielded case
Applications
• VHF/UHF
• federal & defense communications
• instrumentation
Coaxial Connections
SUM PORT
2
PORT 1
1
PORT 2
3
CASE STYLE: M21
Connectors Model
Price
Qty.
SMA
ZMSC-2-1(+)
$49.95
(1-9)
BRACKET (OPTION "B")
$5.00
(1+)
BRACKET (OPTION "BR")
$1.50
(1+)
ZMSC-2-1
INSERTION LOSS
3.0
3.2
3.4
3.6
3.8
4.0
0
80
160
240
320
400
FREQUENCY (MHz)
S-1(dB)
S-2(dB)
ZMSC-2-1
ISOLATION
20
25
30
35
40
45
50
0
80
160
240
320
400
FREQUENCY (MHz)
Electrical Specifications
Frequency
(MHz)
Insertion Loss
(dB)
Amplitude
Unbalance
(dB)
Isolation
(dB)
Phase
Unbalance
(deg.)
VSWR
S
VSWR
1
VSWR
2
S-1
S-2
0.10
3.06
3.06
0.00
23.90
0.00
1.08
1.22
1.22
20.00
3.10
3.10
0.00
40.27
0.01
1.06
1.04
1.04
50.00
3.12
3.12
0.00
36.43
0.06
1.07
1.04
1.03
80.00
3.17
3.17
0.00
33.60
0.07
1.07
1.03
1.03
120.00
3.19
3.19
0.00
31.10
0.09
1.08
1.04
1.04
160.00
3.24
3.24
0.01
29.49
0.10
1.08
1.05
1.05
200.00
3.27
3.26
0.01
28.45
0.11
1.08
1.07
1.07
220.00
3.25
3.23
0.02
28.06
0.16
1.08
1.08
1.08
240.00
3.31
3.30
0.01
27.86
0.12
1.09
1.09
1.10
280.00
3.34
3.32
0.02
27.46
0.14
1.10
1.12
1.13
300.00
3.34
3.31
0.03
27.27
0.14
1.10
1.13
1.14
320.00
3.34
3.31
0.03
27.10
0.18
1.12
1.15
1.16
350.00
3.50
3.47
0.03
26.74
0.17
1.14
1.18
1.19
380.00
3.47
3.43
0.04
25.77
0.10
1.18
1.21
1.22
400.00
3.47
3.43
0.04
24.93
0.12
1.21
1.23
1.24
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications.


Similar Part No. - ZMSC-2-1+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZMSC-2-1W MINI-ZMSC-2-1W Datasheet
154Kb / 1P
   Power Splitter/Combiner 2 Way-0 50廓 1 to 650 MHz
ZMSC-2-1W++ MINI-ZMSC-2-1W+ Datasheet
154Kb / 1P
   Power Splitter/Combiner 2 Way-0 50廓 1 to 650 MHz
More results

Similar Description - ZMSC-2-1+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZAPD-50 MINI-ZAPD-50 Datasheet
155Kb / 1P
   Power Splitter/Combiner 2 Way-0 50廓 4400 to 5000 MHz
ZAPD-1750 MINI-ZAPD-1750 Datasheet
162Kb / 1P
   Power Splitter/Combiner 2 Way-0 50廓 950 to 1750 MHz
ZC2PD-900 MINI-ZC2PD-900 Datasheet
203Kb / 1P
   Power Splitter/Combiner 2 Way-0 50廓 800 to 900 MHz
ZFSC-2-1W MINI-ZFSC-2-1W Datasheet
101Kb / 1P
   Power Splitter/Combiner 2 Way-0 50廓 1 to 750 MHz
ZAPD-20 MINI-ZAPD-20 Datasheet
165Kb / 1P
   Power Splitter/Combiner 2 Way-0 50廓 700 to 2000 MHz
ZFSC-2-2 MINI-ZFSC-2-2 Datasheet
102Kb / 1P
   Power Splitter/Combiner 2 Way-0 50廓 10 to 1000 MHz
ZSC-2-2 MINI-ZSC-2-2 Datasheet
222Kb / 1P
   Power Splitter/Combiner 2 Way-0 50廓 0.002 to 60 MHz
ZAPD-23 MINI-ZAPD-23 Datasheet
161Kb / 1P
   Power Splitter/Combiner 2 Way-0 50廓 700 to 2000 MHz
ZFSC-2-4 MINI-ZFSC-2-4 Datasheet
127Kb / 1P
   Power Splitter/Combiner 2 Way-0 50廓 0.2 to 1000 MHz
ZFSC-2-5 MINI-ZFSC-2-5 Datasheet
99Kb / 1P
   Power Splitter/Combiner 2 Way-0 50廓 10 to 1500 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com